|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPICE MODEL: SBR05U20LP SBR05U20LP 0.5A SBR(R) Surface Mount Super Barrier Rectifier Features NEW PRODUCT * * * * * * * Ultra Low Forward Voltage Drop Superior Reverse Avalanche Capability Patented Super Barrier Rectifier Technology Soft, Fast Switching Capability 150C Operating Junction Temperature Lead Free Finish, RoHS Compliant (Note 1) "Green" Molding Compound (No Br, Sb) Mechanical Data * * * * * * * * Case: DFN1006-2 Case Material: Molded Plastic, "Green" Molding compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: Cathode Dot Terminals: Finish - NiPdAu annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Marking Information: See Page 3 Ordering Information: See Page 3 Weight: 0.001 grams Maximum Ratings @ TA = 25C unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (See Figure 1) Non-Repetitive Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load Operating and Storage Temperature Range Symbol VRRM VRWM VRM VR(RMS) IO IFSM TJ, TSTG Value 20 14 500 5 -65 to +150 Unit V V mA A C Electrical Characteristics @ TA = 25C unless otherwise specified Characteristic Reverse Breakdown Voltage (Note 2) Symbol V(BR)R Min 20 Typ 0.34 0.25 0.39 0.31 0.47 0.43 6 1.5 Max 0.38 0.28 0.43 0.34 0.50 0.46 50 5 Unit V Test Condition IR = 50 A IF = 0.1A, TJ = 25C IF = 0.1A, TJ = 150C IF = 0.2A,TJ = 25C IF = 0.2A, TJ = 150C IF = 0.5A,TJ = 25C IF = 0.5A,TJ = 150C VR = 20V, TJ = 25 C VR = 20V, TJ = 150 C Forward Voltage Drop VF - V Leakage Current (Note 2) Notes: IR - A mA 1. RoHS revision 13.2.2003. High temperature solder exemption applied, see EU Directive Annex Note 7. 2. Short duration pulse test used to minimize self-heating effect. __________ SBR is a registered trademark of Diodes Incorporated. SBR05U20LP Rev. 2 - 2 1 of 3 www.diodes.com April 2007 (c) Diodes Incorporated SBR05U20LP NEW PRODUCT Package Outline Drawing TOP VIEW DFN1006-2 Cathode Indicator Dim A B C D Min Max Typ 0.95 1.075 1.00 0.55 0.675 0.60 0.45 0.55 0.50 0.20 0.30 0.25 0.47 0.53 0.50 0 0.05 0.03 0.40 G H G H N A R R 0.05 0.15 0.10 All Dimensions in mm B C D N SBR05U20LP Rev. 2 - 2 2 of 3 www.diodes.com April 2007 (c) Diodes Incorporated SBR05U20LP Marking, Polarity, Weight & Ordering Information Case Style NEW PRODUCT SBR05U20LP (DFN1006-2) Marking Weight 52 Top View Back View 0.001g (approx.) Ordering Information SBR05U20LP-7 3000/Tape & Reel Date Code 52 = Product Type Marking Code Dot Denotes Cathode Side Suggested Pad Layout IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated. SBR05U20LP Rev. 2 - 2 3 of 3 www.diodes.com April 2007 (c) Diodes Incorporated |
Price & Availability of SBR05U20LP |