Part Number Hot Search : 
AEQ08B48 SIT1572 BCM20738 HT3820 F0700 UM3217 EC1145 DS1401
Product Description
Full Text Search
 

To Download RSO-0505DH2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

2:1 Wide Range Voltage Input 1kVDC, 2kVD & 3kVDC Isolation UL94V-0 Package Material Continuous Short Circuit Protection with Current Foldback Low Noise No External Capacitor needed Efficiency to 83%
ECONOLINE
DC/DC-Converter
RSO Series
Capacitive Load max. F 470 470 220 100 47 470 470 220 100 47 470 470 220 100 47 470 470 220 100 47 220 220 100 47 22 220 220 100 47 22 220 220 100 47 22 220 220 100 47 22 www.recom-international.com
Selection Guide 5V, 12V, 24V and 48V Input Types
Part Number SIP8 RSO-053.3S (H2/H3) RSO-0505S (H2/H3) RSO-0509S (H2/H3) RSO-0512S (H2/H3) RSO-0515S (H2/H3) RSO-123.3S (H2/H3) RSO-1205S (H2/H3) RSO-1209S (H2/H3) RSO-1212S (H2/H3) RSO-1215S (H2/H3) RSO-243.3S (H2/H3) RSO-2405S (H2/H3) RSO-2409S (H2/H3) RSO-2412S (H2/H3) RSO-2415S (H2/H3) RSO-483.3S (H2/H3) RSO-4805S (H2/H3) RSO-4809S (H2/H3) RSO-4812S (H2/H3) RSO-4815S (H2/H3) RSO-053.3D (H2/H3) RSO-0505D (H2/H3) RSO-0509D (H2/H3) RSO-0512D (H2/H3) RSO-0515D (H2/H3) RSO-123.3D (H2/H3) RSO-1205D (H2/H3) RSO-1209D (H2/H3) RSO-1212D (H2/H3) RSO-1215D (H2/H3) RSO-243.3D (H2/H3) RSO-2405D (H2/H3) RSO-2409D (H2/H3) RSO-2412D (H2/H3) RSO-2415D (H2/H3) RSO-483.3D (H2/H3) RSO-4805D (H2/H3) RSO-4809D (H2/H3) RSO-4812D (H2/H3) RSO-4815D (H2/H3) 50 Input Voltage Range (VDC) 4.5 - 9 4.5 - 9 4.5 - 9 4.5 - 9 4.5 - 9 9 - 18 9 - 18 9 - 18 9 - 18 9 - 18 18 - 36 18 - 36 18 - 36 18 - 36 18 - 36 36 - 72 36 - 72 36 - 72 36 - 72 36 - 72 4.5 - 9 4.5 - 9 4.5 - 9 4.5 - 9 4.5 - 9 9 - 18 9 - 18 9 - 18 9 - 18 9 - 18 18 - 36 18 - 36 18 - 36 18 - 36 18 - 36 36 - 72 36 - 72 36 - 72 36 - 72 36 - 72 Rated Output Voltageat (VDC) 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 Output Current Full Load (mA) 300 200 111 83 67 300 200 111 83 67 300 200 111 83 67 300 200 111 83 67 150 100 56 42 34 150 100 56 42 34 150 100 56 42 34 150 100 56 42 34 Efficiency typ. (%) 68 73 74 75 75 69 75 78 80 80 70 78 81 83 83 70 75 78 80 80 71 74 75 76 76 76 79 80 81 81 74 77 78 80 80 70 75 78 80 80 January-2007
1 Watt SIP8 Isolated Single & Dual Output
EN-60950-1 Certified EN-60601-1 Certified (Suffix H2/H3)
ECONOLINE
DC/DC-Converter
Description
High power-density, an industrial temperature range of -40C to +85C and extra features like Remote-OnOff-control are just some of the characteristics of this converter, ideal for highly sophisticated industrialdesigns. The RSO series is available with isolation of 2kV or 3kV by chosing option "/H2" or "/H3" in which case it is also ideal for medical applications which additionally require EN-60601-1 certification.
RSO Series
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Output Ripple and Noise (20MHz limited) Operating Frequency Efficiency at Full Load No Load Power Consumption Isolation Voltage 2:1 2% typ. 0.2% max. 0.4% max. 50mVp-p max. 100kHz typ. up to 83% 50mW min. / 139mW typ. / 250mW max. (tested for 1 second) 1000VDC min. H2 2000VDC min. H3 3000VDC min. (long term isolation) see Application Notes Single 10pF min. / 40pF typ. / 60pF max. Single 5pF min. / 30pF typ. / 60pF max. Dual 120pF min. / 170pF typ. / 250pF max. Dual 5pF min. / 30pF typ. / 60pF max. >1G min. Continuous -40C to +85C (see Graph) -55C to +125C 95% RH 4.6g
Detailed Information see Application Notes chapter "MTBF"
Derating-Graph
(Ambient Temperature)
100 80
Rated Working Voltage Isolation Capacitance (1000V version) Isolation Capacitance (H2 and H3) Isolation Capacitance (1000V version) Isolation Capacitance (H2 and H3) Isolation Resistance Short Circuit Protection
Output Power (%)
60 40 30 20 0
Safe Operating Area
85 Operating Temperature C
-40
0
50
100
150
Operating Temperature Range (free air convection) Storage Temperature Range Relative Humidity Package Weight MTBF (+25C) (+85C)
}
using MIL-HDBK 217F using MIL-HDBK 217F
1685 x 10 hours 254 x 103 hours
3
Typical Characteristics
RSO-24xx
Efficiency / Load
100 80 60 40
RSO-types
2 1.5
2412 2409 Output Power (W)
100%
2405 2415
Efficiency %
20 0
1 0.75 0.5 0
0%
20%
40%
60%
80%
4.5 5
6
7
8
9
Total Output current (%)
Input Voltage (V)
www.recom-international.com
January-2007
51
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
RSO Series
3rd angle projection
8 PIN SIP Package
9.20 11.10 3.80
Single Output
Dual Output
RECOM RSO-xxxx ****
0.500.05
RECOM RSO-xxxx ****
123 5678
RECOM RSO-xxxxD ****
123 5678
0.500.05
Recommended Footprint Details
21.80 0.32
Bottom View
Pin Connections Pin #
1 2 3
2.54
1.0o+0.15/0
Single
-Vin +Vin CTRL NC +Vout -Vout NC*
Dual
-Vin +Vin CTRL NC +Vout Com -Vout
3.20 2.0 2.54
Top View
5 6 7 8
NC = No Connection NC* = NC, but no external Connection allowed. XX.X 0.5 mm XX.XX 0.25 mm
Control Pin Input Current: Voltage Set Point Accuracy with external input/output capacitors refer to recommended test circuit: Control Pin (CTRL) Input Current, control voltage applied via 1K resistor, output voltage must reduce to 0V:
10mA
typ. 1% max. 2%
Pin 3 (CTRL) This pin provides an Off function which puts the converter into a low power mode. When the pin is `high' the converter is OFF and when the pin is high `Z' the converter is ON. There is no allowed low state for this pin. Voltage to be applied via a limiting resistor with a recommended value of 1K for RSO-05xx; 3.3K for RSO-12xx; RSO-24xx and 10K for RSO-48xx. Pin 5 (NC) This pin is used internally and must have no external connection.
typ. 3mA max. 6mA
Pin 8 (NC*) No external connection allowed.
+Vin
Lin
2
6
+Vout
DC/DC Converter
-Vin 1 7
Cout
use low ESR capacitor Cout and input inductor Lin to reduce output ripple and input inrush current.
0V
Lin Cout
RS0- types RS0- types
4.7H ~ 100H 22F ~ 100F/25V
52
January-2007
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RSO-0505DH2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X