Part Number Hot Search : 
MA3F752A RC0805 84069 38000 1N5359 250N06 JS28F HGT1S
Product Description
Full Text Search
 

To Download NTE2339 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2339 Silicon NPN Transistor High Voltage, High Speed Switch
Features: D High Breakdown Voltage, High Reliability D Fast Switching Speed D Wide Safe Operating Area Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1100V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3A Peak (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10A Collector Dissipation (TC = +25C), PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Note 1. Pulse Width 300s, Duty Cycle 10%. Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain Bandwidth Product Output Capacitance Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Symbol ICBO IEBO hFE (1) hFE (2) fT Cob VBE(sat) Test Conditions VCB = 800V, IE = 0 VEB = 5V, IC = 0 VCE = 5V, IC = 200mA VCE = 5V, IC = 1A VCE = 10V, IC 200mA VCB = 10V, f = 1MHz IC = 1.5A, IB = 300mA Min - - 20 8 - - - - Typ - - - - 15 60 - - Max 10 10 40 - - - 2.0 1.5 MHz pF V V Unit A A
VCE(sat) IC = 1.5A, IB = 300mA
Electrical Characteristics (Cont'd): (TA = +25C unless otherwise specified)
Parameter Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Symbol Test Conditions Min 1100 800 7 800 - VCC = 400V, IB1 = -2.5A, IB2 =IC = 2A, RL = 200 - - Typ - - - - - - - Max - - - - 0.5 3.0 0.3 Unit V V V V s s s V(BR)CBO IC = 1mA, IE = 0 V(BR)EBO IE = 1mA, IC = 0
Collector-Emitter Breakdown Voltage V(BR)CEO IC = 5mA, RBE = Collector-Emitter Sustaining Voltage VCEX(sus) IC = 1.5A, IB1 = IB2 = 300mA, L = 2mH, Clamped Turn-On Time Storage Time Fall Time ton tstg tf
.402 (10.2) Max .224 (5.7) Max .122 (3.1) Dia .295 (7.5) .669 (17.0) Max .165 (4.2)
.173 (4.4) Max .114 (2.9) Max
B
C
E
.531 (13.5) Min
.100 (2.54)
.059 (1.5) Max
NOTE: Tab is isolated


▲Up To Search▲   

 
Price & Availability of NTE2339

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X