Part Number Hot Search : 
7070585 70012 70012 LT100 4016302 SC4626 H281010 VISHAY
Product Description
Full Text Search
 

To Download NMC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multilayer Ceramic Chip Capacitors
FEATURES * CLASS II DIELECTRIC, TEMPERATURE STABLE * EXCELLENT FREQUENCY CHARACTERISTICS, NON-LINEAR CAPACITANCE CHANGE * HIGHER CAPACITANCE THAN NPO * NICKEL BARRIER TERMINATIONS AND EXCELLENT MECHANICAL STRENGTH includes all homogeneous materials * EIA MARKING AVAILABLE
NMC Series X7R
RoHS Compliant
*See Part Number System for Details
Capacitance Range Capacitance Tolerance Operating Temperature Range Temperature Characteristics Rated Voltages Dissipation Factor insulation Resistance Dielectric Withstanding Voltage Test Conditions (EIA-198-2E) % Capacitance Change
470pF ~ 0.82F (see high CV datasheet for higher capacitance values) 5% (J), 10% (K), 20% (M) -55C ~ +125C 15% max. over temperature range (with 0 Vdc applied) 16Vdc, 25Vdc, 35Vdc, 50Vdc (see NMC-H Series for higher voltages) 2.5% max. (50Vdc, 100Vdc); 3.5% max. (16Vdc, 25Vdc) 5% max. (10Vdc) @ 1.0Vrms and 1KHz, +25C 100Gigohms min. or 1000Megohm/F min. whichever is less @ +25C 250% of Rated Voltage for 5 1 seconds, 50mA maximum current 1KHz, 1.0V 0.2Vrms Voltage Coefficient of Capacitance - X7R % Capacitance Change
Typical X7R Temperature Coefficient
Temperature C
DC Volts Applied Minimum Insulation Resistance vs. Temperature
Impedance vs. Frequency - X7R % Dissipation Factor Impedance
% Dissipation Factor vs. Temperature Insulation Resistance ( Farads)
10000
1000
100
Frequency (MHz)
Temperature C
10 10
Temperature C
25
100 125
PART NUMBER SYSTEM NMC 0805 X7R 102 K 50 TRP or TRPLP 3K F
Series
RoHS Compliant Optional Reel Qty (3K=3,000pcs) Tape & Reel (Embossed Plastic Carrier) Tape & Reel (Paper carrier) Voltage (Vdc) Capacitance Tolerance Code (see chart) Capacitance Code, expressed in pF, first 2 digits are significant, 3rd digit is no. of zeros, "R" indicates decimal for under 10pF Temperature Characteristic Size Code (see chart)
(R)
4
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Multilayer Ceramic Chip Capacitors
X7R CAPACITOR SIZE CHART (mm)
EIA Case Size Length (L) Width (W) Thickness max. (T) Termination Width (P) Capacitance 47pF ~ 91pF 100pF ~ 470pF 510pF 560pF 620pF 680pF 750pF 820pF 910pF 0.001F 0.0012F 0.0015F 0.0018F 0.0022F 0.0027F 0.0030F 0.0033F 0.0039F 0.0047F 0.0056F 0.0068F 0.0075F 0.0082F 0.01F 0.012F 0.015F 0.018F 0.022F 0.033F 0.039F 0.047F 0.056F 0.068F 0.082F 0.1F 0.15F 0.18F 0.22F 0.33F 0.39F 0.47F 0.56F 0.68F 0.82F *1.45mm maximum thickness 0201 0.60.03 0.30.03 0.30.03 0.150.05 25 0402 1.00.05 0.50.05 0.6 0.20.1 16 25
NMC Series X7R
0603 1.60.15 0.80.15 1.0 0.12 ~ 0.51 Working Voltage (Vdc) 50 10 16 25 50 100 10 0805 2.00.2 1.250.2 1.35 0.25 ~ 0.71 16 25 50 100
16
50
10
* * * * * * * * * * * * * * * * * * * * * *
*
See NMC High CV series for values above 0.82F
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
5
Multilayer Ceramic Chip Capacitors
X7R CAPACITOR SIZE CHART (mm)
EIA Case Size Length (L) Width (W) Thickness max. (T) Termination Width (P) Capacitance 150pF ~ 910pF 0.001 0.0012F 0.0015F 0.0018F 0.0022F 0.0027F 0.0033F 0.0036F 0.0039F 0.0043F 0.0047F 0.0056F 0.0068F 0.0075F 0.0082F 0.01F 0.012F 0.015F 0.018F 0.022F 0.027F 0.033F 0.036F 0.039F 0.043F 0.047F 0.056F 0.068F 0.082F 0.1F 0.12F 0.15F 0.18F 0.22F 0.27F 0.33F 0.39F 0.47F 0.56F 0.68F 0.82F * 2.20mm maximum thickness 1206 3.20.2 1.60.2 1.80 0.25 ~ 0.71
NMC Series X7R
6.3 10 16 25 50 100 10
1210 3.20.2 2.50.2 1.80 0.25~0.75 Working Voltage (Vdc) 16 25 35 50 100 10
1812 4.50.3 3.20.25 1.8 0.25 ~ 0.75 16 25
2225 5.70.4 6.350.25 1.80 0.25 ~ 1.02 50 100
50 100 25
*
*
See NMC High CV series for values above 0.82F
(R)
6
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NMC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X