Part Number Hot Search : 
MLL983B RFPP2590 MC680L N2808 A106S PMD3001D S2065K C3501
Product Description
Full Text Search
 

To Download MCR03EZPD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCR03
Resistors
Thick film rectangular resistors
MCR03 (0603 size)
Features 1) Power rating of 1 / 10W 2) Highly reliable chip resistor Ruthenium oxide dielectric offers superior resistance to the elements. 3) Electrodes not corroded by soldering Thick film makes the electrodes very strong. 4) Resin protective coating for FX, D resistors Absorbs impact, facilitates mounting. 5) ROHM resistors have approved ISO-9001 certification. Design and specifications are subject to change without notice. Carefully check the specification sheet supplied with the product before using or ordering it.
Ratings
Item Rated power Conditions Power must be derated according to the power derating curve in Figure 1 when ambient temperature exceeds 70C.
100 80
POWER LOAD (%)
Specifications 0.10W (1 / 10W) at 70C
60 40 20 0
-55
0
70
100
155
AMBIENT TEMPERATURE (C)
Fig.1 Rated voltage The voltage rating is calculated by the following equation. If the value obtained exceeds the limiting element voltage, the voltage rating is equal to the maximum operating voltage. E= Nominal resistance Operating temperature PxR E: Rated voltage (V) P: Rated power (W) R: Nominal resistance () Limiting element voltage 50V
See Table 1. -55C to +155C
Rev.D
1/5
MCR03
Resistors
Jumper type Resistance Rated current Max. 50m 1A
J (5%) FX (1%) D (0.5%) Table 1 Resistance tolerance Resistance range () 1.0 R 9.1 10 R 10M 10 R 91 (E24) 10 R 10M (E24) (E24,96) (E24,96) Resistance temperature coefficient (ppm/C) 400 200 100 100 50
Operating temperature -55C to +155C
100 R 1M (E24,96)
Before using components in circuits where they will be exposed to transients such as pulse loads (short-duration, high- level loads), be certain to evaluate the component in the mounted state. In addition, the reliability and performance of this component cannot be guaranteed if it is used with a steady state voltage that is greater than its rated voltage.
Characteristics
Item Guaranteed value Resistor type Jumper type J : 5% FX : 1% D : 0.5% Max. 50m Test conditions (JIS C 5201-1) JIS C 5201-1 4.5
Resistance Variation of resistance with temperature Overload
See Table.1 (2.0%+0.1)
JIS C 5201-1 4.8 Measurement : -55 / +25 / +125C JIS C 5201-1 4.13 Rated voltage (current) x2.5, 2s. Maximum overload voltage : 100V JIS C 5201-1 4.17 Rosin*Ethanol (25%WT) Soldering condition : 2355C Duration of immersion : 2.00.5s. JIS C 5201-1 4.18 Soldering condition : 2605C Duration of immersion : 101s. JIS C 5201-1 4.19 Test temp. : -55C to +125C 5cyc JIS C 5201-1 4.24 40C, 93%RH Test time : 1,000h to 1,048h JIS C 5201-1 4.25.1 Rated voltage (current), 70C 1.5h : ON - 0.5h : OFF Test time : 1,000h to 1,048h JIS C 5201-1 4.25.3 155C Test time : 1,000h to 1,048h JIS C 5201-1 4.29 235C, Immersion cleaning, 50.5min. Solvent : 2-propanol JIS C 5201-1 4.33
Max. 50m
Solderability
A new uniform coating of minimum of 95% of the surface being immersed and no soldering damage. (1.0%+0.05) Max. 50m No remarkable abnormality on the appearance. (1.0%+0.05) (3.0%+0.1) Max. 50m Max. 100m
Resistance to soldering heat Rapid change of temperature Damp heat, steady state
(3.0%+0.1) Endurance at 70C (3.0%+0.1) Endurance
Max. 100m
Max. 100m
(1.0%+0.05) Resistance to solvent
Max. 50m
Bend strength of the end face plating
(1.0%+0.05) Max. 50m Without mechanical damage such as breaks.
Rev.D
2/5
MCR03
Resistors
Dimensions (Unit : mm)
1
No.
2
1 2 3
Material Resistive element Silver thick film electrode Nickel electrode Sn electrode Alumina substrate Overcoating
0.30.2
3
0.450.1
0.30.2 1.60.1
5
4
4 5 6
Packaging
Reel Taping
P0 P2 P1 D0 E F B0
02 04 06 08 08 06 04
W
A
B
D
02
A0
Heat crimp cover/Tape Thick paper mount (Underside paper tape) Chip resistor Square punchout hole
T2 C
Label EIAJ ET-7200B compliant
(Unit : mm)
W
8.00.3
F
3.50.05
E
1.750.1
A0
1.10.1
B0
1.90.1
D0
1.5 +0.1 0
P0
4.00.1
P1
4.00.1
P2
2.00.05
T2
Max. 1.1
Bulk case
(Unit : mm) A B C D
Slider Shutter
120.1 36 0 -0.2
0 180 -3
+1 60 0
+1.0 9 0
130.2
1100.7
EIAJ ET-7200B compliamt
(Unit : mm)
Rev.D
3/5
MCR03
Resistors
Part designation
MCR0 3
Part No.
EZP
J FX
J
5% 1% 0.5%
Resistance tolerance Nominal resistance
Resistance code, 3 or 4 digits. 000 denotes jumper type. Resistance Resistance tolerance code D,FX J : : 4 digits 3 digits
D J is also used for jumper
Packaging Specifications Code
Part No. MCR03 Code EZP Resistance tolerance F(1%) J(5%) D(0.5%) Packaging specifications Paper tape (4mm Pitch) Reel 180mm (7in.) Basic ordering unit (pcs) 5,000
Reel (180) : JEITA ET-7200B : Standard product
Dimensions
1.80 1.75 1.70
LENGTH (mm)
1.00 JIS C 5201-1 4.4.2 SAMPLE SIZE : n=20pcs MICROMETER 0.95 0.90 0.85 0.80 0.75 0.70 0.65 1 10 100 1k 10k 100k 1M 10M 0.60 1 10 100 1k 10k 100k 1M 10M
THICKNESS (mm)
WIDTH (mm)
0.65 JIS C 5201-1 4.4.2 SAMPLE SIZE : n=20pcs MICROMETER 0.60 0.55 0.50 0.45 0.40 0.35 0.30 0.25 1 10 100 1k 10k 100k 1M 10M JIS C 5201-1 4.4.2 SAMPLE SIZE : n=20pcs MICROMETER
1.65 1.60 1.55 1.50 1.45 1.40
RESISTANCE ()
RESISTANCE ()
RESISTANCE ()
Fig.2 Dimensions (length)
Fig.3 Dimensions (width)
Fig.4 Dimensions (thickness)
Electrical characteristics
TEMPERATURE COEFICIENT (ppm / C)
6.0 4.0
DC RESISTANCE (%)
900 700 500 300 100 -100 -300 -500 -700 -900 1 10 100 1k 10k 100k 1M 10M
R/R (%)
5.0
JIS C 5201-1 4.8 SAMPLE SIZE : n=10pcs 25C / -55C 25C / 125C
JIS C 5201-1 4.5 SAMPLE SIZE : n=20pcs 20C 65%RH
4.0 3.0 2.0 1.0 0 -1.0 -2.0 -3.0 -4.0 -5.0 1 10
2.0 0 -2.0 -4.0 -6.0
JIS C 5201-1 4.13 SAMPLE SIZE : n=10pcs RATED VOLTAGE x2.5 TIMES : 2s MAXIMUM OVERLOAD VOLTAGE : 100V
1
10
100
1k
10k 100k 1M 10M
100
1k
10k 100k 1M 10M
RESISTANCE ()
RESISTANCE ()
RESISTANCE ()
Fig.5 Resistance
Fig.6 Variation of resistance with temperature
Fig.7 Overload
Rev.D
4/5
MCR03
Resistors
2.0 1.5 1.0
R/R (%)
2.0
4.0
JIS C 5201-1 4.19 SAMPLE SIZE : n=10pcs -55C / 125C 5cyc.
JIS C 5201-1 4.18 SAMPLE SIZE : n=10pcs SOLDERING CONDITION : 260C 10s
1.5 1.0
3.0 2.0
R/R (%)
JIS C 5201-1 4.24 SAMPLE SIZE : n=10pcs 40C 93%RH WITH NO LOAD 1,000h
R/R (%)
0.5 0 -0.5 -1.0 -1.5 -2.0 1 10 100 1k 10k 100k 1M 10M
0.5 0 -0.5 -1.0 -1.5 -2.0 1 10 100 1k 10k 100k 1M 10M
1.0 0 -1.0 -2.0 -3.0 -4.0 1 10 100 1k 10k 100k 1M 10M
RESISTANCE ()
RESISTANCE ()
RESISTANCE ()
Fig.8 Resistance to soldering heat
Fig.9 Rapid change of temperature
Fig.10 Damp heat, steady state
4.0 3.0 2.0
R/R (%)
4.0 JIS C 5201-1 4.25.1 SAMPLE SIZE : n=10pcs 70C 1,000h OVERLOAD : THE RATED VOLTAGE 3.0 2.0
R/R (%) R/R (%)
2.0 JIS C 5201-1 4.25.3 SAMPLE SIZE : n=10pcs 155C WITH NO LOAD 1,000h 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 1 10 100 1k 10k 100k 1M 10M -2.0 1 10 100 1k 10k 100k 1M 10M JIS C 5201-1 4.29 SAMPLE SIZE : n=10pcs IPA, 5min.
1.0 0 -1.0 -2.0 -3.0 -4.0 1 10 100 1k 10k 100k 1M 10M
1.0 0 -1.0 -2.0 -3.0 -4.0
RESISTANCE ()
RESISTANCE ()
RESISTANCE ()
Fig.11 Endurance at 70C
Fig.12 Endurance
Fig.13 Resistance to solvents
2.0 1.5 1.0
R/R (%)
JIS C 5201-1 4.33 SAMPLE SIZE : n=10pcs ENDURANCE WITH 90mm WIDTH
0.5 0 -0.5 -1.0 -1.5 -2.0 1 10 100 1k 10k 100k 1M 10M
RESISTANCE ()
Fig.14 Bend strength of the end face plating
Rev.D
5/5
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of MCR03EZPD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X