Part Number Hot Search : 
01J100 WRB1215 CM3501 2SK3488 10009 2SK3488 M74HC157 IH4812S
Product Description
Full Text Search
 

To Download MB87M3400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MB87M3400 FACTSHEET t4
U
om .c
WiMAXTM 802.16-2004 SoC aS at
w
Fujitsu has developed a cost-effective, fully integrated MAC/PHY mixed signal baseband processor for Broadband Wireless Access applications. This SoC is designed to support frequencies from 2 to 11GHz in both licensed and license-exempt bands. The Fujitsu WiMAX SoC, MB87M3400, fully complies with the IEEE 802.16-2004 standard using an OFDM PHY. The SoC can operate in TDD or FDD modes and supports all the available channel bandwidths from 1.75MHz up to 20MHz bandwidths. A programmable frequency selection generates the sample clock for any desired bandwidth. When applying
ee h
w
.D w
DMA Controller
Memory Interface
w
w
w
t a .D
64 QAM modulation in a 20MHz channel and using all 192 sub-carriers, the SoC's coded data rate can go up to 75 Mbps. Uplink sub-channelisation is supported as defined in the standard. The SoC's integrated ARM-926 RISC engine implements 802.16 upper layer MAC, scheduler, drivers, protocol
WiMAX SoC block diagram
S a
e h
U t4 e
stacks, and user application software. A multi-channel DMA controller handles high-speed transactions among various agents on a highperformance bus. To offload processing from the upper layer MAC and enhance performance, the Fujitsu WiMAX SoC includes a separate ARC RISC/DSP engine to execute 802.16 lower layer MAC functions. The chip's multiple hardware-based encryption/ decryption engines are tightly coupled with this lower layer MAC processor and can be enabled to provide full security for the MAC privacy sub-layer.
.c
m o
Peripherals UMAC RISC Engine Radio Control & Measurement
Peripherals Interface
Memory Controller
Radio Control
Network Interface
AGC Ethernet Controller LMAC RISC/DSP Engine External Processor Interface
External Processor Interface (optional)
OFDM PHY & FEC
Figure 1, A simplified block diagram of the Fujitsu WiMAX SoC, MB87M3400, shows the dual processors and main hardware blocks that implement a complete PHY-to-MAC wireless MAN solution
w
w
w
.D
a
aS t
ee h
4U t
om .c
Radio Interface
>>
MB87M3400 FACTSHEET
Features
Full compliance with the IEEE
802.16-2004 standard
Support for both subscriber
stations and base stations for TDD or FDD applications High-performance modulation capabilities for complete versatility: * 256-OFDM PHY with 64 QAM, 16 QAM, QPSK, and BPSK modulation * Uplink sub-channelisation for 16 sub-channels Flexible configuration for easy system integration: * High-performance ADC and DAC for flexible baseband interfacing * Automatic frequency control (AFC) with integrated DAC

* Dynamic frequency selection (DFS) with integrated ADC * Integrated ADC for transmit and receive power measurements * Rich set of integrated peripherals and RF control * Programmable automatic gain control (AGC) for supporting a broad range of RF attenuators Security implementation based on DES, AES/CCM encryption/ decryption Dual RISC processors for implementing upper and lower layer MAC Integrated memory controller and DMA controller Integrated Ethernet engine for network interface 436 BGA package Complete reference design with software and radio solution
System Applications The Fujitsu WiMAX SoC suits several types of applications: BWA systems compliant with WiMAX specifications * Low-cost subscriber stations * Enterprise CPEs * Base stations 2 to 11GHz licensed and licenseexempt bands Suitable independent frequency bands at 2.5, 3.5, 3.6 or 5.8GHz Half-FDD / full-FDD or TDD applications Two Fujitsu WiMAX SoCs work together to implement full-duplex FDD applications. The SoC can also work with an external processor to enhance performance in demanding base-station applications.
RS232C ARM Debug Port
RJ45
Temp. Sensor
Xfmr
Ethernet 100/10 PHY
RS-232C ARC Debug Port
12C GPIO RF Logic Control RX & TX Power Detect AGC Control
SDRAM
Radio Module
ADC ADC
ARX_I_IN ARX_Q_IN TX_I Analog TX_Q Analog
FLASH ADC ADC DAC DAC
MB87M3400 Fujitsu Chip
DAC DAC
FS Clock
DDS
Clock SPI
Control
Power Module
20MHz Ref. Clock
VCTCXO
Figure 2, TDD or HDX FDD Reference Board Evaluation System
PowerPC Debug Port
FLASH
MB87M3400 Fujitsu Chip
Clock FS Clock DSI
TX Radio
DDR SDRAM
Temp. Sensor
I 2C
PowerPC MPS8560
MB87M3400 Fujitsu Chip
Clock DDS Clock SPI Control FS Clock
RX Radio
Network Interface
DDS OTCXO
PowerPC Module (MPC8560)
Figure 3, Full Duplex FDD Reference Board Evaluation System
Reference Designs Complete reference designs are available for various purposes. The process toward certification by the WiMAX ForumTM is underway for the full-system version. This reference design includes all the software and hardware required for a cost-effective system solution. Reference Design Hardware Platforms Several hardware platforms are available with the performing chip, software, and system verification. The reference board evaluation system for subscriber stations (Figure 2) can be configured to support either TDD or HDX FDD, depending on the radio selection. The simplified base station evaluation system (Figure 3) provides an example of a full duplex FDD implementation using an external processor. The key features of the evaluation boards include:
RF port interface for third-party
MAC portability to different RTOSes
radio
Radio module Network interface On-board memory On-board control using SPI, I2C,
and GPIO Debug port interfaces RS232C interface port External power supply interface Reference Design Software Platform Major features of the Fujitsu 802.16 software platform include the following: Compliance with the IEEE 802.162004 standard specification MAC security sub-layer for subscriber station authentication and data encryption Multiple service class support to differentiate service quality
Dynamic service management to
activate service class when needed
The typical 802.16 software platform available from Fujitsu contains the following components: Host software (which runs on either the on-chip ARM9 or external processor) with the following sub-components: * Board support packages (BSPs) for popular operating systems * RTOS wrapper * Device drivers, such as Ethernet, I2C, SPI, and UART * BS or SS management and application * 802.16 upper layer MAC * 802.16 PHY service access point and lower layer MAC (PSAP/LMAC) firmware (which runs on the on-chip ARC processor) As shown in the overview of Fujitsu's software platform (Figure 4), the
>>
MB87M3400 FACTSHEET
802.16 upper layer MAC accesses the OFDM PHY through PSAP/LMAC firmware running on the onchip ARCtangent core. In addition to providing PHY access primitives, the PSAP/LMAC firmware includes some 802.16 lower layer MAC functionality to offload tasks from the upper layer MAC. This functionality includes encryption/decryption engines and a CRC checker/inserter. Fujitsu provides the BSP and device drivers for the supported operating systems, as well as the RTOS wrapper, thus simplifying the porting of the complete software suite to any operating system supported by Fujitsu. Fujitsu's 802.16 upper layer MAC can also be replaced with a third-party component. Fujitsu provides the full API and interface specifications to enable third parties to develop upper layer MAC components. Fujitsu also provides the PSAP/LMAC firmware for BS and SS applications. The upper layer MAC, coupled with the PSAP/LMAC firmware, make up the complete 802.16 protocol stack.
The Fujitsu WiMAX 802.16-2004 SoC BS or SS Management RTOS API Network API MAC Management API
RTOS Wrapper TCP / UDP / IP 802.16 Upper MAC RTOS Bridge
Other device drivers
Ethernet Driver
802.16 Lower MAC
IP Network
OFDM PHY
Figure 4, Overview of Fujitsu's Software Architecture
Certification and Compliance Fujitsu has designed the MB87M3400 wireless MAN SoC to comply with the IEEE 802.16-2004 standard and intends to certify systems according to WiMAX profiles. More information on the IEEE 802.16 standard for broadband wireless access and the WiMAX Forum is available at www.wimaxforum.org and
www.ieee802.org/16. For more information on Fujitsu's broadband wireless SoC, please address e-mail to wimax@fme.fujitsu.com
WiMAX Forum is a trademark of the WiMAX Forum. All other product names and company names mentioned herein are the trademarks or registered trademarks of their respective firms.
Copyright (c) 2005 Fujitsu Microelectronics America, Inc. All Rights Reserved.
emea.fujitsu.com/microelectronics
Fujitsu Microelectronics Europe
Germany
Fujitsu Microelectronics Europe GmbH Frankfurter Ring 211 D-80807 Munchen Phone: +49 (0)89 32 37 80 Fax: +49 (0)89 32 37 81 00
France
Fujitsu Microelectronics Europe GmbH 105 rue Jules Guesde F-92300 Levallois Perret Phone: +33 (0)1 55 21 00 40 Fax: +33 (0)1 55 21 00 41
x
Fujitsu Microelectronics Europe GmbH Am Siebenstein 6-10 D-63303 Dreieich-Buchschlag Phone: +49 (0)61 03 69 00 Fax: +49 (0)61 03 69 01 22
Italy
Fujitsu Microelectronics Europe GmbH Palazzo Pitagora - Milano 3 City Via Ludovico il Moro 4B I-20080 Basiglio, Milano Phone: +39 02 90 45 02 1 Fax: +39 02 90 75 00 87
United Kingdom
FME-WIMAX-1005 Fujitsu Microelectronics Europe GmbH Network House, Norreys Drive Maidenhead Berkshire SL6 4FJ Phone: +44 (0)1628 50 46 00 Fax: +44 (0)1628 50 46 66


▲Up To Search▲   

 
Price & Availability of MB87M3400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X