Part Number Hot Search : 
SFH615 1N166 C68HC908 KS0759 X2864BP ZTX327 8C547 LC75342M
Product Description
Full Text Search
 

To Download LX9501G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LX9501G
TM (R)
Input Cable Assembly
PRODUCTION DATA SHEET
DESCRIPTION
KEY FEATURES
WWW .Microsemi .C OM
The LX9501G is an input-connector cable assembly that is used to connect Microsemi's standard line of backlight inverter products. The connector housing is interconnectable and compatible with PC boards mounted with the Molex* 53261 series 8-pin SMT header. The housing and phosphor bronze tin plated pins are crimp-terminated to 18-inch
(457mm) lengths of UL1061 AWG#26 wire. This cable assembly is designed to save users the job of obtaining housing, pin, wire, and crimp-tools in addition to the assembly of an evaluation board. It is also the same cable assembly provided with inverter samples that utilize the Molex* wire-to-board connectors.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
Used for Interconnection of Backlight Inverter Connector (Molex 53261) to Power, Ground, and Control Signal Generous 18-inch (457mm) Lead Length to accommodate Most Applications Pre-Stripped Ends Facilitate Ease of Hook-up Leads Color-Coded for Quick and Accurate Termination Wire is 300 Volt Rated to 80C, PVC Insulated and is Stranded in a 7X #34 Configuration RoHS Compliant / Pb-Free
PRODUCT HIGHLIGHT
Strip & Retain 0.125in. 0.020
3.17mm 0.50
1
2
3
4
5
6
7
8
PIN 1 18.000in. 0.250
457.20mm 6.35
Item
1 2 3 4 5 6 7 8
Description
Molex* 51021 Series Molex* 50079 Series UL 1061, 26 AWG, Red Wire UL 1061, 26 AWG, Black Wire UL 1061, 26 AWG, Orange Wire UL 1061, 26 AWG, Green Wire UL 1061, 26 AWG, White Wire UL 1061, 26 AWG, Violet Wire
Pin #
1 2 3 4 5 6 7 8
Color Coding
Red Red Black Black
LX9501G LX9501G
Orange Green White Violet
* Molex is a Registered Trademark of Molex, Inc.
MODEL ORDER INFO
RoHS Compliant / Pb-free
LX9501G
Copyright (c) 2000 Rev. 1.0,2005-11-18
Microsemi
Integrated Products Division 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1


▲Up To Search▲   

 
Price & Availability of LX9501G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X