Part Number Hot Search : 
KSC2690O RLZ22 ADF4108 09016 IRF83 ZMM5227 L3223 LFB32E3
Product Description
Full Text Search
 

To Download LBAT54HT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Schottky Barrier Diodes
These Schottky barrier diodes are designed for high speed switching applications, circuit protection, and voltage clamping. Extremely low forward voltage reduces conduction loss. Miniature surface mount package is excellent for hand held and portable applications where space is limited. * Extremely Fast Switching Speed * Low Forward Voltage -- 0.35 Volts (Typ) @ I F = 10 mAdc * Device Marking: JV Pb-Free Package May be Available. The G.Suffix Denotes a Pb-Free Lead Finish
LBAT54HT1
1
2
SOD-323
ODERING INFORMATION
Device LBAT54HT1 LBAT54HT1G Package SOD-323 SOD-323 Shipping 3000/Tape & Reel 3000/Tape & Reel 1 CATHODE Value 30 Unit V 2 ANODE
MAXIMUM RATINGS (TJ =125C unless otherwise noted )
Rating Reverse Voltage Symbol VR
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board,* TA = 25C Derate above 25C Thermal Resistance Junction to Ambient Junction and Storage Temperature
* FR-4 Minimum Pad
Symbol PD
Max 200 1.57 635 150
Unit mW mW/C C/W C
RJA TJ , Tstg
ELECTRICAL CHARACTERISTICS (T A = 25C unless otherwise noted) (EACH DIODE)
Characteristic Reverse Breakdown Voltage (I R = 10 A) Total Capacitance (V R = 1.0 V, f = 1.0 MHz) Reverse Leakage (V R = 25 V) Forward Voltage (I F = 0.1 mAdc) Forward Voltage (I F = 0.15 mAdc) Forward Voltage (I F = 0.15 mAdc, Tj =-25C) Forward Voltage (I F = 0.15 mAdc, Tj =85C) Forward Voltage (I F = 30 mAdc) Forward Voltage (I F = 100 mAdc) Reverse Recovery Time (I F = I R = 10 mAdc, I R(REC) = 1.0 mAdc, Figure 1) Forward Voltage (I F = 1.0 mAdc) Forward Voltage (I F = 10 mAdc) Forward Current (DC) Repetitive Peak Forward Current Non-Repetitive Peak Forward Current (t < 1.0 s) Symbol V(BR)R CT IR VF VF VF VF VF VF trr VF VF IF IFRM IFSM Min 30 -- -- -- -- -- -- -- -- -- -- -- -- -- -- Typ -- 7.6 0.5 0.22 0.24 0.33 0.16 0.41 0.52 -- 0.29 0.35 -- -- -- Max -- 10 2.0 0.24 0.26 0.35 0.18 0.5 1.0 5.0 0.32 0.40 200 300 600 Unit Volts pF Adc Vdc Vdc Vdc Vdc Vdc Vdc ns Vdc Vdc mAdc mAdc mAdc
LBAT54HT1-1/3
LESHAN RADIO COMPANY, LTD.
LBAT54HT1
+10 V 820 2.0 k 0.1F tr tp 10% t IF t rr t
100 H
IF
0.1 F
50 OUTPUT PULSE GENERATOR
DUT
50 INPUT SAMPLING OSCILLOSCOPE
90%
i
R(REC)
= 1.0 mA
INPUT SIGNAL V
R
IR
OUTPUT PULSE (I F = I R = 10 mA; MEASURED at i R(REC) = 1.0 mA)
Notes: 1. A 2.0 k variable resistor adjusted for a Forward Current (I F ) of 10mA. Notes: 2. Input pulse is adjusted so I R(peak) is equal to 10mA. Notes: 3. t p t rr
Figure 1. Recovery Time Equivalent Test Circuit
TYPICAL CHARACTERISTICS
100 1000 100
I F , FORWARD CURRENT (mA)
- 40C
10
150C
I R , REVERSE CURRENT (A)
10
1.0
125C
1.0
0.1
85C
25C
-25C
-55C
0.01
0.1 0.0 0.1 0.2 0.3 0.4 0.5 0.6
0.001 0 5 10 15 20 25 30
V F , FORWARD VOLTAGE (VOLTS)
V R , REVERSE VOLTAGE (VOLTS)
Figure 2. Forward Voltage
Figure 3. Leakage Current
14
C T , TOATAL CAPACITANCE (pF)
12 10 8 6 4 2 0 0 5 10 15 20 25 30
V R , REVERSE VOLTAGE (VOLTS)
Figure 4. Total Capacitance
LBAT54HT1-2/3
LESHAN RADIO COMPANY, LTD.
LBAT54HT1
SOD-323
K A 1 D B
E
2
C
0.63 0.02'' 1.60 0.063" 2.85 0.112'' 0.83 0.033'' mm inches
J
H
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS MILLIMETERS MIN 1.60 1.15 0.80 0.25 0.15 REF 0.00 0.089 2.30 0.10 0.177 2.70 MAX 1.80 1.35 1.00 0.40 INCHES MIN MAX 0.063 0.071 0.045 0.053 0.031 0.039 0.010 0.016 0.006 REF 0.000 0.004 0.0035 0.0070 0.091 0.106
DIM A B C D E H J K
PIN:1:CATHODE 2:ANODE
LBAT54HT1-3/3


▲Up To Search▲   

 
Price & Availability of LBAT54HT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X