Part Number Hot Search : 
MAX5088 SF3008PT KFF6169A 2SJ588 1N2977BR NMF0513D T8110 VPA18
Product Description
Full Text Search
 

To Download KBU40006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
KBU400 - KBU410
Pb
4.0A SINGLE-PHASE BRIDGE RECTIFIER
Features
! Diffused Junction A
KBU Dim Min Max 22.70 23.70 A 3.60 4.10 B 4.20 4.70 C 1.70 2.20 D 10.30 11.30 E 4.50 5.60 G 4.60 5.60 H 25.40 -- J -- 19.30 K 16.80 17.80 L 6.60 7.10 M 4.10 4.60 N 1.20 1.30 P All Dimensions in mm
! Low Forward Voltage Drop B C ! High Current Capability D ! High Reliability ! High Surge Current Capability KL ! Ideal for Printed Circuit Boards -~~+ E ! Recognized File # E157705 J
Mechanical Data
! ! ! ! ! ! ! Case: KBU, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 8.0 grams (approx.) Mounting Position: Any Mounting Torque: 10 cm-kg (8.8 in-lbs) Max. Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4 H M
G
N P
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. KBU 400 50 35
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TC = 100C
Symbol VRRM VRWM VR VR(RMS) IO
KBU 401 100 70
KBU 402 200 140
KBU 404 400 280 4.0
KBU 406 600 420
KBU 408 800 560
KBU 410 1000 700
Unit
V V A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage per leg Peak Reverse Current At Rated DC Blocking Voltage @IF = 2.0A @TA = 25C @TA = 125C
IFSM VFM IR RJA RJL Tj, TSTG
200 1.0 5.0 1.0 19 4.0 -65 to +150
A V A mA C/W C/W C
Typical Thermal Resistance per leg (Note 2) Typical Thermal Resistance per leg (Note 1) Operating and Storage Temperature Range
Note: 1. Mounted on 50 x 40 x 8.0mm Al. plate. 2. Mounted on PCB at 9.5mm lead length with 12mm2 copper pad.
KBU400 - KBU410
1 of 4
(c) 2006 Won-Top Electronics
I(AV), AVERAGE FWD RECTIFIED CURRENT (A)
5
10 IF, INSTANTANEOUS FWD CURRENT (A)
Resistive or Inductive load
4
1.0
3
2
0.1
1
Tj = 25 C Pulse Width = 300 s
0 25 50 75 100 125 150 TC, CASE TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve
0.01 0.4 0.8 0.2 0.6 1.0 1.2 1.4 VF, INSTANTANEOUS FWD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element 0
250 IFSM, PEAK FWD SURGE CURRENT (A)
Tj = 150 C Single Half-Sine-Wave (JEDEC Method)
1000
Tj = 25 C f = 1 Mhz
200
Cj, CAPACITANCE (pF)
150
100
100
50
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current
IR, INSTANTANEOUS REVERSE CURRENT ( A) 1000
10
100
0.1
1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
100
100
10
Tj = 100 C
1.0
0.1
Tj = 25 C
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
KBU400 - KBU410
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
WTE KBU 4xx - AC +
WTE KBU4xx xx Polarity = Manufacturer's Logo = Device Number = 00, 01, 02, 04, 06, 08 or 10 = As Marked on Body
PACKAGING INFORMATION
BULK
Inner Box Size L x W x H (mm) 268 x 227 x 51 Quantity (PCS) 400 Carton Size L x W x H (mm) 463 x 283 x 185 Quantity (PCS) 2,400 Approx. Gross Weight (KG) 20.5
Note: 1. Paper box, white or brown color.
KBU400 - KBU410
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
KBU400 KBU401 KBU402 KBU404 KBU406 KBU408 KBU410
1. 2.
Package Type
SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge
Shipping Quantity
400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, KBU400-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
KBU400 - KBU410
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of KBU40006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X