Part Number Hot Search : 
UPB8282C MMJT9435 AP430206 AD578KN 87C51F ISL611 LB1922 FCH47N6
Product Description
Full Text Search
 

To Download IRFN140SMD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAB
MECHANICAL DATA Dimensions in mm (inches)
SEME
IRFN140SMD
N-CHANNEL POWER MOSFET
3 .6 0 (0 .1 4 2 ) M ax.
0 .8 9 (0 .0 3 5 ) m in . 3 .7 0 (0 .1 4 6 ) 3 .7 0 (0 .1 4 6 ) 3 .4 1 (0 .1 3 4 ) 3 .4 1 (0 .1 3 4 ) 4 .1 4 (0 .1 6 3 ) 3 .8 4 (0 .1 5 1 )
1
3
0 .7 6 (0 .0 3 0 ) m in .
VDSS ID(cont) RDS(on)
FEATURES
100V 13.9A W 0.077W
1 0 .6 9 (0 .4 2 1 ) 1 0 .3 9 (0 .4 0 9 )
2
1 6 .0 2 (0 .6 3 1 ) 1 5 .7 3 (0 .6 1 9 )
* HERMETICALLY SEALED SURFACE MOUNT PACKAGE * SMALL FOOTPRINT - EFFICIENT USE OF PCB SPACE.
9 .6 9 .3 1 1 .5 1 1 .2
7 (0 8 (0 8 (0 8 (0
.3 8 .3 6 .4 5 .4 4
1)
9) 6) 4)
0 .5 0 (0 .0 2 0 ) 0 .2 6 (0 .0 1 0 )
* SIMPLE DRIVE REQUIREMENTS * LIGHTWEIGHT * HIGH PACKING DENSITIES
SMD1 - Surface Mount Package
Pad 1 - Source Pad 2 - Drain Pad 3 - Gate
Note: IRFxxxSM also available with pins 1 and 3 reversed.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VGS ID ID IDM PD EAS dv/dt TJ , Tstg TL RqJC RqJ-PCB Gate - Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current 1 Power Dissipation @ Tcase = 25C Linear Derating Factor Single Pulse Avalanche Energy Peak Diode Recovery 3 Operating and Storage Temperature Range Package Mounting Surface Temperature (for 5 sec) Thermal Resistance Junction to Case Thermal Resistance Junction to PCB (Typical)
2
20V (VGS = 0 , Tcase = 25C) (VGS = 0 , Tcase = 100C) 22A 13.9A 88A 75W 0.6W/C 250mJ 5.5V/ns -55 to 150C 300C 1.67C/W 4C/W
Notes 1) Pulse Test: Pulse Width 300ms, d 2% 2) @ VDD = 25V , L 0.8mH , RG = 25W , Peak IL = 22A , Starting TJ = 25C 3) @ ISD 22A , di/dt 170A/ms , VDD BVDSS , TJ 150C , SUGGESTED RG = 9.1W
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 7/00
LAB
ELECTRICAL CHARACTERISTICS (Tamb = 25C unless otherwise stated)
Parameter
BVDSS STATIC ELECTRICAL RATINGS Drain - Source Breakdown Voltage
SEME
IRFN140SMD
Test Conditions
VGS = 0 ID = 1mA VGS = 10V VGS = 10V VDS = VGS
1
Min.
100
Typ.
Max.
Unit
V
ID = 1mA
DBVDSS Temperature Coefficient of DTJ Breakdown Voltage
RDS(on) Static Drain - Source On-State Resistance
1
Reference to 25C ID = 13.9A ID = 22A ID = 250mA IDS = 13.9A VDS = 0.8BVDSS TJ = 125C VGS = 20V VGS = -20V VGS = 0 VDS = 25V f = 1MHz VGS = 10V VDS = 0.5BVDSS ID = 22A
1
0.13 0.077 0.125 2 9.1 25 250 100 -100 1660 550 120 4
V / C
W
V S(W )W(
VGS(th) Gate Threshold Voltage gfs IDSS IGSS IGSS Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf IS ISM VSD trr Qrr ton LD LS Forward Transconductance
VDS 15V VGS = 0
Zero Gate Voltage Drain Current Forward Gate - Source Leakage Reverse Gate - Source Leakage DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge 1 Gate - Source Charge 1 Gate - Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time
mA
nA
pF
ID = 22A
30 2.4 12
59 12 30.7 21 145 64 105 22 88
nC nC
VDS = 0.5BVDSS VDD = 50V ID = 22A RG = 9.1W
ns
SOURCE - DRAIN DIODE CHARACTERISTICS Continuous Source Current Pulse Source Current
2
A V ns
Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
IS = 22A VGS = 0 IF = 22A
TJ = 25C TJ = 25C Negligible 0.8 2.8
1.5 400 2.9
di / dt 100A/ms VDD 50V
mC
PACKAGE CHARACTERISTICS Internal Drain Inductance (from centre of drain pad to die) Internal Source Inductance (from centre of source pad to end of source bond wire)
nH
Notes 1) Pulse Test: Pulse Width 300ms, d 2% 2) Repetitive Rating - Pulse width limited by maximum junction temperature.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 7/00


▲Up To Search▲   

 
Price & Availability of IRFN140SMD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X