|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Technical Data Sheet 5mm Infrared LED , T-1 3/4 IR2383C Features High reliability High radiant intensity Peak wavelength f p=940nm 2.54mm Lead spacing Low forward voltage Descriptions EVERLIGHT'S Infrared Emitting Diode(IR2383C) is a high intensity diode , molded in a water clear plastic package. The device is spectrally matched with phototransistor , photodiode and infrared receiver module. Applications Free air transmission system Infrared remote control units with high power requirement Printer Infrared applied system Device Selection Guide LED Part No. IR Chip Material GaAlAs Lens Color Water clear Everlight Electronics Co., Ltd. Device NoG DIR-238-062 www..com www..com http:\\www.everlight.com Prepared dateG 04-16-2003 Rev 1.2 www..com Page: 1 of 7 Prepared byG Jaine Tsai IR2383C Package Dimensions Notes: 1.All dimensions are in millimeters 2.Tolerances unless dimensions O 0.25mm Absolute Maximum Ratings (Ta=25J Parameter Continuous Forward Current Peak Forward Current Reverse Voltage Operating Temperature Storage Temperature Soldering Temperature Power Dissipation at(or below) 25J Free Air Temperature Symbol IF IFP VR Topr Tstg Tsol Pd ) Rating 100 1.0 5 -40 ~ +85 -40 ~ +85 260 150 Units mA A V J J J mW 1%. Notes: *1:IFP Conditions--Pulse WidthO *2:Soldering timeO 5 seconds. 100g s and DutyO Everlight Electronics Co., Ltd. Device NoG DIR-238-062 http:\\www.everlight.com Prepared dateG 04-16-2003 Rev 1.2 Page: 2 of 7 Prepared byG Jaine Tsai IR2383C Electro-Optical Characteristics (Ta=25J Parameter Symbol ) Min. 11 1% 1%. Condition IF=20mA IF=100mA Pulse WidthO Pulse WidthO 100g s ,DutyO Typ. 24 140 950 940 45 1.2 Max. -----1.5 1.8 4.0 10 -- Units Radiant Intensity Ee ----- mW/sr IF=1A 100g s ,DutyO Peak Wavelength Spectral Bandwidth f p Gf IF=20mA IF=20mA IF=20mA IF=100mA nm nm Forward Voltage VF Pulse WidthO Pulse WidthO 100g s ,DutyO 1% 1%. ----- 1.4 2.6 -15 V IF=1A 100g s ,DutyO Reverse Current View Angle IR 2c 1/2 VR=5V IF=20mA g A deg Rank ConditionG IF=20mA UnitG mW/sr Bin Number Min Max N 11.0 17.6 P 15.0 24.0 Q 21.0 34.0 Everlight Electronics Co., Ltd. Device NoG DIR-238-062 http:\\www.everlight.com Prepared dateG 04-16-2003 Rev 1.2 Page: 3 of 7 Prepared byG Jaine Tsai IR2383C Typical Electro-Optical Characteristics Curves Fig.1 Forward Current vs. Ambient Temperature 140 120 100 80 60 40 20 0 Fig.2 Spectral Distribution 100 80 60 40 20 0 IF=20mA Ta=25X C -40 -20 0 20 40 60 80 100 Fig.3 Peak Emission Wavelength Ambient Temperature Fig.4 Forward Current vs. Forward Voltage 980 10 4 960 10 940 3 10 920 2 900 -25 1 10 0 25 50 75 100 0 1 2 3 4 Everlight Electronics Co., Ltd. Device NoG DIR-238-062 http:\\www.everlight.com Prepared dateG 04-16-2003 Rev 1.2 Page: 4 of 7 Prepared byG Jaine Tsai IR2383C Typical Electro-Optical Characteristics Curves Fig.5 Relative Intensity vs. Forward Current Fig.6 Relative Radiant Intensity vs. Angular Displacement 1000 Ie-Radiant Intensity(mW/sr) -20 -10 0 10 20 30 100 1.0 40 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4 0.6 0.9 0.8 0.7 10 1 10 0 10 1 10 2 10 3 10 4 IF-Forward Current (mA) Fig.7 Relative Intensity vs. Ambient Temperature(X Fig.8 Forward Current vs. Ambient Temperature(X C) C) 30 Ie-Radiant Intensity (mW/sr) 1.3 IF=20mA 20 1.2 IF=20mA 10 1.1 0 25 50 75 100 120 1 25 50 75 100 120 Everlight Electronics Co., Ltd. Device NoG DIR-238-062 http:\\www.everlight.com Prepared dateG 04-16-2003 Rev 1.2 Page: 5 of 7 Prepared byG Jaine Tsai IR2383C Reliability Test Item And Condition The reliability of products shall be satisfied with items listed below. Confidence levelG 90% LTPDG 10% NO. Item Test Conditions Test Hours/ Sample Cycles Sizes 5J 10secs 22pcs 22pcs IRU UN 2 EeO LN 0.8 VFU U N 1. 2 UG Upper 22pcs 22pcs 22pcs 22pcs Specification Limit LG Lower Specification Limit 0/1 0/1 0/1 0/1 Failure Judgement Criteria Ac/Re 1 Solder Heat TEMP.G 260JO 0/1 0/1 2 Temperature Cycle H : +85J L : -55J 3 Thermal Shock H :+100J L :-10J 4 High Temperature Storage 5 Low Temperature Storage 30mins 50Cycles 5mins 30mins 5mins 50Cycles 10secs 5mins 1000hrs 1000hrs 1000hrs 1000hrs 22pcs 0/1 TEMP.G +100J TEMP.G -55J 6 DC Operating Life IF=20mA 7 High Temperature/ 85J / 85% R.H High Humidity Everlight Electronics Co., Ltd. Device NoG DIR-238-062 http:\\www.everlight.com Prepared dateG 04-16-2003 Rev 1.2 Page: 6 of 7 Prepared byG Jaine Tsai IR2383C Packing Quantity Specification 1.500PCS/1BagA 6Bags/1Box 2.10Boxes/1Carton Label Form Specification CPN: Customer's Production Number P/N : Production Number QTY: Packing Quantity CAT: Ranks HUE: Peak Wavelength REF: Reference LOT No: Lot Number MADE IN TAIWAN: Production Place IR2383C Notes 1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent. EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com Everlight Electronics Co., Ltd. Device NoG DIR-238-062 http:\\www.everlight.com Prepared dateG 04-16-2003 Rev 1.2 Page: 7 of 7 Prepared byG Jaine Tsai |
Price & Availability of IR2383C |