Part Number Hot Search : 
C3360 FS1610BH 4S1071 GS81032A 63168 1N6108A MSU2031 1N494
Product Description
Full Text Search
 

To Download IDTQS34XST257 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDTQS34XST257 HIGH-SPEED CMOS SYNCHROSWITCH 32:16 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH(R) PRODUCTS IDTQS34XST257 HIGH-SPEED CMOS SYNCHROSWITCHTM 32:16 MUX/ DEMUX WITH ACTIVE TERMINATORS
FEATURES:
- - - - - - - - - - - - - Enhanced N channel FET with no inherent diode to Vcc Bidirectional signal flow Flow-through pinout Zero propagation delay, zero ground bounce 16 banks of 2:1 Mux/Demux Port select synchronous to the clock Clock enable and Asynchronous enable "Bus-hold" terminators on the Demux side Undershoot clamp diodes on all switch and control pins Asynchronous SEL option Break-before-make feature Available in 80-pin MillipaQ (Q3) Bus-hold eliminates floating bus lines and reduces static power consumption
DESCRIPTION:
The QS34XST257 is a high-speed CMOS quad 32:16 multiplexer/ demultiplexer with active terminators (bus-hold circuits) on the demux side. It is organized as four independent quad 2:1 mux/demux blocks. Port selection and connection, controlled by SEL signals, can be either asynchronous or synchronous. In the synchronous mode, the A or B port to Y port connection is updated on the rising edge of the input clock CLK. Once the port-to-port connection is made, data flow can be bi-directional with a typical 250ps propagation delay through the switch. Clock Enable, overriding Asynchronous Enable, and Asynchronous Select controls provide additional design flexibility. The bus-hold circuits latch the last data driven on the demux side, providing infinite hold time and glitch-free signal transitions. Synchronous controls and bus-hold ease timing constraints in many high speed data mux/ demux applications, such as bank interleaving. The QS34XST257 is available in the space-saving, 80-pin dual-in-line MillipaQ package. The QS34XST257 is characterized for operation at -40C to +85C.
APPLICATIONS:
- Memory Interleaving
FUNCTIONAL BLOCK DIAGRAM
R =
T
SELn CLKn CLKENn OEn SYNCn CO NTROL LOGIC
An0 Yn0
T
Bn0
T
An1 Yn1
T
Bn1
T
An2 Yn2
T
Bn2
T
An3 Yn3
T
Bn3
T
NOTE: One of four blocks shown.
INDUSTRIAL TEMPERATURE RANGE
1
c 1999 Integrated Device Technology, Inc.
NOVEMBER 1999
DSC-5532/-
IDTQS34XST257 HIGH-SPEED CMOS SYNCHROSWITCH 32:16 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
NC A00 A01 A02 A03 B00 B01 B02 B03 G ND NC A10 A11 A12 A13 B10 B11 B12 B13 G ND NC A20 A21 A22 A23 B20 B21 B22 B23 G ND NC A30 A31 A32 A33 B30 B31 B32 B33 G ND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 Vcc O E0 SEL0 Y00 Y01 Y02 Y03 CLKEN0 CLK0 SYN C0 Vcc O E1 SEL1 Y10 Y11 Y12 Y13 CLKEN1 CLK1 SYN C1 Vcc O E2 SEL2 Y20 Y21 Y22 Y23 CLKEN2 CLK2 SYN C2 Vcc O E3 SEL3 Y30 Y31 Y32 Y33 CLKEN3 CLK3 SYN C3
ABSOLUTE MAXIMUM RATINGS
Symbol VTERM(2) VTERM(3) VTERM(3) VAC IOUT PMAX TSTG Description Supply Voltage to Ground DC Switch Voltage VS DC Input Voltage VIN AC Input Voltage (pulse width 20ns) DC Output Current Maximum Power Dissipation (TA = 85C) Storage Temperature
(1) Unit V V V V mA W C
Max. - 0.5 to +7 - 0.5 to +7 - 0.5 to +7 -3 120 1.16 - 65 to +150
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. Vcc Terminals. 3. All terminals except Vcc.
CAPACITANCE
(TA = +25OC, f = 1.0MHz, VIN = 0V, VOUT = 0V)
Pins Control Inputs Quickswitch Channels (Switch OFF) Demux Mux Typ. 4 5 7 Max. (1) 5 7 9 Unit pF pF pF
NOTE: 1. This parameter is guaranteed at characterization but not tested.
PIN DESCRIPTION
Pin Names An0 - An3 Bn0 - Bn3 Yn0 - Yn3 SELn CLKn CLKENn OEn SYNCn I/O I/O I/O I/O I I I I I Description Demux Port A Demux Port B Mux Port Y Select Input Clock Clock Enable Output Enable Synchronous Selection Enable
MILLIPAQ TOP VIEW 2
IDTQS34XST257 HIGH-SPEED CMOS SYNCHROSWITCH 32:16 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
FUNCTION TABLE(1)
Control Inputs SYNC L L L L L H H H OEn L L H L H L L H CLKn X X X CLKENn L L L H H X X X SELn L H X X X L H X An0 Bn0 Yn0 An0 Bn0 Yn1 An1 Bn1 Port Status Yn2 An2 Bn2 Yn3 An3 Bn3 Select Port A Select Port B Hold Previous Data (2) (Switch OFF) Hold Previous Mux connection (3) (Switch ON) Hold Previous Data (4) (Switch OFF) An3 Bn3 Select Port A Select Port B Hold Previous Data (Switch OFF) Function
No change in Mux connection No change in Mux connection No change in Mux connection An1 Bn1 An2 Bn2
No change in Mux connection
NOTES: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care = Low-to-High Transition 2. Mux switches are turned off and the terminators (last value latches) hold the previous data state. The port connection can be changed by the SEL input. 3. The contents of the "Mux select register" are unchanged and the previous Mux connection is unchanged. The output (Mux port) data state will depend on the present data state of the input (Demux port). 4. The contents of the "Mux select register" are unchanged and the last value latches hold the previous data state.
CONTROL LOGIC (1)
1 2:1 MUX SE Ln 0 D Q 0 2:1 MUX 1 C LK EN n C LK n SYN C n OEn To Port A Sw itches To Port B Sw itches
NOTE: 1. One of four blocks.
3
IDTQS34XST257 HIGH-SPEED CMOS SYNCHROSWITCH 32:16 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 10%
Symbol VIH VIL IIN RON IBHL IBHH IBH Parameter Input HIGH Voltage Input LOW Voltage Input Leakage Current (Control Inputs) Switch On Resistance (2) Input Hold Current (3,4) (A or B port) Input Current (6) A and B port Test Conditions Guaranteed Logic HIGH for Control Pins Guaranteed Logic LOW for Control Pins 0V VIN Vcc Vcc = Min., VIN = 0V, ION = 30mA Vcc = Min., VIN = 2.4V, ION = 15mA Vcc = Min. Switch OFF Vcc = Max. VIN = 0.8V VIN = 2V VIN = 0V or Vcc 0.8 < VIN < 2V Min. 2 -- -- -- -- 60 Typ.(1) -- -- 0.01 7 10 -- -- -- -- Max. -- 0.8 1 9 13 -- -- 20 500(5) A A Unit V V A
- 60
-- --
NOTES: 1. Typical values are at VCC = 5.0V, TA = 25C. 2. Measured by voltage drop between A/B and Y pin at indicated current through the switch. 3. IBHL is the minimum sustaining "sink" current at the input for VIN = 0.8V. This parameter signifies the latching capability of the bus-hold circuit in logic LOW state. 4. IBHH is the minimum sustaining "source" current at the input for VIN = 2V. This parameter signifies the latching capability of the bus-hold circuit in logic HIGH state. 5. An external driver must provide at least IBH during transition to guarantee that the bus-hold input will change states. 6. IBH is the magnitude of the input current specified under two conditions: a) Input voltage at GND or Vcc. This indicates the input current under steady-state condition. b) Input voltage between 0.8V and 2V (TTL input threshold range). This indicates the maximum input current during transient condition. The driver connected to the input must overcome this current requirement in order to switch the logic state of the bus-hold circuit.
TYPICAL ON RESISTANCE vs VIN AT VCC = 5V
16
RON
(ohms)
14 12 10 8 6 4 2 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
VIN
(Volts)
4
IDTQS34XST257 HIGH-SPEED CMOS SYNCHROSWITCH 32:16 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICCQ ICC ICCD Parameter Quiescent Power Supply Current Power Supply Current per Control Input HIGH (2) Dynamic Power Supply Current per MHz(3) Test Conditions(1) VCC = Max., VCTRL = GND or Vcc, f = 0 VCC = Max., VIN = 3.4V, f = 0 VCC = Max., A/B and Y pins open Control Input Toggling at 50% Duty Cycle Max. 12 1.5 0.25 Unit mA mA mA/MHz
NOTES: 1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics. 2. Per TLL driven control inputs. A/B and Y pins do not contribute to Icc. 3. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The A/B and Y inputs generate no significant AC or DC currents as they transition. This parameter is guaranteed but not production tested.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40C to +85C, VCC = 5.0V 10% CLOAD = 50pF, RLOAD = 500 unless otherwise noted.
Symbol tPLH tPHL tSEC tHEC tCSO tASO tW tSCS tHCS tPZL tPZH tPLZ tPHZ Parameter Data Propagation Delay (1,2) A/B to Y, Y to A/B Clock Enable to Clock Setup Time Clock Enable to Clock Hold Time Clock to A, B Switch Turn-On Delay (3) Asynchronous Select to A, B Switch Turn-On Delay (3) Clock Pulse Width HIGH Clock to SEL Setup Time Clock to SEL Hold Time Asynchronous Enable to Switch Turn-On Delay (3) Asynchronous Enable to Switch Turn-Off Delay (1,3) Min. -- 3 0 0.5 0.5 3 3 0 1.5 1.5 Typ. 0.25 -- -- -- -- -- -- -- -- -- Max. -- -- -- 7 7 -- -- -- 5.2 4.8 Unit
ns ns ns ns ns ns ns ns ns ns
NOTES: 1. This parameter is guaranteed but not tested. 2. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constraint for the switch alone is of the order of 0.25ns for CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side. 3. Minimums guaranteed but not tested.
5
IDTQS34XST257 HIGH-SPEED CMOS SYNCHROSWITCH 32:16 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
TIMING WAVEFORMS - SYNCHRONOUS MODE, DEMUX FUNCTION
SYNC tSEC tHEC CLK EN
CLK tSCS tHCS SEL tSC S tHCS
OE
Port Y
DATA 0
DATA 1 tPLH , tPHL
DATA 2
tCSO Port A INVALID D ATA DATA 0 DATA 1 HOLD PR EVIOUS DATA, DATA 1 tPLH , tPHL tCSO Port B INVALID D ATA DATA 1 DATA 2 HOLD PR EVIOUS DATA, DATA 2
6
IDTQS34XST257 HIGH-SPEED CMOS SYNCHROSWITCH 32:16 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
TIMING WAVEFORMS - SYNCHRONOUS MODE, MUX FUNCTION
SY NC tSEC tHEC CLKEN
CLK tSCS tHCS tSCS tHCS
SEL0, SE L1
Port A
DATA1
DATA2
Port D
INV ALID D ATA tCSO tPLH, tPH L tCSO
DATA3
DATA4
tPLH, tPHL DATA3 DATA4
Port Y
INVALID D ATA
DAT A1
DATA2
7
IDTQS34XST257 HIGH-SPEED CMOS SYNCHROSWITCH 32:16 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
TIMING WAVEFORMS - ASYNCHRONOUS MODE, MUX FUNCTION
SYNC
SEL
OE
P o rt A
IN V A L I D DATA
DATA1 tP L H , tP H L
DATA2 tP L H , tP H L
P o rt B IN V A L I D D A T A DATA3 tP L Z , tP H Z DATA3 tP Z L , tP Z H
tA S O P o rt Y IN V A L I D D A T A DATA1 DATA2
DATA3
8
IDTQS34XST257 HIGH-SPEED CMOS SYNCHROSWITCH 32:16 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
ACTIVE TERMINATOR OR BUS-HOLD CIRCUIT
The Active Terminator circuit, also known as the bus-hold circuit, is configured as a "weak latch" with positive feedback. When connected to a TTL or CMOS input port, the bus-hold circuit holds the last logic state at the input when the input is "disconnected" from the driver. When the output of a device connected to such an input attempts a logic level transition, it will overdrive the bus-hold circuit. The primary benefit of a bus-hold circuit is that it prevents CMOS inputs from floating, a situation which should be avoided to prevent spurious switching of inputs and unnecessary power dissipation. Bus-hold is a better solution than the traditional approach of using resistive termination to Vcc or GND to prevent bus floating, because the bus-hold circuit does not consume any static power.
V-I CHARACTERISTICS OF BUS-HOLD CIRCUIT
IBH
+500
Sinking Current (+)
IBHL IBH IBHH Sourcing Current (-)
+60 +20 - 20 - 60
+60 IBHL
VT
Voltage +20 IBH - 20 IBH - 60 IBHL Vcc
VIL
VIH
IBH
- 500
0.8V
2V
VT Threshold Voltage 1.5V VIL .8 VIH 2V
This figure shows the input V-I characteristics of a typical bus-hold implementation. The input characteristics resemble a resistor. As the input voltage is increased from 0 volts, the input "sink" current increases linearly. When the TTL threshold of the circuit is reached (typically 1.5 volts), the latch changes the logic state due to positive feedback and the direction of the current is reversed. As the input voltage is further increased towards Vcc, the input "source" current begins to decrease, reaching the lowest level at VIN = Vcc.
9
IDTQS34XST257 HIGH-SPEED CMOS SYNCHROSWITCH 32:16 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDTQS XXXXX Device Type XX Package X Process
Blank
Extended Commercial (-40C to +85C )
Q3
150 mil MillipaQ
34XST257
High Speed CMOS SynchroSwitch 32:16 Mux/Demux with Active Terminators
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com*
*To search for sales office near you, please click the sales button found on our home page or dial the 800# above and press 2. The IDT logo, QuickSwitch, and SynchroSwitch are registered trademarks of Integrated Device Technology, Inc.
10


▲Up To Search▲   

 
Price & Availability of IDTQS34XST257

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X