Part Number Hot Search : 
PWR4011C CZTA7710 UF202G A2200 A1150 S3P9404 78M24C 02227
Product Description
Full Text Search
 

To Download I74F00D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74F00 Quad 2-input NAND gate
Product specification IC15 Data Handbook 1990 Oct 04
Philips Semiconductors
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74F00
FEATURE
* Industrial temperature range available (-40C to +85C)
TYPE TYPICAL PROPAGATION DELAY 3.4ns TYPICAL SUPPLY CURRENT (TOTAL) 4.4mA
PIN CONFIGURATION
D0a D0b Q0 D1a D1b Q1 GND 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC D3b D3a Q3 D2b D2a Q2
74F00
SF00001
ORDERING INFORMATION
ORDER CODE DESCRIPTION 14-pin plastic DIP 14-pin plastic SO COMMERCIAL RANGE VCC = 5V 10%, Tamb = 0C to +70C N74F00N N74F00D INDUSTRIAL RANGE VCC = 5V 10%, Tamb = -40C to +85C I74F00N I74F00D PKG DWG # SOT27-1 SOT108-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS Dna, Dnb Data inputs DESCRIPTION 74F (U.L.) HIGH/LOW 1.0/1.0 LOAD VALUE HIGH/LOW 20A/0.6mA 1.0mA/20mA
Qn Data output 50/33 NOTE: One (1.0) FAST unit load is defined as: 20A in the high state and 0.6mA in the low state.
LOGIC DIAGRAM
D0a D0b D1a D1b D2a D2b VCC = Pin 14 GND = Pin 7 D3a D3b 1 2 4 5 9 10 12 13 11 3 Q0
FUNCTION TABLE
INPUTS Dna L L
8 Q2
OUTPUT Dnb L H L Qn H H H L
6
Q1
H
Q3
SF00002
H H NOTES: H = High voltage level L = Low voltage level
LOGIC SYMBOL
IEC/IEEE SYMBOL
1 1 2 4 5 9 10 12 13 2
&
3
4 6 D0a D0bD1a D1b D2a D2b D3a D3b 5
9 Q0 Q1 Q2 Q3 8 10
12 3 VCC = Pin 14 GND = Pin 7 6 8 11 11 13
SF00003
SF00004
October 4, 1990
2
853-0325 00623
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74F00
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the operating free air temperature range.) SYMBOL VCC VIN IIN VOUT IOUT Tamb Tstg Supply voltage Input voltage Input current Voltage applied to output in high output state Current applied to output in low output state Operating free air temperature range Commercial range Industrial range Storage temperature range PARAMETER RATING -0.5 to +7.0 -0.5 to +7.0 -30 to +5 -0.5 to VCC 40 0 to +70 -40 to +85 -65 to +150 UNIT V V mA V mA C C C
RECOMMENDED OPERATING CONDITIONS
SYMBOL PARAMETER MIN VCC VIH VIL IIk IOH IOL Tamb Supply voltage High-level input voltage Low-level input voltage Input clamp current High-level output current Low-level output current Operating free air temperature range Commercial range Industrial range 0 -40 4.5 2.0 0.8 -18 -1 20 +70 +85 LIMITS NOM 5.0 MAX 5.5 V V V mA mA mA C C UNIT
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.) SYMBOL VOH VOL VIK II IIH IIL IOS ICC PARAMETER High-level output voltage TEST CONDITIONS1 MIN VCC = MIN, VIL = MAX VIH = MIN, IOH = MAX Low-level output voltage VCC = MIN, VIL = MAX VIH = MIN, IOl = MAX Input clamp voltage Input current at maximum input voltage High-level input current Low-level input current Short-circuit output current3 Supply current (total) ICCH ICCL VCC = MIN, II = IIK VCC = MAX, VI = 7.0V VCC = MAX, VI = 2.7V VCC = MAX, VI = 0.5V VCC = MAX VCC = MAX VCC = MAX VIN = GND VIN = 4.5V -60 1.9 6.8 10%VCC 5%VCC 10%VCC 5%VCC 2.5 2.7 3.4 0.30 0.30 -0.73 0.50 0.50 -1.2 100 20 -0.6 -150 2.8 10.2 LIMITS TYP2 MAX V V V V V A A mA mA mA UNIT
mA NOTES: 1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type. 2. All typical values are at VCC = 5V, Tamb = 25C. 3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any sequence of parameter tests, IOS tests should be performed last.
October 4, 1990
3
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74F00
AC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL PARAMETER TEST CONDITION VCC = +5.0V Tamb = +25C CL = 50pF, RL = 500 MIN tPLH tPHL Propagation delay Dna, Dnb to Qn Waveform 1 2.4 2.0 TYP 3.7 3.2 MAX 5.0 4.3 VCC = +5.0V 10% Tamb = 0C to +70C CL = 50pF, RL = 500 MIN 2.4 2.0 MAX 6.0 5.3 VCC = +5.0V 10% Tamb = -40C to +85C CL = 50pF, RL = 500 MIN 2.0 1.5 MAX 6.5 6.0 ns UNIT
AC WAVEFORMS
For all waveforms, VM = 1.5V.
Dna, Dnb
VM tPHL
VM tPLH
Qn
VM
VM
SF00005
Waveform 1. Propagation delay for inverting outputs
TEST CIRCUIT AND WAVEFORM
VCC NEGATIVE PULSE VIN PULSE GENERATOR RT D.U.T. VOUT 90% VM 10% tTHL (tf ) CL RL tw VM 10% tTLH (tr ) 0V 90% AMP (V)
tTLH (tr ) 90% POSITIVE PULSE VM 10% tw
tTHL (tf ) AMP (V) 90% VM 10% 0V
Test Circuit for Totem-Pole Outputs DEFINITIONS: RL = Load resistor; see AC ELECTRICAL CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC ELECTRICAL CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
Input Pulse Definition INPUT PULSE REQUIREMENTS family amplitude VM 74F 3.0V 1.5V rep. rate 1MHz tw 500ns tTLH 2.5ns tTHL 2.5ns
SF00006
October 4, 1990
4
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74F00
DIP14: plastic dual in-line package; 14 leads (300 mil)
SOT27-1
1990 Oct 04
5
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74F00
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
1990 Oct 04
6
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74F00
NOTES
1990 Oct 04
7
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74F00
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 10-98 9397-750-05051
Philips Semiconductors
yyyy mmm dd 8


▲Up To Search▲   

 
Price & Availability of I74F00D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X