Part Number Hot Search : 
RF2705 UFT10250 07590 HV518 VIT3080C TOP101AI AS2520 4016R
Product Description
Full Text Search
 

To Download HSMG-L640 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Lensed Chip LEDs Technical Data
HSMA-L640 HSMC-L640 HSMH-L640 HSMG-L640
Features
* High Brightness AlInGaP Material (HSMA & HSMC) * Various Colors Available * Compatible with IR Solder Process * Narrow Viewing Angle * Small 3.0 x 1.5 mm Package * Available in 8 mm Tape on 7" (180 mm) Diameter Reels
Description
The HSMx-L640 is a Chip LED with an integrated lens. The lens concentrates the emitted light into a narrow viewing angle, which has the effect of doubling the on-axis intensity. These LEDs are optimum for light piping, backlighting buttons and switches, and applications, where as much flux as possible is required on axis. The available colors are AlInGap Amber, AlInGap Red, AlGaAs Red and GaP Green. The 3.0 x 1.5 mm package closely matches industry standard sizes for chip capacitors which makes it compatible with automated pick and place equipment. This package is compatible with IR and convective reflow soldering processes.
Applications
* * * * Keypad Backlighting Light Piping LCD Backlighting Front Panel Indicator
Device Selection Guide
AS AlInGaP Product Part Number HSMA-L640 HSMC-L640 GaP Product Part Number HSMG-L640 AlGaAs Product Part Number HSMH-L640 Color Amber 590 nm Red 626 nm Package Description Untinted, Non-diffused Untinted, Non-diffused
Color Green 571 nm
Package Description Untinted, Non-diffused
Color Red 639 nm
Package Description Untinted, Non-diffused
2
Package Dimensions
1.5 1.5 0.6 1.3
3
2
1.8
1.6
CATHODE MARK
TOLERANCES: 0.2 mm
Notes: 1. Dimensions are in millimeters. 2. Tolerance, 0.2 mm
Absolute Maximum Ratings at TA = 25C
Parameter DC Forward Current[3][4][5] Power Dissipation Reverse Current VR = 5 V Operating Temperature Range Storage Temperature Range[6] HSMA/C-L640 30 81 100 -30 to +85 -40 to +100 HSG/H-L640 25 65 100 -30 to +85 -40 to +100 Units mA mW A C C
Notes: 3. Derate linearly as shown in Figure 4. 4. Drive currents between 1 mA and the specified maximum DC forward current are recommended for best long term performance. 5. Operating at currents below 1 mA is not recommended. Please contact your Agilent representative for further information. 6. Maximum temperature for tape and reel packaging is 60C.
Optical Characteristics at TA = 25C
Luminous Intensity I V (mcd) @IF 20 mA[7] Min. Typ. 63 130 63 100 10 18 10 32 Peak Wavelength peak (nm) Typ. 592 635 570 650 Color, Dominant Wavelength d[8] (nm) Typ. 590 626 572 639 Viewing Angle 21/2 Degrees[9] Typ. 70 70 70 70
Part Number HSMA-L640 HSMC-L640 HSMG-L640 HSMH-L640
Color AS AlInGaP Amber AS AlInGaP Red GaP Green AlGaAs Red
Notes: 7. The luminous intensity, I V, is measured at the peak of the spatial radiation pattern. 8. The dominant wavelength, d, is derived from the CIE Chromaticity diagram, and represents the perceived color of the device. 9. 1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
3
Electrical Characteristics at TA = 25C
Forward Voltage VF (Volts) @ I F = 20 mA Typ. Max. 2.02 2.40 1.90 2.20 1.80 2.40 2.60 2.20 Reverse Breakdown VR (Volts) @ IR = 100 A Min. 5 5 5 5 Capacitance C (pF) VF = 0 f = 1 MHz Typ. 40.0 40.0 8.0 4.5 Thermal Resistance RJ-PIN (C/W) Typ. 500 500 475 475
Part Number HSMA-L640 HSMC-L640 HSMG-L640 HSMH-L640
Color AS AlInGaP Amber AS AlInGaP Red GaP Green AlGaAs Red
1.0
GREEN AlInGaP AMBER
AlGaAs RED
RELATIVE INTENSITY
AlInGaP RED
0.5
0 500
550
600
650
700
750
WAVELENGTH - nm
Figure 1. Relative Intensity vs. Wavelength.
100
IF - FORWARD CURRENT - mA
AS AllnGaP AlGaAs 10
1
GaP GREEN
0.1 1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
VF - FORWARD VOLTAGE - V
Figure 2. Forward Current vs. Forward Voltage.
4
1.4
RELATIVE LUMINOUS INTENSITY (NORMALIZED AT 20 mA)
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25
LUMINOUS INTENSITY (NORMALIZED AT 20 mA)
1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30
IF - FORWARD CURRENT - mA
IDC - DC FORWARD CURRENT - mA
Figure 3a. Relative Luminous Intensity vs. DC Forward Current for AlInGaP.
Figure 3b. Relative Luminous Intensity vs. DC Forward Current for GaP and AlGaAs.
35
IF - FORWARD CURRENT - mA
30
30 25 20 15 10 5 0 0 20 40 60 80 100
IF - FORWARD CURRENT - mA
25 20 15 10 5 0
0
20
40
60
80
100
TA - AMBIENT TEMPERATURE - C
TA - AMBIENT TEMPERATURE - C
Figure 4a. Maximum DC Current vs. Ambient Temperature for AlInGaP.
Figure 4a. Maximum DC Current vs. Ambient Temperature for AlGaAs and GaP.
5
Light Intensity (Iv) Bin Limits[1]
Bin ID A B C D E F G H J K L M Intensity Min. 0.11 0.18 0.29 0.45 0.72 1.10 1.80 2.80 4.50 7.20 11.20 18.00 (mcd) Max. 0.18 0.29 0.45 0.72 1.10 1.80 2.80 4.50 7.20 11.20 18.00 28.50 Bin ID N P Q R S T U V W X Y Intensity Min. 28.50 45.00 71.50 112.50 180.00 285.00 450.00 715.00 1125.00 1800.00 2850.00 (mcd) Max. 45.00 71.50 112.50 180.00 285.00 450.00 715.00 1125.00 1800.00 2850.00 4500.00
Tolerance: 15% Note: 1. Bin categories are established for classification of products. Products may not be available in all categories. Please contact your Agilent representative for information on currently available bins.
Color Bin Limits[1] Amber Color Bins[1]
Bin ID A B C D E F
Tolerance: 0.5 nm Note: 1. Bin categories are established for classification or products. Products may not be available in all bin categories. Pleae contact your Agilent representative for information of currently available bins.
Green Color Bins[1]
Bin ID A B C D E
Tolerance: 0.5 nm
Dom. Wavelength (nm) Min. Max. 582.0 584.5 584.5 587.0 587.0 589.5 589.5 592.0 592.0 594.5 594.5 597.0
Dom. Wavelength (nm) Min. Max. 561.5 564.5 564.5 567.5 567.5 570.5 570.5 573.5 573.5 576.5
6
20 30 40 50
10
0
1.0
0.6 60 70 80 90 1.0 0.4
0.2
0.8
0.6
0.4
0.2
0 10 20 30 40 50 60 70 80 90 100 DEGREES
RELATIVE INTENSITY
Figure 5. Intensity vs. Angle.
RELATIVE INTENSITY
0.8
1.6
10 to 20 SEC. 217 C
TEMPERATURE
255 C (+5/-0) 3 C/SEC. MAX. 6 C/SEC. MAX. 4.4 1.6
140 - 160 C
MAX. 120 SEC.
60 to 150 SEC.
TIME * THE TIME FROM 25 C TO PEAK TEMPERATURE = 6 MINUTES MAX.
PWB CAMBER DIRECTION TOLERANCES: 0.2 mm
Figure 6. Recommended Pb-Free Reflow Soldering Profile.
Figure 7. Recommended Solder Patterns.
USER FEED DIRECTION
CATHODE SIDE
PRINTED LABEL
Figure 8. Reeling Orientation.
7
2 0.5 O 21 0.8
O 13.0 0.2
+1 O 60 - 0
11.4 1.0 +0 O 180 - 3 9 0.3
Figure 9. Reel Dimensions.
4 0.1
1.7 0.1 1.5 +0.1 0 CATHODE 0.2 0.05 1.75 0.1
3.5 0.05 3.35 0.1 8 0.3
1.8 2 0.05 4 0.1 USER DIRECTION OF FEED
CENTER HOLE
Figure 10. Tape Dimensions.
END
START
Storage Condition: 5 to 30 C @ 60% RH max. Baking is required under the condition: a) the blue silica gel indicator becoming white/transparent color b) the pack has been opened for more than 1 week Baking recommended condition: 60 +/- 5C for 20 hours.
THERE SHALL BE A MINIMUM OF 40 mm OF EMPTY COMPONENT POCKETS SEALED WITH COVER TAPE.
MOUNTED WITH COMPONENTS
THERE SHALL BE A MINIMUM OF 40 mm OF EMPTY COMPONENT POCKETS SEALED WITH COVER TAPE.
150 mm-360 mm MAY CONSIST OF CARRIER AND/OR COVER TAPE.
Figure 11. Tape Leader and Trailer Dimensions.
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152 (Domestic/International), or 0120-61-1280 (Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2003 Agilent Technologies, Inc. Obsoletes 5988-6272EN November 13, 2003 5988-7315EN


▲Up To Search▲   

 
Price & Availability of HSMG-L640

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X