Part Number Hot Search : 
2N3114 CSB1116G MAX26851 KA2822D BYT16P 54HC3 SL6236 LL101
Product Description
Full Text Search
 

To Download HPM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HPM Series
* Miniaturized Solid Aluminium Electrolytic Capacitor with Conductive Polymer * Ultra ESR * High Ripple Current * Switchmode Power Supplies, Computer, DC/DC Converter * Noise Suppression in Smoothing / High-Frequency Circuits
lower ESR miniaturized
CD 284 XY
HCP
HPM
Item Operating Temperature Range (C) Voltage Range (V) Capacitance Range (F) Capacitance Tolerance (20C, 120Hz) Surge Voltage Leakage Current (A) Dissipation Factor (20C, 120Hz) Equivalent Series Resistance (20C, 100kHz) Temperature Characteristics
Characteristics -55 ~ +105 2,5 ~ 6,3 560 ~ 1 500 20% Rated Voltage x 1,15 The initial specified value or less (20C, 2min) The initial specified value or less The initial specified value or less Z (+105C) / Z (+20C) 0,75 Stability at 100kHz Z Z (-55C) / Z (+20C) 1,25 Stability at 100kHz 2 000h, Rated voltage applied at 105C Capacitance change : within 20% of the initial measured value Dissipation Factor Tan : 150% of initial specified value ESR: 150% of initial specified value DC Leakage Current : the initial specified value 500h, Rated Voltage applied at 60C, 90~95% RH Capacitance change : within 20% of the initial measured value Dissipation Factor Tan : 150% of initial specified value ESR: 150% of initial specified value DC Leakage Current : the initial specified value 1 000 cycles at 105C, with UDC = 1,15 UR ( 30sec load / 330sec discharge) Capacitance change : within 20% of the initial measured value Dissipation Factor Tan: 150% of initial specified value ESR: 150% of initial specified value DC Leakage Current : the initial specified value
Load Life
Moisture Resistance
Surge Voltage Characteristics
Ratings for HPM Series
Polymer
VDC Code
Rated Capacitance
Max ESR 20C, 100kHz
Max Ripple Current 105C, 100kHz (mArms)
4 400 5 600 5 600 5 600 5 600 5 600 5 600
Dissipation Factor 20C, 120Hz 0,12 0,12 0,12 0,12 0,12 0,12 0,12
Leakage Current
Size O DxL (mm)
8x8 8x8 8x8 8x8 8x8 8x8 8x8
(V)
2,5 0E 4 0G 6,3 0J
(F)
560 820 1 000 1500 560 820 680
(m)
7 7 7 7 7 7 7
(A)
500 513 625 750 560 820 857
Custom products are available on request.
82
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2
Part Number System
Order Code SMD, Radial, Snap-In
EC
Technology EC = Electrolytic Capacitor PC = Polymer Capacitor
R
Terminal Type SMD Radial =V =R
1C
Rated Voltage Code
For coding please refer to the pages of ratings
PT
Series Code
CD VS CD VH CD VZ CD 261 CD 262 CD 26 CD 269 CD 281 CD 28 CD 287 CD 28L CD 29 CD 29 CD 29 CD 296 CD 297 CD 299
101
Capacitance Code (in F) 1,0 = 010 100 = 101 1 000 = 102
M
Capacitance Tolerance = M SMD: =K
Taped
FF
Lead Form
2
Terminal/ Pitch Size
= FF
0611
Dimension 4x7 = 0407 = 0511 = 3580
JE xxxxx
for Specials only
= BS = VH = VZ = LK
0,47 = R47 20% 10%
Terminal = T2 2,0mm 2,5mm 3,5mm 5,0mm 7,5mm = 20 = 25 = 35 = 50 = 75
5x11,5 35x80
Snap-In = S
2,2 = 2R2 +30 / -10% = Q +50 / -10% = T
Radial:
Long Lead = LL
6,3x11,5 = 0611 = CB
= CC
CD 261X = QX
Cut 5,0mm
Cut ,mm
45x100 = 45100
= QM 10 000 = 103 = BK = PH = LL = XY = GC = QL = BZ = BW = BC = KC = BB = PG
Cut 4,0mm Cut 3,5mm Cut 3,0mm
= CD = CE = CF
10,0mm = 10 12,5mm = 12
on request: alternative lead forms (axial, 90 - angle, others)
Snap-In: 4,0mm Pin Length Soldering Pin preferred = T4 = S4 2 Pin 3 Pin 4 Pin 5 Pin = P2 = P3 = P4 = P5
6,mm Pin Length = T6
CD 29D = HR CD 29H = QH CD 29L HCP HPM HVC
= QL = CP = PM = VC
Technical Specification SMD Type
Dimensions
O DxL x , x , 6, x, 6,x 7,7 8 x 10, 8 x 11,8 10x10, 10x12,7
A B C E L W
1,8 4,3 4,3 1,0 5,4
2,1 5,3 5,3 1,3 5,4
2,4 6,6 6,6 2,2 5,4
2,5 6,6 6,6 2,2 7,7
2,9 8,3 8,3 3,1 10,5
2,9 8,4 8,4 3,1 11,8
3,2 10,3 10,3 4,5 10,5
3,2 10,4 10,4 4,5 12,7 in mm
0,5 - 0,8
0,7 - 1,1
Taping Dimensions
Size (DxL) w 0, A 0,2 B 0,2 P 0,1 t2 0,2 F 0,1 t1 0,1
4 x 5,4 5 x 5,4 6,3 x 5,4 6,3 x 7,7 8 x 10,5 8 x 11,8 10 x 10,5 10 x 12,7
12,0 12,0 16,0 16,0 24,0 24,0 24,0 24,0
5,0 6,0 7,0 7,0 8,7 8,7 10,7 10,7
5,0 6,0 7,0 7,0 8,7 8,7 10,7 10,7
8,0 12,0 12,0 12,0 16,0 16,0 16,0 16,0
5,8 5,8 5,8 8,4 11,0 12,3 11,0 14,0
5,5 5,5 7,5 7,5 11,5 11,5 11,5 11,5
0,4 0,4 0,4 0,4 0,5 0,5 0,5 0,5 in mm
Soldering Profile (Aluminium Electrolytic Capacitors)
Diameter
w
D
4; 5 6,3 8; 10 Polymer
14 1 18 1 25 1 25 1
50 1 50 1 50 1 80 1 in mm
Allowable Range of Peak Temperature
Size T (C) t (second) t 1 (second)
O 4 ~ 6,3 O 8 x 10,5 O 10 x 10,5
250 240 235
90 90 60
40 30 30
For more details or Soldering Profiles of Radials or Polymer-Capacitors please contact our local Sales Offices. v2006.2
8
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
Part Number System
Technical Specification Radial Type
Dimensions for loose, long-lead type, (bulk) Order Code: LL
L
OD F
L7
L 11
3 1
4 1,5
5 2,0 1,0
6,3 2,5 0,45
8 3,5
5 2,0
6,3 2,5 0,5
8 3,5
10 12,5 16 5,0 0,6 2,0 7,5 0,8
18
20
22 1,0
25 12,5
10,0
O d 0,4 aMax
in mm
Dimensions for Ammopack taping Order Code: FF (FD)
Code Case Range OD 4~6 Dimensions F 0,5 2,5 P 0,1 12,7 A 8 13 18,5 3,5 12,7 Form A
Form
L (max) H 0,75 Ho 0,5 13 18,5 -
Ammopack
4~8
7
17,5 Form B
FF
5 ~ 6,3
13
18,5
16 12,7
B
8
22
20,0 5
10
22
18,5
A
12,5
27
18,5
-
15,0
Form C
FD
12,5
27
18,5
-
25,4 C
FF
16 ~ 18
27
18,5
-
7,5
30,0 in mm
Dimensions for loose, short cut leads, (bulk) Order Code: CC (CB,CD,CE,CF)
Straight Lead Bended Lead
2.5max
Code
I
preferred
CB
5,0 0,5
CC
4,5 0,5
CD
4,0 0,5
CE
3,5 0,5
CF
3,0 0,5
in mm
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2
9


▲Up To Search▲   

 
Price & Availability of HPM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X