Part Number Hot Search : 
2SC1213 TDA8980 SP3072 DS26LS3 SBM2F FDP060AN 75542P YRT110S
Product Description
Full Text Search
 

To Download HL6316G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HL6316G
AlGaInP Laser Diodes
Description
The HL6316G is a 0.63 m band AlGaInP laser diodes with a multi-quantum well (MQW) structure. It is suitable as light sources for laser pointers and optical equipment. ODE-208-026 (Z) Rev.0 Jul. 01, 2005
Features
* * * * * * Visible light output: 635 nm Typ Single longitudinal mode Optical output power: 3 mW CW Low operating current: 30 mA Typ Low operating voltage: 2.7 V Max TM mode oscillation
Package Type * HL6316G: G2
Internal Circuit
1 3
PD
LD
2
Absolute Maximum Ratings
(TC = 25C)
Item Optical output power Pulse optical output power LD reverse voltage PD reverse voltage Operating temperature Symbol PO PO(pulse) VR(LD) VR(PD) Topr Ratings 3 5* 2 30 -10 to +50 -40 to +85 Unit mW mW V V C C
Storage temperature Tstg Note: Pulse condition : Pulse width 1 s , duty 50%
Optical and Electrical Characteristics
(TC = 25C)
Item Threshold current Operating current Operating voltage Beam divergence parallel to the junction Beam divergence perpendicular to the junction Lasing wavelength Monitor current Symbol Ith IOP VOP // p IS Min -- -- -- 6 23 630 0.1 Typ 25 30 -- 8 30 635 0.3 Max 35 42 2.7 10 39 640 0.6 Unit mA mA V nm mA Test Conditions -- PO = 3 mW PO = 3 mW PO = 3 mW PO = 3 mW PO = 3 mW PO = 3 mW, VR(PD) = 5 V
Rev.0 Jul 01, 2005 page 1 of 4
HL6316G
Typical Characteristic Curves
Optical Output Power vs. Forward Current 3 TC = -10C TC = 25C 2 TC = 50C Threshold Current vs. Case Temperature 100 Threshold current, Ith (mA) 100 10 -10
Optical output power, PO (mW)
1
0 0 20 40 60 80 Forward current, IF (mA)
0
10
20
30
40
50
Case temperature, TC (C) Monitor Current vs. Case Temprature 0.4 PO = 3 mW VR(PD) = 5 V Monitor current, IS (mA) 0.3
Slope Efficiency vs. Case Temperature 1.0 Slope efficiency, s (mW/mA)
0.8
0.6
0.2
0.4
0.1
0.2 0 -10
0
10
20
30
40
50
0 -10
0
10
20
30
40
50
Case temperature, TC (C)
Case temperature, TC (C)
Lasing wavelength, p (nm)
Lasing Wavelength vs. Case Temperature 644 PO = 3 mW 642 1 Relative intensity 640 638 636 634 632 630 628 -10 0 10 20 30 40 50 0 -40 0.8 0.6 0.4
Far Field Pattern Perpendicular TC = 25C PO = 3 mW
Parallel 0.2 -20 0 20 Angle, ( ) 40
Case temperature, TC (C)
Rev.0 Jul 01, 2005 page 2 of 4
HL6316G
Package Dimensions
As of July, 2002
Unit: mm
9.0 +0 -0.025 1.0 0.1
(0.65)
(90) 3.5 0.2 0.3
Glass
7.2 +0.3 -0.2 6.2 0.2 (2.0)
Emitting Point
0.4 +0.1 -0
3 - 0.45 0.1 1 2 3
1
3
2
2.54 0.35
OPJ Code JEDEC JEITA Mass (reference value)
1.5 0.1
91
2.45
LD/G2 -- -- 1.1 g
Rev.0 Jul 01, 2005 page 3 of 4
HL6316G
Cautions
1. Opnext Japan,Inc.(OPJ) neither warrants nor grants licenses of any our rights or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. OPJ bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. OPJ makes every attempt to ensure that its products are of high quality and reliability. However, contact our sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by OPJ particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. OPJ bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail-safes, so that the equipment incorporating OPJ product does not cause bodily injury, fire or other consequential damage due to operation of the OPJ product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from OPJ. 7. Contact our sales office for any questions regarding this document or OPJ products. 1. The laser light is harmful to human body especially to eye no matter what directly or indirectly. The laser beam shall be observed or adjusted through infrared camera or equivalent. 2. This product contains gallium arsenide (GaAs), which may seriously endanger your health even at very low doses. Please avoid treatment which may create GaAs powder or gas, such as disassembly or performing chemical experiments, when you handle the product. When disposing of the product, please follow the laws of your country and separate it from other waste such as industrial waste and household garbage. 3. Definition of items shown in this CAS is in accordance with that shown in Opto Device Databook issued by OPJ unless otherwise specified.
Sales Offices
Device Business Unit Opnext Japan, Inc.
Takagi Bldg., 3F, 1-3-9, Iwamoto-cho, Chiyoda-ku, Tokyo 101-0032 Japan Tel: (03) 3865-5591
For the detail of Opnext, Inc., see the following homepage:
Japan (Japanese) Other area (English) http://www.opnext.com/jp/products/ http://www.opnext.com/products/ (c)2007 Opnext Japan, Inc., All rights reserved. Printed in Japan.
Colophon 2.0
Rev.0 Jul 01, 2005 page 4 of 4


▲Up To Search▲   

 
Price & Availability of HL6316G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X