Part Number Hot Search : 
L6382D5 0399400 ERC04F GL782 G2204 G2204 225M0 01190
Product Description
Full Text Search
 

To Download CDRH124 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS (SMD Type)
SHIELDED TYPE / OUTLINE /
CDRH124
SMD type power inductors where by the electrode is attached to the ferrite core directly. They are also magnetically shielded to prevent noise radiation.
CDRH124
12.3MAX. 12.3M AX.
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
4.5MAX.
2 .8
0.2
5.0
5.4 0.5
( 3.9H - 330H )
7 .6 1 1 .8
* In order to prevent short-circuiting, a solder resist is recommended. *
Outline
Solder Resist
CDRH124
Parts No. 1R0 1R2 1R3 2R1 2R4 3R1 3R5 3R9 4R4 4R6 4R7 5R8 6R1 6R8 7R4 7R5 7R6 8R2 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 L (H) 1.0 1.2 1.3 2.1 2.4 3.1 3.5 3.9 4.4 4.6 4.7 5.8 6.1 6.8 7.4 7.5 7.6 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1.0m 26m 26m 28m 28m 38m 38m 50m
57m 50m
4.6
Measuring Freq. (L) / L
D.C.R.( ) : Max.(Typ.)
Temperature Rise Rated Current (A) * 5
CDRH124
100 kHz
Tolerance of Inductance / CDRH124 3.9 H - 330 H 20%(M)
Rated Current / *5 It is either the inductance is 25% lower than its nominal value in D.C. saturation characteristics or temperature raise becomes T=40 C (Ta=20 C), whichever is lower.
*5
75% T=40
15m
15m
18m
6.5
(Ta=20)
6.5
5.7
About Lead-free products /
18m
23m
5.7
4.9
. . . .
Lead-free products are now available for sale To order a lead-free product, please add"NP" after the product type: "NP"
23m
4.9
e.g. Ordering code of lead product: Type name-x Ordering code of lead-free product: Type name NPx
4.6 4.5 4.5 4.0 4.0 3.2
3.1 3.2
66m 57m 66m 80m 80m 97m 97m 132m 132m 150m 190m 150m 190m 220m 260m 220m 260m 308m 308m 380m 380m 530m 620m 530m 620m 700m 700m 870m 870m 990m 990m
2.9 3.1 2.9 2.8 2.7 2.8
2.1 2.7
1.9 2.1 1.8 1.9 1.8 1.5 1.3 1.5 1.2 1.3 1.2 1.1 950m 1.1 850m 950m 850m 800m 800m 600m 600m 500m 500m
North America Tel:(1) 847 545-6700 Fax:(1) 847 545-6720 E-mail: sales@us.sumida.com h tt p :/ /www.sumida.com
Japan Tel:(81) 03 3667-3302 Fax:(81) 03 3667-3408
Hong Kong Tel:(852) 2880-6688 Fax:(852) 2565-9600 E-mail: sales@hk.sumida.com
Taiwan Tel:(886) 2 2726-2177 Fax:(886) 2 2728-2726 E-mail: sales@tw.sumida.com
Singapore Tel:(65) 6296-3388 Fax:(65) 6296-3390 E-mail: sales@sg.sumida.com
7 .0 1 2 .6 Europe Tel:(32) 2673-9565 Fax:(32) 2672-0454 E-mail: sales@eu.sumida.com
Rev1.0 09/2004


▲Up To Search▲   

 
Price & Availability of CDRH124

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X