Part Number Hot Search : 
MBRS1 SA185 AD9154 UPA1717G XC3064 D420SV 60025 120N102
Product Description
Full Text Search
 

To Download BFN36 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN Silicon High-Voltage Transistors
BFN 36 BFN 38
Suitable for video output stages in TV sets and switching power supplies q High breakdown voltage q Low collector-emitter saturation voltage q Complementary types: BFN 37, BFN 39 (PNP)
q
Type BFN 36 BFN 38
Marking BFN 36 BFN 38
Ordering Code (tape and reel) Q62702-F1246 Q62702-F1303
Pin Configuration 1 2 3 4 B C E C
Package1) SOT-223
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Peak collector current Base current Peak base current Total power dissipation, TS = 124 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Junction - soldering point Rth JA Rth JS

Symbol VCE0 VCB0 VEB0 IC ICM IB IBM Ptot Tj Tstg
Values BFN 38 BFN 36 250 250 5 200 500 100 200 1.5 150 - 65 ... + 150 300 300
Unit V
mA
W C
72 17
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2 Cu.
Semiconductor Group
1
5.91
BFN 36 BFN 38
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter breakdown voltage IC = 1 mA, IB = 0 BFN 36 BFN 38 Collector-base breakdown voltage IC = 100 A, IB = 0 BFN 36 BFN 38 Emitter-base breakdown voltage IE = 100 A, IB = 0 Collector-base cutoff current VCB = 200 V VCB = 250 V VCB = 200 V, TA = 150 C VCB = 250 V, TA = 150 C Emitter-base cutoff current VEB = 4 V, IC = 0 DC current gain1) IC = 1 mA, VCE = 10 V IC = 10 mA, VCE = 10 V IC = 30 mA, VCE = 10 V IC = 30 mA, VCE = 10 V BFN 36 BFN 38 BFN 36 BFN 38 IEB0 hFE 25 40 40 30 VCEsat - - VBEsat - - - - 0.4 0.5 0.9 - - - - - - - - V V(BR)CE0 250 300 V(BR)CB0 250 300 V(BR)EB0 ICB0 - - - - - - - - - - 100 100 20 20 100 nA nA
A A
Values typ. max.
Unit
V - - - - - - - - - -
5
nA -
BFN 36 BFN 38
Collector-emitter saturation voltage1) IC = 20 mA, IB = 2 mA BFN 36 BFN 38 Base-emitter saturation voltage1) IC = 20 mA, IB = 2 mA AC characteristics Transition frequency IC = 20 mA, VCE = 10 V, f = 100 MHz Output capacitance VCB = 30 V, f = 1 MHz
fT Cobo
- -
70 1.5
- -
MHz pF
1)
Pulse test conditions: t 300 s, D = 2 %.
Semiconductor Group
2
BFN 36 BFN 38
Total power dissipation Ptot = f (TA*; TS) * Package mounted on epoxy
Collector current IC = f (VBE) VCE = 10 V
Permissible pulse load Ptot max/Ptot DC = f (tp)
Collector cutoff current ICB0 = f (TA) VCB = 200 V
Semiconductor Group
3
BFN 36 BFN 38
DC current gain hFE = f (IC) VCE = 10 V
Transition frequency fT = f (IC) VCE = 10 V, f = 100 MHz
Semiconductor Group
4


▲Up To Search▲   

 
Price & Availability of BFN36

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X