Part Number Hot Search : 
DDZ9681 A0105X A0105X Y7C10 15KP22 Y7C10 EGA64 XFATM6B
Product Description
Full Text Search
 

To Download BF822 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BF820, BF822
Small Signal Transistors (NPN)
SOT-23
.122 (3.1) .118 (3.0) .016 (0.4) 3
FEATURES NPN Silicon Epitaxial Planar Transistors
Top View
.056 (1.43) .052 (1.33)
especially suited for application in class-B video output stages of TV receivers and monitors.
As complementary types, the PNP transistors BF821 and BF823 are recommended.
1
2 max. .004 (0.1)
.007 (0.175) .005 (0.125)
.037(0.95) .037(0.95)
.045 (1.15) .037 (0.95)
.016 (0.4)
.016 (0.4)
.102 (2.6) .094 (2.4)
MECHANICAL DATA
Case: SOT-23 Plastic Package Weight: approx. 0.008 g Marking code BF820 = 1V BF822 = 1X
Dimensions in inches and (millimeters)
Pin configuration 1 = Base, 2 = Emitter, 3 = Collector.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Collector-Base Voltage Collector-Emitter Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Peak Collector Current Power Dissipation at TSB = 50 C Junction Temperature Storage Temperature Range
1)
Value 300 250 250 300 5 50 100 3001) 150 -65 to +150
Unit V V V V V mA mA mW C C
BF820 BF822 BF822 BF820
VCBO VCBO VCEO VCER VEBO IC ICM Ptot Tj TS
Device on fiberglass substrate, see layout
4/98
BF820, BF822
ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Collector-Base Breakdown Voltage at IC = 100 A, IB = 0 Collector-Emitter Breakdown Voltage at IC = 10 mA, IE = 0 Collector-Emitter Breakdown Voltage at RBE = 2.7 k, IC = 10 mA Emitter-Base Breakdown Voltage at IE = 100 A, IB = 0 Collector-Base Cutoff Current at VCB = 200 V, IE = 0 Collector-Emitter Cutoff Current at RBE = 2.7 k, VCE = 250 V at RBE = 2.7 k, VCE = 200 V, Tj = 150 C Collector Saturation Voltage at IC = 30 mA, IB = 5 mA DC Current Gain at VCE = 20 V, IC = 25 mA Gain-Bandwidth Product at VCE = 10 V, IC = 10 mA Feedback Capacitance at VCE = 30 V, IC = 0, f = 1 MHz Thermal Resistance Junction to Ambient Air
1)
Min. 300 250 250 300 5 -
Typ. - - - - - -
Max. - - - - - 10
Unit V V V V V nA
BF820 BF822 BF822 BF820
V(BR)CBO V(BR)CBO V(BR)CEO V(BR)CER V(BR)EBO ICBO
ICER ICER VCEsat hFE fT Cre RthJA - 50 60 - - - - - - -
50 10 0.6 - - 1.6 4301)
nA A V - MHz pF K/W
Device on fiberglass substrate, see layout
.30 (7.5) .12 (3)
.04 (1)
.08 (2) .04 (1) .08 (2)
.59 (15) .47 (12)
.03 (0.8)
0.2 (5)
.06 (1.5) .20 (5.1)
Dimensions in inches (millimeters)
Layout for RthJA test Thickness: Fiberglass 0.059 in (1.5 mm) Copper leads 0.012 in (0.3 mm)


▲Up To Search▲   

 
Price & Availability of BF822

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X