Part Number Hot Search : 
SMCJ33A NTE911 NDV4916E 32F10 SG6842J MSS0317 2SB1001 PA2047NL
Product Description
Full Text Search
 

To Download BCX71 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCX 71 PNP
General Purpose Transistors Surface mount Si-Epitaxial PlanarTransistors Si-Epitaxial PlanarTransistoren fur die Oberflachenmontage Power dissipation - Verlustleistung
2.9 0.1 1.1
PNP
250 mW SOT-23 (TO-236) 0.01 g
0.4
3
Plastic case Kunststoffgehause
1.3 0.1
Type Code
1 2
2.5 max
Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
1.9
Dimensions / Mae in mm 1=B 2=E 3=C
Maximum ratings (TA = 25/C) Collector-Emitter-voltage Collector-Base-voltage Emitter-Base-voltage Power dissipation - Verlustleistung Collector current - Kollektorstrom (DC) Peak Collector current - Kollektor-Spitzenstrom Peak Base current - Basis-Spitzenstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur B open E open C open - VCE0 - VCB0 - VEB0 Ptot - IC - ICM - IBM Tj TS
Grenzwerte (TA = 25/C) BCX 71 45 V 45 V 5V 250 mW 1) 100 mA 200 mA 200 mA 150/C - 65...+ 150/C
Characteristics (Tj = 25/C) Min. Collector-Base cutoff current - Kollektorreststrom IE = 0, - VCB = 32 V IE = 0, - VCB = 32 V, Tj = 150/C Emitter-Base cutoff current - Emitterreststrom IC = 0, - VEB = 4 V - IC = 10 mA, - IB = 0.25 mA - IC = 50 mA, - IB = 1.25 mA - IEB0
2
Kennwerte (Tj = 25/C) Typ. - - - - - Max. 20 nA 20 :A 20 nA 250 mV 550 mV
- ICB0 - ICB0
- - - 60 mV 120 mV
Collector saturation volt. - Kollektor-Sattigungsspg. ) - VCEsat - VCEsat
1
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 2 ) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2% 58 01.11.2003
General Purpose Transistors Characteristics (Tj = 25/C) Min. Base saturation voltage - Basis-Sattigungsspannung 1) - IC = 10 mA, - IB = 0.25 mA - IC = 50 mA, - IB = 1.25 mA BCX 71G - VCE = 5 V, - IC = 10 :A BCX 71H BCX 71J BCX 71K BCX 71G - VCE = 5 V, - IC = 2 mA BCX 71H BCX 71J BCX 71K BCX 71G - VCE = 1 V, - IC = 50 mA BCX 71H BCX 71J BCX 71K Base-Emitter voltage - Basis-Emitter-Spannung ) - VCE = 5 V, - IC = 10 :A - VCE = 5 V, - IC = 2 mA - VCE = 1 V, - IC = 50 mA Gain-Bandwidth Product - Transitfrequenz - VCE = 5 V, - IC = 10 mA, f = 100 MHz - VCB = 10 V, IE = ie = 0, f = 1 MHz - VEB = 0.5 V, IC = ic = 0, f = 1 MHz Noise figure - Rauschzahl - VCE = 5 V, - IC = 200 :A, RG = 2 kS, f = 1 kHz, )f = 200 Hz Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary NPN transistors Empfohlene komplementare NPN-Transistoren Marking Stempelung BCX 71G = BG BCX 71H = BH F - RthA 2 dB fT CCB0 CEB0 100 MHz - - - 4.5 pF 11 pF - VBEon - VBEon - VBEon - 600 mV - 550 mV 650 mV 720 mV
1
BCX 71 Kennwerte (Tj = 25/C) Typ. - - - - - - - - - - - - - - Max. 850 mV 1050 mV - - - - 220 310 460 630 - - - - - 750 mV - - - -
- VBEsat - VBEsat
1
600 mV 700 mV - 30 40 100 120 180 250 380 60 80 100 110
DC current gain - Kollektor-Basis-Stromverhaltnis ) hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE
Collector-Base Capacitance - Kollektor-Basis-Kapazitat Emitter-Base Capacitance - Emitter-Basis-Kapazitat
6 dB 420 K/W 2)
BCX 70 series
BCX 71J = BJ
BCX 71K = BK
) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2% ) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 01.11.2003
1 2
59


▲Up To Search▲   

 
Price & Availability of BCX71

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X