Part Number Hot Search : 
03S2N 2N542 30DQ60 82402304 NJU7662M REF4304 CONTRO ADC1010S
Product Description
Full Text Search
 

To Download ARGP10G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ARG P10D THR U ARG P10M
Fast Soft-Recovery Controlled Avalanche Rectifiers
Voltage Range 200 to 1000 Volts DO -41
Features
High tem perature m etallurgically bonded constructed Plastic m aterial used carries Underwriters Laboratory Classification 94V-0 G lass passivated cavity-free junction High m axim um operating tem perature Low leakage current Excellent stability G uaranteed avalanche energy absorption capability High tem perature soldering guaranteed: 350 o C / 10 seconds, 0.375"(9.5m m ) lead length, 5 lbs., (2.3kg) tension.
M echanical Data
Case: JEDEC DO -41 m olded plastic over glass body Lead: Plated Axial leads, solderable per M IL-STD-750, M ethod 2026 Polarity: Color band denotes cathode end M ounting position: Any W eight: 0.012 ounce, 0.3 gram
D im ensions in inches and (m illim eters)
M axim um Ratings and Electrical Characteristics
Rating at 25 am bient tem perature unless otherwise specified. Sym bol ARGP ARGP ARGP Type Num ber
10D
M axim um Recurrent Peak Reverse Voltage M axim um RM S Voltage M axim um DC Blocking Voltage M in. Reverse Avalanche Breakdown Voltage @ IR=0.1m A M axim um Average Forward R ectified Current .375" (9.5m m ) Lead Length @ T tp = 55 Peak Forw ard Surge Current @ t= 8.3 m s Single Half Sine-wave Superim posed on Rated Load (JEDEC method ) @ t=10m s half sine wave, Tj=Tjm ax prior to surge, VR =V RRM m ax Non-repetitive Peak Reverse Avalanche Energy L=120m H Tj=125 m ax prior to Surge, Inductive load Switched off M axim um Instantaneous Forward Voltage @ IF= 1.0A @ IF=1A, Tj=Tj m ax. M axim um DC Reverse Current @ T J =25 at Rated D C Blocking Voltage @ T J =165
M axim um R everse Recovery Tim e ( Note 1 ) T J =25
10G
10J
ARGP 10K
ARGP 10M
Units V V V V A A A
V RRM V RM S VR V (BR)R I F(AV)
200 140 200 300
400 280 400 500
600 420 600 700 1.3 30 20
800 560 800 900
1000 700 1000 1100
I FSM
E RSM VF IR Trr Cj R JA R TP TJ T STG
10 1.3 1.1 1.0 100.0 250 15.0 120 55 -65 to + 175 -65 to + 175
7
mJ V V uA uA nS pF
O
300
Typical Junction Capacitance ( Note 2 ) Typical Therm al Resistance (Note 3) O perating Tem perature Range T J
C/W
O O
Storage Tem perature Range TSTG Notes: 1. Reverse Recovery Test Conditions: I F =0.5A, I R =1.0A Recover to 0.25A. 2. M easured at 1.0 M Hz and Applied Reverse Voltage of 4.0 Volts. 3. M ount on Cu-Pad Size 5m m x 5m m on P.C.B.
C C
- 582 -
RATINGS AND CHARACTERISTIC CURVES (ARGP10D THRU ARGP10M)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
1.5 1.25 1.0 0.75 0.5 0.25 0.375" (9.5mm) LEAD LENGTH 0 25 50 75 100 125
o
10 RESISTIVE OR INDUCTIVE LOAD
FIG.5- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT. (A)
1
150
175
TIE POINT TEMPERATURE. ( C)
0.1
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
0
PEAK FORWARD SURGE CURRENT. (A)
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
30
Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
20
0.01 0.4
0.6
0.8 1.0 1.2 FORWARD VOLTAGE. (V)
1.4
1.6
FIG.6- TYPICAL REVERSE CHARACTERISTICS
10 20 10
1
10 NUMBER OF CYCLES AT 60Hz
100
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
0
Tj=125 0C
FIG.4- TYPICAL JUNCTION CAPACITANCE
100
1
JUNCTION CAPACITANCE.(pF)
Tj=75 0C
0.1
10
Tj=25 0C
Tj=25 0C 0.01 0 1 10 REVERSE VOLTAGE. (V) 100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
- 583 -


▲Up To Search▲   

 
Price & Availability of ARGP10G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X