Part Number Hot Search : 
MSQ6441C SK1060D1 TIC22 C251A 71MP35 CTCDRH D5012UK 20LM3
Product Description
Full Text Search
 

To Download A16F100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I20204 rev. A 09/98
16F(R) SERIES
STANDARD RECOVERY DIODES Stud Version
Features
High surge current capability Avalanche types available Stud cathode and stud anode version Wide current range Types up to 1200V VRRM
16 A
TypicalApplications
Battery charges Converters Power supplies Machine tool controls
Major Ratings and Characteristics
Parameters
IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz VRRM TJ range range
16F(R)
16 140 25 350 370 612 560 100 to 1200 - 65 to 175
Units
A C A A A A2s A2 s V C
case style DO-203AA (DO-4)
www.irf.com
1
16F(R) Series
Bulletin I20204 rev. A 09/98
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code VRRM, maximum repetitive peak reverse voltage V
100 200 400 600 800 1000 1200
VRSM, maximum nonrepetitive peak reverse voltage V
150 275 500 725 950 1200 1400
VR(BR), minimum avalanche voltage V
--500 750 950 1150 1350
IRRM max.
@ TJ = 175C
(1)
mA
10 20 40 16F(R) 60 80 100 120
12
(1) Avalanche version only available from VRRM 400V to 1200V.
Forward Conduction
Parameter
IF(AV) IF(RMS) PR IFSM Max. average forward current @ Case temperature Max. RMS forward current Maximum non-repetitive peak reverse power Max. peak, one-cycle forward, non-repetitive surge current 350 370 295 310 It
2
16F(R)
16 140 25 15
Units Conditions
A C A K/W 10s square pulse, TJ = T J max. see note (2) t = 10ms t = 8.3ms A t = 10ms t = 8.3ms t = 10ms t = 8.3ms A2 s t = 10ms t = 8.3ms A s
2
180 conduction, half sine wave
No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max.
Maximum I t for fusing
2
612 560 435 395
I t
2
Maximum I t for fusing
2
6120 0.77
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
V F(TO)1 Low level value of threshold voltage V F(TO)2 High level value of threshold voltage r
f1
V 0.90 (I > x I F(AV)), TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. m 5.70 1.23 V (I > x I F(AV)), TJ = TJ max. Ipk= 50A, TJ = 25C, tp = 400s rectangular wave
Low level value of forward slope resistance
7.80
r
f2
High level value of forward slope resistance
VFM
Max. forward voltage drop
(2) Available only for Avalanche version, all other parameters the same as 16F.
2
www.irf.com
16F(R) Series
Bulletin I20204 rev. A 09/98
Thermal and Mechanical Specifications
Parameter
TJ T
stg
16F(R)
-65 to 175 - 65 to 200 1.6 0.5 1.2 (1.5)
Units
C
Conditions
Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Mounting torque, 10%
RthJC RthCS T
DC operation K/W Nm Mounting surface, smooth, flat and greased Lubricated threads (Not lubricated threads) g (oz) See Outline Table
wt
Approximate weight Case style
7 (0.25) DO-203AA (DO-4)
RthJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction
0.31 0.38 0.49 0.72 1.20
Rectangular conduction Units
0.23 0.40 0.54 0.75 1.21 K/W
Conditions
TJ = TJ max.
Ordering Information Table
Device Code
A
1
16
2
F
3
R
4
120
5
M
6
1
-
A
= Avalanche diode
None = Standard diode 2 3 4 Current rating: Code = IF(AV) F = Standard device
None = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud)
5 6
-
Voltage code: Code x 10 = VRRM (See Voltage Ratings table) None = Stud base DO-203AA (DO-4) 10-32UNF-2A M = Stud base DO-203AA (DO-4) M5 X 0.8 - (Not available for Avalanche diodes)
www.irf.com
3
16F(R) Series
Bulletin I20204 rev. A 09/98
Outlines Table
Case Style DO-203AA (DO-4)
All dimensions in millimeters (inches)
16F(R) Series RthJC (DC) = 1.6 K/W
Maximum Allowable Case Temperature (C)
Maximum Allowable Case Temperature (C)
180
180 16F(R) Series RthJC (DC) = 1.6 K/W 170
170
160
Conduction Angle
160
Conduction Period
150
150 90 60 30 130 0 5 10 15 20 25 30 Average Forward Current (A) 120 180 DC
140 60 30 130 0 4 8
90 120 180 12 16 20
140
Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
4
www.irf.com
16F(R) Series
Bulletin I20204 rev. A 09/98
Maximum Average Forward Power Loss (W) 20 180 120 90 60 30 RMS Limit 8
Conduction Angle
R
16
6K /W
8K /W
10 K /W
th SA =
4K /W
-D elt a
R
12
15 K /W
20 K/ W
30 K/W
4
16F(R) Series T = 175C J 0 4 8 12 16 20 0 25 50 75 100
0 Average Forward Current (A) Maximum Allowable Ambient Temperature (C)
Fig. 3 - Forward Power Loss Characteristics
25 DC 180 120 90 60 30
R
Maximum Average Forward Power Loss (W)
20
6K /W
thS A= 4
K/W
RMS Limit
8K /W
10 K /W
15 K/W
-D elt a
R
15
10
Conduction Period
20 K/W
5
30 K/W
16F(R) Series T = 175C J 0 5 10 15 20 25 0 30 25 50 75 100
0 Average Forward Current (A) Maximum Allowable Ambient Temperature (C)
Fig. 4 - Forward Power Loss Characteristics
325 300 275 250 225 200 175 150 125 1 10 100
Number Of Equal Am plitude Half Cycle Current Pulses (N)
At Any Rated Load Condition And With Rated V RRM Applied Following Surge. Initial T = 175C J @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Peak Half Sine W ave Forward Current (A)
Peak Half Sine Wave Forward Current (A)
350 325 300 275 250 225 200 175 150 125 0.01
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial TJ = 175C No Voltage Reapplied Rated VRRM Reapplied
16F(R) Series
16F(R) Series
0.1 Pulse Train Duration (s)
1
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
www.irf.com
5
16F(R) Series
Bulletin I20204 rev. A 09/98
1000 Instantaneous Forward Current (A) T = 25C J T = 175C J 100
10 Steady State Value RthJC = 1.6 K/W (DC Operation)
Transient Thermal Impedance ZthJC (K/W)
1
10
16F(R) Series 1 0 1 2 3 4 5 6 Instantaneous Forward Voltage (V)
16F(R) Series 0.1 0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA: IR TAIWAN:
233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936.
http://www.irf.com
Fax-On-Demand: +44 1883 733420
Data and specifications subject to change without notice.
6
www.irf.com
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of A16F100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X