Part Number Hot Search : 
C8108 ML412PJB MAX97 SF161CS MP6101 74C48N DG412FDJ 2045CT
Product Description
Full Text Search
 

To Download 74LVX132 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVX132
LOW VOLTAGE CMOS QUAD 2-INPUT SCHMITT NAND GATE WITH 5V TOLERANT INPUTS
s
s s
s s
s
s
s
s
s s
HIGH SPEED : tPD = 5.9ns (TYP.) at VCC = 3.3V 5V TOLERANT INPUTS LOW POWER DISSIPATION: ICC = 2 A (MAX.) at TA=25C TYPICAL HYSTERESIS : 0.7V at VCC = 3.3V LOW NOISE: VOLP = 0.3V (TYP.) at VCC = 3.3V SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 3.6V (1.2V Data Retention) PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 132 IMPROVED LATCH-UP IMMUNITY POWER DOWN PROTECTION ON INPUTS
SOP
TSSOP
ORDER CODES
PACKAGE SOP TSSOP TUBE 74LVX132M T&R 74LVX132MTR 74LVX132TTR
DESCRIPTION The 74LVX132 is a low voltage CMOS QUAD 2-INPUT SCHMITT NAND GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power, battery operated and low noise 3.3V applications. Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. PIN CONNECTION AND IEC LOGIC SYMBOLS
This device can be used to interface 5V to 3V system. It combines high speed performance with the true CMOS low power consumption. Pin configuration and function are the same as those of the 74LVX00 but the 74LVX132 has hysteresis. This together with its schmitt trigger function allows it to be used on line receivers with slow rise/fall input signals. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
July 2001
1/8
74LVX132
INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1, 4, 9, 12 2, 5, 10, 13 3, 6, 8, 11 7 14 SYMBOL 1A to 4A 1B to 4B 1Y to 4Y GND VCC NAME AND FUNCTION Data Inputs Data Inputs Data Outputs Ground (0V) Positive Supply Voltage
TRUTH TABLE
A L L H H B L H L H Y H H H L
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 20 20 25 50 -65 to +150 300 Unit V V V mA mA mA mA C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top Supply Voltage (note 1) Input Voltage Output Voltage Operating Temperature Parameter Value 2 to 3.6 0 to 5.5 0 to VCC -55 to 125 Unit V V V C
1) Truth Table guaranteed: 1.2V to 3.6V
2/8
74LVX132
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 3.0 3.0 3.0 2.0 3.0 3.0 VOL Low Level Output Voltage 2.0 3.0 3.0 II ICC Input Leakage Current Quiescent Supply Current 3.6 3.6 IO=-50 A IO=-50 A IO=-4 mA IO=50 A IO=50 A IO=4 mA VI = 5V or GND VI = VCC or GND 0.9 0.3 1.9 2.9 2.58 0.0 0.0 0.1 0.1 0.36 0.1 2 2.0 3.0 1.2 0.3 1.9 2.9 2.48 0.1 0.1 0.44 1 20 TA = 25C Min. Typ. Max. 2.2 Value -40 to 85C Min. Max. 2.2 0.9 1.2 0.3 1.9 2.9 2.4 0.1 0.1 0.55 1 20 A A V V -55 to 125C Min. Max. 2.2 0.9 1.2 V V V Unit
Vt+ VtVH VOH
High Level Input Threshold Low Level Input Threshold Hysteresis Voltage High Level Output Voltage
DYNAMIC SWITCHING CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 3.3 3.3 CL = 50 pF 3.3 0.9 TA = 25C Min. Typ. 0.3 -0.5 2.2 V -0.3 Max. 0.5 Value -40 to 85C Min. Max. -55 to 125C Min. Max. Unit
VOLP VOLV VIHD
VILD
Dynamic Low Voltage Quiet Output (note 1, 2) Dynamic High Voltage Input (note 1, 3) Dynamic Low Voltage Input (note 1, 3)
1) Worst case package. 2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n-1) outputs switching and one output at GND. 3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.3V. Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold (VIHD), f=1MHz.
3/8
74LVX132
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (V) 2.7 2.7 3.3(*) tOSLH tOSHL Output To Output Skew Time (note1, 2) 3.3(*) 2.7 3.3(*) CL (pF) 15 50 15 50 50 50 TA = 25C Min. Typ. 7.5 8.3 5.9 6.5 0.5 0.5 Max. 10.5 12.0 8.0 9.0 1.0 1.0 Value -40 to 85C Min. 1.0 1.0 1.0 1.0 Max. 12.0 13.5 9.0 10.0 1.5 1.5 -55 to 125C Min. 1.0 1.0 1.0 1.0 Max. 12.0 13.5 9.0 10.0 1.5 1.5 ns ns Unit
tPLH tPHL Propagation Delay Time
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW 2) Parameter guaranteed by design (*) Voltage range is 3.3V 0.3V
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 3.3 3.3 TA = 25C Min. Typ. 6 16 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit
CIN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per gate)
4/8
74LVX132
TEST CIRCUIT
CL =15/50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50)
WAVEFORM : PROPAGATION DELAYS (f=1MHz; 50% duty cycle)
5/8
74LVX132
SO-14 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
PO13G
6/8
74LVX132
TSSOP14 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0089 0.201 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080337D
7/8
74LVX132
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of 74LVX132

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X