Part Number Hot Search : 
TPD2125 2SA1344 0010T MVTX2601 B41796 10D101K BB535 40404
Product Description
Full Text Search
 

To Download 74LVQ374 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVQ374
OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS NON INVERTING
s s s
s
s
s
s s
s
s
s
HIGH SPEED: fMAX = 180 MHz (TYP.) at VCC = 3.3V COMPATIBLE WITH TTL OUTPUTS LOW POWER DISSIPATION: ICC = 4A (MAX.) at TA=25C LOW NOISE: VOLP = 0.4V (TYP.) at VCC = 3.3V 75 TRANSMISSION LINE DRIVING CAPABILITY SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 12 mA (MIN) at VCC = 3.0V PCI BUS LEVELS GUARANTEED AT 24 mA BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 3.6V (1.2V Data Retention) PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 374 IMPROVED LATCH-UP IMMUNITY
SOP
TSSOP
ORDER CODES
PACKAGE SOP TSSOP TUBE 74LVQ374M T&R 74LVQ374MTR 74LVQ374TTR
DESCRIPTION 74LVQ374 is a low voltage CMOS OCTAL D-TYPE FLIP-FLOP with 3 STATE OUTPUTS NON INVERTING fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and low noise 3.3V applications. These 8 bit D-Type Flip-Flops are controlled by a clock input (CK) and an output enable input (OE). On the positive transition of the clock, the Q PIN CONNECTION AND IEC LOGIC SYMBOLS
outputs will be set to the logic that were setup at the D inputs. While the (OE) input is low, the 8 outputs will be in a normal logic state (high or low logic level) and while high level the outputs will be in a high impedance state. The output control does not affect the internal operation of flip-flops; that is, the old data can be retained or the new data can be entered even while the outputs are off. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
July 2001
1/10
74LVQ374
INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1 2, 5, 6, 9, 12, 15, 16,19 3, 4, 7, 8, 13, 14, 17, 18 11 10 20 SYMBOL OE Q0 to Q7 D0 to D7 CLOCK GND VCC NAME AND FUNCTION 3-State Output Enable (Active LOW) 3-State Outputs Data Inputs Clock Input (LOW-to-HIGH Edge Triggered) Ground (0V) Positive Supply Voltage
TRUTH TABLE
INPUTS OE H L L L
X : Don't Care Z : High Impedance
OUTPUT D X X L H Q Z NO CHANGE L H
CK X
LOGIC DIAGRAM
2/10
74LVQ374
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 50 400 -65 to +150 300 Unit V V V mA mA mA mA C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top dt/dv Supply Voltage (note 1) Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 3.0V (note 2) Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to 125 0 to 10 Unit V V V C ns/V
1) Truth Table guaranteed: 1.2V to 3.6V 2) VIN from 0.8V to 2V
3/10
74LVQ374
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) TA = 25C Min. 2.0 0.8 IO=-50 A 3.0 IO=-12 mA IO=-24 mA VOL Low Level Output Voltage IO=50 A 3.0 IO=12 mA IO=24 mA II Ioz Input Leakage Current High Impedance Output Leakage Current Quiescent Supply Current Dynamic Output Current (note 1, 2) 3.6 3.6 3.6 3.6 VI = VCC or GND VI = VIH or VIL VO = VCC or GND VI = VCC or GND VOLD = 0.8 V max VOHD = 2 V min 0.1 0.25 4 36 -25 0.002 0 0.1 0.36 2.9 2.58 2.99 2.9 2.48 2.2 0.1 0.44 0.55 1 2.5 40 25 -25 Typ. Max. Value -40 to 85C Min. 2.0 0.8 2.9 2.48 2.2 0.1 0.44 0.55 1 5.0 40 A A A mA mA V V Max. -55 to 125C Min. 2.0 0.8 Max. V V Unit
VIH VIL VOH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
3.0 to 3.6
ICC IOLD IOHD
1) Maximum test duration 2ms, one output loaded at time 2) Incident wave switching is guaranteed on transmission lines with impedances as low as 75
DYNAMIC SWITCHING CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 3.3 3.3 CL = 50 pF 3.3 0.8 V TA = 25C Min. Typ. 0.5 -0.8 2 -0.6 Max. 0.8 V V Value -40 to 85C Min. Max. -55 to 125C Min. Max. Unit
VOLP VOLV VIHD
VILD
Dynamic Low Voltage Quiet Output (note 1, 2) Dynamic High Voltage Input (note 1, 3) Dynamic Low Voltage Input (note 1, 3)
1) Worst case package. 2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n-1) outputs switching and one output at GND. 3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.3V Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold (VIHD), f=1MHz.
4/10
74LVQ374
AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, RL = 500 , Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (V) 2.7 3.3 2.7
(*)
Value TA = 25C Min. Typ. 7.7 6.3 8.8 7.2 9.2 7.2 4.0 3.0 3.0 2.0 1.0 1.5 100 120 1.5 1.1 0.0 0.0 0.0 0.0 150 180 0.5 0.5 1.0 1.0 Max. 12.0 9.0 13.0 10.0 13.0 10.0 4.0 3.0 3.0 2.0 1.0 1.5 80 100 1.0 1.0 -40 to 85C Min. Max. 14.0 10.5 15.0 11.5 15.0 11.5 4.0 3.0 3.0 2.0 1.0 1.5 60 80 1.0 1.0 -55 to 125C Min. Max. 16.0 12.0 17.0 13.0 17.0 13.0 ns ns ns ns ns ns MHz Unit
tPLH tPHL tPLZ tPHZ tPZL tPZH tW tsL tsH thL thH fMAX tOSLH tOSHL
Propagation Delay Time CK to Q Output Disable Time Output Enable Time Clock Pulse Width HIGH Setup Time D to CK, HIGH or LOW Hold Time CK to D, HIGH or LOW Maximum Clock Frequency Output To Output Skew Time (note1, 2)
3.3(*) 2.7 3.3(*) 2.7 3.3 2.7 3.3 2.7 2.7 3.3(*) 2.7 3.3(*)
(*)
(*)
3.3(*)
ns
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = |tPLHm - tPLHn|, t OSHL = |tPHLm - t PHLn|) 2) Parameter guaranteed by design (*) Voltage range is 3.3V 0.3V
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 3.3 3.3 3.3 fIN = 10MHz TA = 25C Min. Typ. 4 7 15 Max. Value -40 to 85C Min. Max. -55 to 125C Min. Max. pF pF pF Unit
CIN COUT CPD
Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8 (per Flip Flop)
5/10
74LVQ374
TEST CIRCUIT
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
CL = 50pF or equivalent (includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50)
SWITCH Open 2VCC Open
WAVEFORM 1 : PROPAGATION DELAYS, SETUP AND HOLD TIMES (f=1MHz; 50% duty cycle)
6/10
74LVQ374
WAVEFORM 2 : OUTPUT ENABLE AND DISABLE TIMES (f=1MHz; 50% duty cycle)
WAVEFORM 3 : PULSE WIDTH (f=1MHz; 50% duty cycle)
7/10
74LVQ374
SO-20 MECHANICAL DATA
mm. DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L M S 7.40 0.50 12.60 10.00 1.27 11.43 7.60 1.27 0.75 8 (max.) 0.291 0.020 13.00 10.65 0.35 0.23 0.5 45 (typ.) 0.496 0.393 0.050 0.450 0.300 0.050 0.029 0.512 0.419 0.1 TYP MAX. 2.65 0.2 2.45 0.49 0.32 0.014 0.009 0.020 0.004 MIN. TYP. MAX. 0.104 0.008 0.096 0.019 0.012 inch
PO13L
8/10
74LVQ374
TSSOP20 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 6.4 6.2 4.3 6.5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 6.6 6.6 4.48 0.002 0.031 0.007 0.004 0.252 0.244 0.169 0.256 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0089 0.260 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0087225C
9/10
74LVQ374
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of 74LVQ374

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X