Part Number Hot Search : 
2SC2983Y 3045C SST25 CS4314 D227EI ZM2CY96W CHEMH9PT 101M06
Product Description
Full Text Search
 

To Download 2SD2556 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD2556
Silicon NPN epitaxial planer type
Unit: mm
For power switching I Features
* High forward current transfer ratio hFE * Allowing supply with the radial taping * Low collector to emitter saturation voltage VCE(sat): < 0.5 V
6.50.1 5.30.1 4.350.1
2.30.1 0.50.1
7.30.1
1.80.1
0.8 max.
I Absolute Maximum Ratings TC = 25C
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation TC = 25C Ta = 25C Tj Tstg Symbol VCBO VCEO VEBO ICP IC PC Rating 130 80 7 10 5 10 1 150 -55 to +150 C C Unit
1
4.60.1
1.00.1 0.10.05 0.50.1 0.750.1 2.30.1 (5.3) (4.35) (3.0)
2.50.1
(1.8)
2 3
1.00.2
V V V A A W
1: Base 2: Collector 3: Emitter
U Type Package
Internal Connection
C B E
Junction temperature Storage temperature
I Electrical Characteristics TC = 25C 3C
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Symbol ICBO IEBO VCEO hFE1 hFE2 Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time Note) *: Rank classification Rank hFE2 P 130 to 260 Q 90 to 180
*
Conditions VCB = 100 V, IE = 0 VEB = 5 V, IC = 0 IC = 1 mA, IB = 0 VCE = 2 V, IC = 0.1 A VCE = 2 V, IC = 2 A IC = 4 A, IB = 0.2 A IC = 4 A, IB = 0.2 A VCE = 10 V, IC = - 0.5 A, f = 10 MHz IC = 2 A, IB1 = 0.2 A, IB2 = - 0.2 A VCC = 50 V
Min
Typ
Max 10 50
Unit A A V
80 45 90 260 0.5 1.5 30 0.5 1.5 0.15
VCE(sat) VBE(sat) fT ton tstg tf
V V MHz s s s
(5.5)
1
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SD2556

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X