Part Number Hot Search : 
9001KR1U C1300 MAX232AC 2SJ278M 51003 AM29F 51003 51003
Product Description
Full Text Search
 

To Download 2SD2494 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Equivalent circuit
C
Darlington
2SD2494
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=110V VEB=5V IC=30mA VCE=4V, IC=5A IC=5A, IB=5mA IC=5A, IB=5mA VCE=12V, IE=-0.5A VCB=10V, f=1MHz 2SD2494 100max 100max 110min 5000min 2.5max 3.0max 60typ 55typ V V
16.2
B
(7 0 )
E
Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SB1625) sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SD2494 110 110 5 6 1 60(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : Audio, Series Regulator and General Purpose
(Ta=25C) Unit
External Dimensions FM100(TO3PF)
0.80.2 15.60.2 5.50.2 3.45 0.2 5.5 o3.30.2 1.6
A
23.00.3
V
9.50.2
A
a b
MHz pF
1.75 2.15 1.05 +0.2 -0.1 5.450.1 1.5 4.4 5.450.1 1.5 0.65 +0.2 -0.1
3.3
0.8
hFE Rank O(5000 to 12000), P(6500 to 20000), Y(15000 to 30000) sTypical Switching Characteristics (Common Emitter) VCC (V) 30 RL () 6 IC (A) 5 VBB1 (V) 10 VBB2 (V) -5 IB1 (mA) 5 IB2 (mA) -5 ton (s) 0.8typ tstg (s) 6.2typ tf (s) 1.1typ
3.35
B
C
E
Weight : Approx 6.5g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
A 1m
VCE( sat ) - IB Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s a t)( V ) 3
I C - V BE Temperature Characteristics (Typical)
6 (VCE=4V)
6
5mA
0.
5m
A
0. 4m A
0.3 mA
Collector Current I C (A)
4
0.2mA
Collector Current I C (A)
2
4
mp)
I C= 5A
p)
2
Cas
1 I C= 3A
2
e Tem
C (
25C
IB=0.1mA
0
0
2
4
6
0
0.1
0.5
1
5
10
50
100
0
0
1
-30C
125
(Case
(Cas
Temp
e Te
)
2
3.0
2.5
Collector-Emitter Voltage V C E( V)
Base Current I B( mA)
Base-Emittor Voltage V B E( V)
hFE - I C Characteristics (Typical)
(V C E= 4V) 40000 DC C urrent G ain h FE
h FE - I C Temperature Characteristics (Typical)
(V C E= 4V) 40000 DC Cur rent Gain h F E
j - a( C/W)
j-a - t Characteristics
5
Typ
10000 5000
10000 5000
125C 25C
1000 500 -30C
Transient Thermal Resistance
1
1000 500 200 0.02
0.5 1 5 10 50 100 Time t(ms) 500 1000 2000
0.1
0.5
1
56
100 0.02
0.1
0.5
1
56
Collector Current I C( A)
Collector Current I C( A)
fT - IE Characteristics (Typical)
(V C E= 12V) 80 20
Safe Operating Area (Single Pulse)
60
P c - T a Derating
Typ
10 5
10
60 Co lle ctor Cu rren t I C( A)
M aximu m Power Dissipa tion P C( W)
10
Cu t-of f Fr eque ncy f T( MH Z)
W
m
D
ith
s
C
0m s
40
In fin ite he
40
1 0.5 Without Heatsink Natural Cooling 0.1
at si nk
20
20
Without Heatsink 5 10 50 100 200 3.5 0 0 25 50 75 100 125 150
0 -0.02
-0.1
-1
-6
0.05 3
Emitter Current I E( A)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
154
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 2SD2494

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X