Part Number Hot Search : 
P1C4F SMBJ58CA B82499A 2SB12 P1C4F PST9332U ZTB237D XR16L580
Product Description
Full Text Search
 

To Download 2SD2439 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Equivalent circuit
C
Darlington
2SD2439
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=160V VEB=5V IC=30mA VCE=4V, IC=7A IC=7A, IB=7mA IC=7A, IB=7mA VCE=12V, IE=-2A VCB=10V, f=1MHz 2SD2439 100max 100max 150min 5000min 2.5max 3.0max 55typ 95typ V V MHz pF
16.2
B
(7 0 )
E
Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SB1588) sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SD2439 160 150 5 10 1 80(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : Audio, Series Regulator and General Purpose
(Ta=25C) Unit
External Dimensions FM100(TO3PF)
0.80.2 15.60.2 5.50.2 3.45 0.2 5.5 o3.30.2 1.6
A
V
9.50.2
A
23.00.3
a b
1.75 2.15 1.05 5.450.1 1.5 4.4
+0.2 -0.1
3.3
0.8
hFE Rank O(5000 to 12000), P(6500 to 20000), Y(15000 to 30000)
sTypical Switching Characteristics (Common Emitter)
VCC (V) 70 RL () 10 IC (A) 7 VBB1 (V) 10 VBB2 (V) -5 IB1 (mA) 7 IB2 (mA) -7 ton (s) 0.5typ tstg (s) 10.0typ tf (s) 1.1typ
5.450.1 1.5
0.65 +0.2 -0.1
3.35
B
C
E
Weight : Approx 6.5g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V )
10 m A 2. 5m A
VCE( sat ) - IB Characteristics (Typical)
3
IC - V BE Temperature Characteristics (Typical)
10 (V C E= 4V)
10
2m
A
1. 5m A
8 Collector Current I C( A)
1.2 mA
1m A
8 Collector Current I C (A)
2
6
0.8mA
6
IC=10A I C= 7A 1 I C= 5A
p)
Tem
4
0.6mA
4
e Te
se
(Cas
IB=0.4mA
2
25C
0
0
2
4
6
0
0.2
0.5
1
5
10
50
100 200
0
0
1
-30C
125
2
C
(Cas
(Ca
e Te
mp)
mp)
2
Collector-Emitter Voltage V C E( V)
Base Current I B( mA)
Base-Emittor Voltage V B E( V)
hFE - IC Characteristics (Typical)
(V C E= 4V) 40000 DC Curr ent Gain h FE
hFE - I C Temperature Characteristics (Typical)
(V C E= 4V) 70000 50000 125C
j- a( C/ W)
j-a - t Characteristics
3
Transient Thermal Resistance
Typ
10000 5000
DC Curr ent Gain h F E
1 0.5
10000 5000
25C -30C
1000 1000 02 0.5 1 Collector Current I C( A) 5 10 500 0.2 0.5 1 Collector Current I C( A) 5 10
0.1
1
5
10
50 100 Time t(ms)
500 1000 2000
fT - IE Characteristics (Typical)
(VCE=12V) 100 30
Safe Operating Area (Single Pulse)
80
10 m
P c - T a Derating
80 Cut- off Fr equ ency f T( MH Z) Collecto r Cur ren t I C( A)
10 5
DC
10 0m
Ma xim um Powe r Dissipation P C( W)
s
s
60
60
Typ
1 0.5 Without Heatsink Natural Cooling 0.1
40
40
20
20
Without Heatsink 5 10 50 100 200 3.5 0 0 50 100 150
0 -0.02
-0.1
-1 Emitter Current I E( A)
-10
0.05 3
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
152
3.0
2.5
W ith In fin ite he at si nk
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 2SD2439

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X