Part Number Hot Search : 
N4002 76056 CA12240 TM164A 2N6673 57300 22E0430 24632
Product Description
Full Text Search
 

To Download 2SD1899-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-252 Plastic-Encapsulated Transistors
2SD1899-Z
FEATURES Power dissipation PCM: 2 W (Tamb=25)
TRANSISTOR (NPN) TO-252
1. BASE
2. COLLECTOR
Collector current 3 A ICM: Collector-base voltage 60 V V(BR)CBO: Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) DC current gain hFE(2) hFE(3) Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Turn on Time Switching Time Storage Time Fall Time VCE(sat) VBE(sat)
3. EMITTER
1
23
unless otherwise specifie)
Test conditions MIN TYP MAX UNIT V V V
Ic=100A, IE=0 Ic=1mA, IB=0 IE=100A,IC=0 VCB=60V, IE=0 VEB=7V, IC=0 VCE=2V, IC=200mA VCE=2V, IC=600mA VCE=2V, IC=2A IC=1.5A, IB=150mA IC=1.5A, IB=150mA VCE=5V, IC=1.5A VCB=10V, IE=0, f=1MHz
60 60 7 10 10 60 100 50 0.25 1.2 120 30 0.5 400
A A
V V MHz pF
fT
Cob ton tstg tf
VCC=30V, IC=1A, IB1=-IB2=-0.05A
2.0 0.5
s
CLASSIFICATION OF hFE(1) Rank Range M 100-200 L 160-320 K 200-400
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 2SD1899-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X