Part Number Hot Search : 
LM2576 MC14069U LM2576 DM74A DM74A DTA124 AI4D6 LT5010
Product Description
Full Text Search
 

To Download 2SC4229 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4229
Silicon NPN Epitaxial
Application
UHF RF amplifier
Outline
2SC4229
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Ratings 30 25 3 20 150 150 -55 to +150 Unit V V V mA mW C C
Electrical Characteristics (Ta = 25C)
Item Collector to base breakdown voltage Collector cutoff current Collector cutoff current Emitter cutoff current Collector to emitter saturation voltage DC current transfer ratio Collector output capacitance Gain bandwidth product Power gain Noise figure AGC voltage Symbol V(BR)CBO I CBO I CEO I EBO VCE(sat) hFE Cob fT PG NF VAGC Min 30 -- -- -- -- 50 -- 0.7 10 -- 1.8 Typ -- -- -- -- -- -- 0.6 1.0 15 3.0 -- Max -- 0.3 10 1.0 5.0 180 0.8 -- -- 4.5 2.7 pF GHz dB dB V Unit V A A A V Test conditions I C = 10 A, IE = 0 VCB = 15 V, IE = 0 VCE = 25 V, RBE = VEB = 3 V, IC = 0 I C = 10 mA, IB = 1 mA VCE = 5 V, IC = 2 mA VCB = 10 V, IE = 0, f = 1MHz VCE = 5 V, IC = 2 mA VCC = 4 V, IC = 2 mA, f = 900 MHz VCC = 4 V, IC = 2 mA, f = 900 MHz VCC = 4 V, IC = 2 mA, f = 900 MHz Pin = -50dBm, GR = 30dB
Note: Marking is "UI-".
2
2SC4229
3
2SC4229
4
2SC4229
S Parameters (Emitter Common)
Test condition VCE = 5 V, 100 MHz to 1000 MHz (100 MHz STEP), ZO = 50
5
2SC4229
6
2SC4229
S Parameters (Base Common)
Test condition VCE = 5 V, 100 MHz to 1000 MHz (100 MHz STEP), ZO = 50
7
2SC4229
8
2SC4229
S Parameters (Emitter Common)
Test Condition VCE = 5 V, IC = 2 mA, ZO = 50
Freq. (MHz) 100 200 300 400 500 600 700 800 900 1000 S11 MAG. 0.847 0.702 0.598 0.540 0.513 0.498 0.500 0.501 0.520 0.524 ANG. -42.5 -77.7 -103.7 -121.4 -137.6 -149.7 -159.1 -166.9 -173.8 -179.5 S21 MAG. 5.910 4.593 3.528 2.817 2.325 1.984 1.719 1.522 1.355 1.232 ANG. 148.0 124.5 108.2 97.2 88.3 81.1 74.6 68.8 63.3 59.1 S12 MAG. 0.025 0.039 0.046 0.049 0.051 0.052 0.054 0.056 0.058 0.061 ANG. 67.6 51.2 43.6 41.3 41.7 43.6 46.7 49.8 54.4 58.5 S22 MAG. 0.951 0.879 0.828 0.799 0.781 0.767 0.756 0.745 0.734 0.725 ANG. -7.0 -10.6 -11.6 -12.1 -12.8 -13.6 -14.7 -15.8 -16.9 -18.1
Test Condition VCE = 5 V, IC = 5 mA, ZO = 50
Freq. (MHz) 100 200 300 400 500 600 700 800 900 1000 S11 MAG. 0.606 0.559 0.543 0.546 0.555 0.562 0.577 0.583 0.596 0.607 ANG. -110.9 -145.3 -161.9 -171.3 -179.2 174.6 170.2 165.7 161.8 158.4 S21 MAG. 6.693 3.889 2.638 2.023 1.635 1.378 1.184 1.045 0.933 0.838 ANG. 116.7 98.1 88.2 80.9 74.5 68.8 63.4 58.5 53.8 49.8 S12 MAG. 0.017 0.021 0.024 0.028 0.033 0.038 0.043 0.049 0.056 0.063 ANG. 47.2 45.6 52.4 58.5 64.9 70.3 75.0 77.8 80.6 82.7 S22 MAG. 0.877 0.843 0.828 0.818 0.809 0.799 0.788 0.777 0.765 0.752 ANG. -6.3 -6.9 -8.0 -9.3 -10.7 -12.4 -14.0 -15.7 -17.3 -18.8
9
2SC4229
Y Parameters (Emitter Common)
Test Condition VCE = 5 V, IC = 2 mA
Freq. (MHz) 100 200 300 400 500 600 700 800 900 1000 Yie (mS) REAL 1.667 4.668 9.767 16.044 24.480 33.133 41.424 48.522 55.988 59.232 IMAG. 6.759 13.547 19.505 23.355 26.080 25.858 23.938 19.437 14.034 6.384 Yfe (mS) REAL 67.553 64.179 57.680 48.275 38.204 26.008 13.802 1.525 -9.614 -18.460 IMAG. -13.446 -25.577 -37.926 -47.353 -55.929 -61.506 -63.603 -62.673 -60.249 -54.455 Yre (mS) REAL -0.008 -0.052 -0.123 -0.213 -0.315 -0.443 -0.550 -0.695 -0.808 -0.947 IMAG. -0.287 -0.585 -0.884 -1.165 -1.449 -1.702 -1.953 -2.189 -2.483 -2.696 Yoe (mS) REAL 0.062 0.111 0.233 0.393 0.565 0.774 1.009 1.259 1.493 1.753 IMAG. 0.464 1.032 1.545 2.024 2.495 2.942 3.362 3.785 4.156 4.499
Test Condition VCE = 5 V, IC = 5 mA
Freq. (MHz) 100 200 300 400 500 600 700 800 900 1000 Yie (mS) REAL 12.186 31.220 48.707 58.928 64.974 65.588 65.289 61.116 57.148 52.783 IMAG. 22.124 30.351 25.371 16.476 4.453 -6.699 -15.236 -22.425 -28.202 -32.233 Yfe (mS) REAL 125.460 84.056 39.816 10.854 -10.374 -22.820 -29.399 -32.174 -32.984 -32.007 IMAG. -60.901 -93.716 -98.179 -89.321 -76.524 -62.078 -49.731 -38.168 -28.950 -21.590 Yre (mS) REAL -0.033 -0.125 -0.227 -0.333 -0.460 -0.575 -0.687 -0.837 -0.991 -1.143 IMAG. -0.358 -0.667 -0.931 -1.197 -1.470 -1.708 -1.997 -2.202 -2.456 -2.672 Yoe (mS) REAL 0.142 0.280 0.532 0.710 0.896 1.108 1.315 1.573 1.823 2.107 IMAG. 0.569 1.184 1.664 2.096 2.508 2.931 3.313 3.703 4.090 4.403
10
2SC4229
S Parameters (Base Common)
Test Condition VCE = 5 V, IC = 2 mA, ZO = 50
Freq. (MHz) 100 200 300 400 500 600 700 800 900 1000 S11 MAG. 0.554 0.559 0.566 0.568 0.583 0.597 0.605 0.615 0.628 0.640 ANG. 176.3 173.3 169.9 166.4 163.6 160.4 157.7 154.6 152.7 149.7 S21 MAG. 1.538 1.535 1.531 1.516 1.500 1.478 1.447 1.412 1.365 1.307 ANG. -7.7 -15.5 -23.8 -32.0 -40.5 -48.9 -57.7 -66.6 -76.1 -84.4 S12 MAG. 0.004 0.010 0.015 0.020 0.024 0.029 0.035 0.041 0.044 0.049 ANG. 76.2 87.8 88.8 89.1 90.1 91.6 90.4 91.2 89.9 90.0 S22 MAG. 0.999 1.001 1.002 1.003 1.004 1.003 0.999 0.993 0.979 0.962 ANG. -1.9 -4.1 -6.3 -8.6 -11.2 -13.8 -16.8 -19.8 -23.1 -26.1
Test Condition VCE = 5 V, IC = 5 mA, ZO = 50
Freq. (MHz) 100 200 300 400 500 600 700 800 900 1000 S11 MAG. 0.762 0.764 0.761 0.757 0.761 0.764 0.761 0.761 0.761 0.759 ANG. 175.4 171.1 166.5 162.5 158.6 154.6 151.6 147.8 144.7 141.9 S21 MAG. 1.715 1.676 1.599 1.517 1.427 1.334 1.233 1.137 1.042 0.944 ANG. -13.1 -25.1 -37.5 -49.0 -60.5 -71.4 -82.4 -92.7 -102.7 -112.1 S12 MAG. 0.003 0.007 0.012 0.017 0.022 0.028 0.033 0.041 0.048 0.054 ANG. 75.5 95.9 97.2 100.7 104.1 105.2 103.3 102.8 101.7 98.9 S22 MAG. 0.999 1.001 1.000 0.997 0.990 0.980 0.962 0.942 0.917 0.885 ANG. -2.4 -4.8 -7.5 -10.3 -13.2 -16.4 -19.6 -22.7 -25.7 -28.4
11
2SC4229
Y Parameters (Base Common)
Test Condition VCE = 5 V, IC = 2 mA
Freq. (MHz) 100 200 300 400 500 600 700 800 900 1000 Yie (mS) REAL 69.274 68.907 67.557 64.500 62.935 59.471 55.685 50.611 47.059 41.579 IMAG. -6.510 -11.584 -17.761 -23.139 -28.802 -34.407 -38.256 -41.641 -44.543 -46.267 Yfe (mS) REAL -67.616 -64.291 -57.913 -48.669 -38.770 -26.782 -14.811 -2.783 8.121 16.706 IMAG. 12.982 24.545 36.381 45.329 53.433 58.563 60.241 58.889 56.093 49.955 Yre (mS) REAL -0.054 -0.059 -0.110 -0.180 -0.250 -0.331 -0.459 -0.564 -0.685 -0.806 IMAG. -0.177 -0.446 -0.660 -0.859 -1.047 -1.240 -1.409 -1.595 -1.672 -1.804 Yoe (mS) REAL 0.062 0.111 0.233 0.393 0.565 0.774 1.009 1.259 1.493 1.753 IMAG. 0.464 1.032 1.545 2.024 2.495 2.942 3.362 3.785 4.156 4.499
Test Condition VCE = 5 V, IC = 5 mA
Freq. (MHz) 100 200 300 400 500 600 700 800 900 1000 Yie (mS) REAL 137.754 115.431 88.828 70.159 55.036 43.301 36.519 29.677 24.996 21.739 IMAG. -38.565 -62.847 -72.075 -71.946 -71.033 -67.554 -63.650 -59.092 -55.518 -520.92 Yfe (mS) REAL -125.601 -84.336 -40.347 -11.564 9.478 21.712 28.083 30.601 31.160 29.901 IMAG. 60.332 92.532 96.515 87.225 74.016 59.147 46.417 34.465 24.860 17.187 Yre (mS) REAL -0.108 -0.155 -0.304 -0.377 -0.436 -0.533 -0.629 -0.736 -0.832 -0.963 IMAG. -0.212 -0.517 -0.733 -0.899 -1.038 -1.223 -1.317 -1.501 -1.634 -1.730 Yoe (mS) REAL 0.142 0.280 0.532 0.710 0.896 1.108 1.315 1.573 1.823 2.107 IMAG. 0.569 1.184 1.664 2.096 2.508 2.931 3.313 3.703 4.090 4.403
12
2SC4229
Power Gain and Noise figure Test Circuit
13
2SC4229
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
14


▲Up To Search▲   

 
Price & Availability of 2SC4229

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X