Part Number Hot Search : 
IRGPC30S SMCJ3 N4R7M 2SJ378 00158 8002A MAX970 LC75742W
Product Description
Full Text Search
 

To Download 2SA1955 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA1955
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1955
General Purpose Amplifier Applications Switching and Muting Switch Application
* * Low saturation voltage: VCE (sat) (1) = -15 mV (typ.) @IC = -10 mA/IB = -0.5 mA Large collector current: IC = -400 mA (max) Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Rating -15 -12 -5 -400 -50 100 125 -55~125 Unit V V V mA mA mW C C
JEDEC JEITA TOSHIBA
2-2H1A
Marking
Weight: 2.4 mg (typ.)
1
2003-03-27
2SA1955
Electrical Characteristics (Ta = 25C)
Characteristics Collector cut-off current Emitter cut-off current DC current gain Symbol ICBO IEBO hFE (Note) VCE (sat) (1) VCE (sat) (2) VBE (sat) fT Cob Ron ton Test Condition VCB = -15 V, IE = 0 VEB = -5 V, IC = 0 VCE = -2 V, IC = -10 mA IC = -10 mA, IB = -0.5 mA IC = -200 mA, IB = -10 mA IC = -200 mA, IB = -10 mA VCE = -2 V, IC = -10 mA VCB = -10 V, IE = 0, f = 1 MHz IB = -1 mA, Vin = -1 Vrms, f = 1 kHz Min 3/4 3/4 300 3/4 3/4 3/4 80 3/4 3/4 3/4 Typ. 3/4 3/4 3/4 -15 -110 -0.87 130 4.2 0.9 40 Max -0.1 -0.1 1000 -30 -250 -1.2 3/4 3/4 3/4 3/4 Unit mA mA
Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Collector-emitter on resistance Turn-on time
mV V MHz pF W
Switching time
Storage time
tstg
3/4
280
3/4
ns
Fall time
tf
IB1 = -IB2 = 5 mA
3/4
45
3/4
Note: hFE classification
A: 300~600, B: 500~1000
2
2003-03-27
2SA1955
3
2003-03-27
2SA1955
4
2003-03-27
2SA1955
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
5
2003-03-27
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SA1955

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X