Part Number Hot Search : 
R223J BAV56TT1 RS9360A V6300 HD74LS1 UF804F 8062M LT1085MG
Product Description
Full Text Search
 

To Download 2N2151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 7516 Central Industrial Drive Riviera Beach, Florida 33404 PHONE: (561) 842-0305 FAX: (561) 845-7813
2N2151
APPLICATIONS:
* *
Fast Switching High Frequency Switching and Amplifying
FEATURES:
* *
High Reliability Greater Gain Stability
5 Amp, 100V, Planar, NPN Power Transistors JAN, JANTX
DESCRIPTION:
These power transistors are produced by PPC's DOUBLE DIFFUSED PLANAR process. This technology produces high voltage devices with excellent switching speeds, frequency response, gain linearity, saturation voltages, high current gain, and safe operating areas. They are intended for use in Commercial, Industrial, and Military power switching, amplifier, and regulator applications. Ultrasonically bonded leads and controlled die mount techniques are utilized to further increase the SOA capability and inherent reliability of these devices. The temperature range to 200C permits reliable operation in high ambients, and the hermetically sealed package insures maximum reliability and long life.
TO-59
ABSOLUTE MAXIMUM RATINGS
SYMBOL
VCBO* VCEO* VEBO* IC * IC * IB * T STG* T J* * PT *
CHARACTERISTIC
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Collector Current Continuous Collector Current Continuous Base Current Storage Temperature Operating Junction Temperature Lead Temperature 1/16" From Case for 10 Sec. Power Dissipation T A = 25C T C = 100C Thermal Resistance Junction to Case
VALUE
150 100 8 10 5 2 -65 to 200 -65 to 200 230
UNITS
V V V A A A C C C
2 30 3.33
W W
C/W
JC
* Indicates JEDEC registered data. MSC0942A.DOC 11-03-98
2N2151
ELECTRICAL CHARACTERISTICS (25Case Temperature Unless Otherwise Noted)
SYMBOL
BVCBO* BVCEO* BVEBO* ICEO* ICEX* ICBO* hFE*
CHARACTERISTIC
Collector-Base Voltage Collector-Emitter Voltage (Note 1) Emitter-Base Voltage Collector-Emitter Cutoff Current Collector-Emitter Cutoff Current Collector-Base Cutoff Current DC Current Gain (Note 1) AC Current Gain Collector Saturation Voltage (Note 1) Base Saturation Voltage (Note 1) Base On-Voltage (Note 1) Gain-Bandwidth Product Output Capacitance
TEST CONDITIONS
IC = 100 Adc, Cond. D IC = 50 mAdc, Cond. D IE = 2 Adc, Cond. D VCE = 120 Vdc Cond. D VCE = 120 Vdc, VEB = 0.5 Vdc, Cond. A VCE = 120 Vdc, VEB = 0.5 Vdc, Cond. A TA = 150C VCB = 120 Vdc, Cond. D IC = 1 Adc, VCE = 5 Vdc IC = 0.5 Adc, VCE = 5 Vdc IC = 0.1 Adc, VCE = 5 Vdc IC = 0.1 Adc, VCE = 30 Vdc, f = 1 KHz IC = 1 Adc, IB = 0.1 Adc IC = 1 Adc, IB = 0.1 Adc IC = 1 Adc, VCE = 2 Vdc IC = 1 Adc, VCE = 30 Vdc, f = 10 MHz VCB = 20 Vdc, 1E = 0, f = 1 MHz
VALUE
Min.
150 100 8 ------------40 40 40 40 ---------10 ----
Max
---------5 5 100 5 120 120 ---160 1.0 1.2 1.2 70 160
Units
Vdc Vdc Vdc
Adc Adc A Adc
------------Vdc Vdc Vdc MHz pf
hFE* VCE(sat)* VBE(sat)* VBE(on)* fT * Cob*
Note 1: Pulse Test: PW = 300 s, Duty Cycle 2%. * Indicates JEDEC registered data.
MSC0942A.DOC 11-03-98
2N2151
PACKAGE MECHANICAL DATA
.185 [4.70] .215 [5.46] .424 [10.77] .437 [11.10] O.055 [1.40] +.010 [.254] -.015 [.381]
O.318 [8.07] O.380 [9.65]
.570 [14.48] .763 [19.38]
.320 [8.13] .468 [11.88]
.090 [2.28] .150 [3.81]
.400 [10.16] .455 [11.56]
NOTE: DIMENSIONS IN [ ] = MILLIMETERS
ALL JEDEC DIMENSIONS AND NOTES APPLY
MSC0942A.DOC 11-03-98


▲Up To Search▲   

 
Price & Availability of 2N2151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X