Part Number Hot Search : 
VP0350N 10B60K 89C51RC L1024 0BGXC RC001 25007 VJ1210Y8
Product Description
Full Text Search
 

To Download 220CNQ030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-2.280 rev. C 07/01
220CNQ030
SCHOTTKY RECTIFIER 220 Amp
TO-244AB
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM range IFSM @ tp = 5 s sine VF TJ @ 110Apk, TJ=125C (per leg) range
Description/Features
The 220CNQ center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in high current switching power supplies, plating power supplies, UPS systems, converters, free-wheeling diodes, welding, and reverse battery protection. 150 C TJ operation Center tap module High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
220CNQ... Units
220 30 22,500 0.40 - 55 to 150 A V A V C
80.01 [3.150] 40.26 [1.585] 39.75 [1.565] COMMON CATHODE
O
10.41 [.410] 9.65 [.380]
20.32 [.800] 17.78 [.700]
LUG TERMINAL ANODE 1
LUG TERMINAL ANODE 2
2X O
7.49 [.295] 6.99 [.275]
34.925 [1.375] REF. 63.50 [2.500] 60.96 [2.400]
O
4.95 [.195] 4.70 [.185]
1/4-20 SLOTTED HEX
BASE COMMON CATHODE
23.55 [.927] 20.42 [.804]
15.75 [.620] 14.99 [.590] 3.35 [.132] 3.02 [.119]
92.71 [3.650] 90.17 [3.550] NOTES: 1. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES]. 2. CONTROLLING DIMENSION: MILLIMETER
Modified JEDEC Outline TO-244AB Dimensions in millimeters and (inches)
www.irf.com
1
220CNQ... Series
Bulletin PD-2.280 rev. C 07/01
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
220CNQ030
30
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg) 22,500 2400 99 22 A mJ A 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied TJ = 25 C, IAS = 22 Amps, L = 0.41 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
220CNQ Units Conditions
220 A 50% duty cycle @ TC = 114 C, rectangular wave form
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
220CNQ Units Conditions
0.48 0.57 0.40 0.52 V V V V mA mA pF nH V/ s
(1) Pulse Width < 300s, Duty Cycle <2%
@ 110A @ 220A @ 110A @ 220A TJ = 25 C TJ = 125 C
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1) Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
10 560 7400 7.0 10,000
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C From top of terminal hole to mounting plane
dv/dt Max. Voltage Rate of Change (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
220CNQ Units Conditions
-55 to 150 -55 to 150 0.40 0.20 0.10 C C C/W DC operation C/W DC operation C/W Mounting surface , smooth and greased * See Fig. 4
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt Approximate Weight T Mounting Torque Min. Max. Mounting Torque Center Hole Typ. Terminal Torque Min. Max. Case Style
79 (2.80) g (oz.) 24 (20) 35 (30) Kg-cm 13.5 (12) (Ibf-in) 35 (30) 46 (40) TO - 244AB Modified JEDEC
2
www.irf.com
220CNQ... Series
Bulletin PD-2.280 rev. C 07/01
10 00
100 00 10 00 10 0 1 0 1 .1 .0 1 0 T =1 0C 5 J 1 5C 2 1 0C 0 7 5C 5 0C 2 5C
10 0
Instantaneous Forward Current - I
F
Reverse Current - I R (mA)
(A)
T =1 0C 5 J T =1 5C 2 J T= 2 5C J
5
1 0
1 5
2 0
2 5
3 0
Reverse Voltage - V R (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
100 00
Junction Capacitance - C T (pF)
1 0
T =2 5C J
1 0
.1
.2
.3
.4
.5
.6
.7
.8
10 00 0
5
1 0
1 5
2 0
2 5
3 0
5 3
Forward Voltage Drop - V FM (V) Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
1
Reverse Voltage - V R (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
Thermal Impedance Z thJC (C/W)
D=0 0 .5 .1 D=0 3 .3 D=0 5 .2 D=0 7 .1 D=0 8 .0 .0 1 S g P ls in le u e (T e a R s ta c ) h rm l e is n e .0 1 0 .0 0 1 00 .0 0 01 .0 1 0 .0 1 .1 t 1 t2 N te : os 1 D tyfa to D= t1/ t 2 .u cr 2 P a T =P xZ . ek +T JD M th C C J 1 1 0 10 0
PM D
t 1 , Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
220CNQ... Series
Bulletin PD-2.280 rev. C 07/01
15 5 7 0
Allowable Case Temperature (C)
15 4 10 4 15 3 10 3 15 2 10 2 0 D C
Average Power Loss (Watts)
10 5
20 N 00 2 C Q3 R J (D ) =0 0C .4 /W th C C
D=0 8 .0 .1 6 D=0 7 0 D=0 5 .2 D=0 3 .3 5 0 D=0 0 .5 4 R SL it 0 M im 3 0 2 0 1 0 0 0 D C
2 0
4 0
6 0
8 10 10 10 10 00 2 4 6
2 0
4 0
6 0
8 10 10 10 10 00 2 4 6
Average Forward Current - IF(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Non-Repetitive Surge Current - I FSM (A)
100000 At Any Rated Load Condition And With Rated V RRM Applied Following Surge
Average Forward Current - IF (AV) (A) Fig. 6 - Forward Power Loss Characteristics (Per Leg)
10000
1000 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec) Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L H IG H-SPE ED SW ITC H FRE E-W H EEL D IO D E 40H FL40 S02 V d = 25 V olt
D UT
IRFP460 R g = 25 oh m
+
C URRE NT M O N ITO R
Fig. 8 - Unclamped Inductive Test Circuit
4
www.irf.com
220CNQ... Series
Bulletin PD-2.280 rev. C 07/01
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 07/01
www.irf.com
5


▲Up To Search▲   

 
Price & Availability of 220CNQ030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X