Part Number Hot Search : 
UCA64H72 BUZ103SL DTA143EE LC89581 MM3Z47VS IRG4BC30 1N4116 30ETH06
Product Description
Full Text Search
 

To Download 1T403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1T403
Variable Capacitance Diode For the availability of this product, please contact the sales office.
Description The 1T403 is a variable capacitance diode designed for electronic tuning of VHF TV tuners and CATV tuners using a super-small-miniature flat package (SSVC). Features * Super-small-miniature flat package * Low series resistance: 0.8 Max. (f=470 MHz) * Large capacitance ratio: 15.0 Typ. (C1/C28) * Small leakage current: 10 nA Max. (VR=28 V) * Capacitance deviation in a matching group: within 2 % Applications Electronic tuning of TV and CATV tuners Structure Silicon epitaxial planar type diode M-290
Absolute Maximum Ratings (Ta=25 C) * Reverse voltage VR 30 V * Peak reverse voltage VRM 35 V (RL10 k) * Operating temperature Topr -20 to +75 C * Storage temperature Tstg -65 to +150 C
Electrical Characteristics Item Reverse current Diode capacitance Capacitance ratio Series resistance Capacitance deviation in a matching group Symbol IR C1 C28 C1/C28 rs C Conditions VR=28 V VR=1 V, f=1 MHz VR=28 V, f=1 MHz CD=14 pF, f=470 MHz VR=1 to 28 V, f=1 MHz Min. Typ. Max. 10 42.31 2.714 15.0 0.75 0.80 2
(Ta=25 C) Unit nA pF pF %
34.61 2.321 13.5
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
--1--
E95916-TE
1T403
Diode capacitance vs. Reverse voltage 100 Ta=25C 50 100
Reverse current vs. Ambient temperature VR=28V
C-Diode capacitance (pF)
10 5
IR-Reverse current (pA)
1 2 5 10 20 VR-Reverse voltage (V) 50
20
10
2 1
1 -20
0 20 40 60 Ta-Ambient temperature (C)
80
Forward voltage vs. Ambient temperature 0.80 45
Reverse voltage vs. Ambient temperature
VF-Forward voltage (V)
0.70
VR-Reverse voltage (V)
IF=1mA
IR=10A 40
0.60
35
0.50 -20
0
20 40 60 Ta-Ambient temperature (C)
80
30 -20
0
20 40 60 Ta-Ambient temperature (C)
80
--2--
1T403
Diode capacitance vs. Ambient temperature 1.03 VR=1V
C (Ta)/C (25C)-Diode capacitance
1.02
VR=2V VR=7V VR=28V VR=15V
1.01
1.00
0.99
0.98 -20
0
20 40 60 Ta-Ambient temperature (C)
80
Reverse current vs. Reverse voltage 100 1000
Temperature coefficient of diode capacitance
Temperature coefficient (ppm/C)
Ta=25C
500
Ta=80C
IR-Reverse current (pA)
10
200
Ta=60C
100
50 1 2 20 5 10 VR-Reverse voltage (V) 50
1
0.1 1 3 10 30 VR-Reverse voltage (V)
--3--
1T403
Package Outline
Unit : mm
M-290
1.3 0.1
A 1.7 0.1
0.8 0.1
0.2 M
A
10 MAX
b
c
10 MAX
0.7 0.1
BASE METAL WITH PLATING c b 0.11 0.005 0.3 0.025
+ 0.11 - 0.05 0.01 + 0.05 0.3 - 0.02
PACKAGE MATERIAL SONY CODE EIAJ CODE JEDEC CODE M-290 LEAD TREATMENT LEAD MATERIAL PACKAGE WEIGHT
EPOXY RESIN SOLDER PLATING COPPER 0.002g
Mark
1
S3
2
1 : Cathode 2 : Anode
--4--
0.2 0.05
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1T403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X