Part Number Hot Search : 
MAX5901 60DM2 RF2405 PAP2CP 4034B LNBEH21 MAX696 4034B
Product Description
Full Text Search
 

To Download 1N4006S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001S THRU 1N4007S
1.0 AMP. Silicon Rectifiers
Voltage Range 50 to 1000 Volts Current 1.0 Ampere
Features
Low forward voltage drop High current capability High reliability High surge current capability 0.6mm leads
A-405
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Axial leads, solderable per MIL-STD202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 0.22 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% 1N Symbol 1N Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TA = 75 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @1.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=100 Maximum Full Load Reverse Current, Full Cycle Average .375"(9.5mm) Lead Length @TA=75 Typical Junction Capacitance ( Note 1 ) Typical Thermal Resistance ( Note 2 )
1N 1N 1N 1N 1N 4001S 4002S 4003S 4004S 4005S 4006S 4007S
Units
V V V A A V uA uA uA pF /W
VRRM VRMS VDC I(AV) IFSM VF IR HTIR Cj
RJA TJ ,TSTG
50 35 50
100 70 100
200 140 200
400 280 400 1.0 30 1.0 5.0 50 30
600 420 600
800 560 800
1000 700 1000
15 50 Operating and Storage Temperature Range -65 to +150 Notes:1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 2. Mount on Cu-pad size 5mm x 5mm on P.C.B.
- 448 -
RATINGS AND CHARACTERISTIC CURVES (1N4001S THRU 1N4007S)
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
1.0 20
FIG.2- TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT. (A)
10
.8
2 1.0 .4 .2 .1 .04 .02 .01 .6 .8 1.0 FORWARD VOLTAGE. (V) 1.2 1.4 1.5 Tj=25oC Pulse Width=300 s 1% Duty Cycle
.6
.4
.2
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
0 25 50 75 100
o
0 125 150 175 AMBIENT TEMPERATURE. ( C)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
50 100
FIG.4- TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE.(pF)
40 8.3ms Single Half Sine Wave JEDEC Method
60 40 20 10 6 4 2 Tj=25 0C
30
20
10
0
1 1 2 4 6 8 10 20 40 60 80 100 NUMBER OF CYCLES AT 60Hz
.1
.2
.4
1.0
2
4
10
20
40
100
REVERSE VOLTAGE. (V)
FIG.5- TYPICAL REVERSE CHARACTERISTICS
10
4
INSTANTANEOUS REVERSE CURRENT. ( A)
Tj=100 0C
1.0
.4
.1
.04
Tj=25 0C
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
- 449 -
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1N4006S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X