Part Number Hot Search : 
AT754A BY254GP PE3411LF 25LF020A SA220 AAZ17 Z4684 AD660
Product Description
Full Text Search
 

To Download XP134A11A1SR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 x P-Channel Power MOS FET x DMOS Structure x Low On-State Resistance: 0.11 MAX x Ultra High-Speed Switching x SOP-8 Package x Two FET Devices built-in
s General Description
The XP134A11A1SR is a P-Channel Power MOS FET with low on-state resistance and ultra high-speed switching characteristics. Two FET devices are built into the one package. Because high-speed switching is possible, the IC can be efficiently set thereby saving energy. The small SOP-8 package makes high density mounting possible.
s Applications
q Notebook PCs q Cellular and portable phones q On-board power supplies q Li-ion battery systems
s Features
Low on-state resistance: Rds(on)=0.065(Vgs=-10V) Rds(on)=0.11(Vgs=-4.5V) Ultra high-speed switching Operational Voltage: -4.5V High density mounting: SOP-8
u
s Pin Configuration
S1 G1 S2 G2 1 2 3 4 8 7 6 5 D1 D1 D2 D2
s Pin Assignment
PIN NUMBER 1 2 3 4 5~6 7~8 PIN NAME S1 G1 S2 G2 D2 D1 FUNCTION Source Gate Source Gate Drain Drain
SOP-8 (TOP VIEW)
s Equivalent Circuit
1 2 3 4
P-Channel MOS FET (2 devices built-in)
s Absolute Maximum Ratings
PARAMETER SYMBOL Vdss Vgss Id Idp Idr Pd Tch Tstg RATINGS -30 20 -4 -16 -4 2 150 -55~150
Ta=25: UNITS V V A A A W : :
8 7 6 5
Drain-Source Voltage Gate-Source Voltage Drain Current (DC) Drain Current (Pulse) Reverse Drain Current Continuous Channel Power Dissipation (note) Channel Temperature Storage Temperature
Note: When implemented on a glass epoxy PCB
s Electrical Characteristics
DC characteristics
PARAMETER Drain Cut-off Current Gate-Source Leakage Current Gate-Source Cut-off Voltage Drain-Source On-state Resistance (note) Forward Transfer Admittance (note) Body Drain Diode Forward Voltage
Note: Effective during pulse test.
Ta=25: SYMBOL Idss Igss Vgs(off) Rds(on) Yfs Vf CONDITIONS Vds=-30V, Vgs=0V Vgs=20V, Vds=0V Id=-1mA, Vds=-10V Id=-2A, Vgs=-10V Id=-2A, Vgs=-4.5V Id=-2A, Vds=-10V If=-4A, Vgs=0V MIN TYP MAX -10 1 -1.0 0.055 0.09 5 -0.85 -1.1 -2.5 0.065 0.11 UNITS A A V S V
Dynamic characteristics
PARAMETER Input Capacitance Output Capacitance Feedback Capacitance SYMBOL Ciss Coss Crss CONDITIONS Vds=-10V, Vgs=0V f=1MHz MIN TYP 680 450 170 MAX
Ta=25: UNITS pF pF pF
u
Switching characteristics
PARAMETER Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time SYMBOL td (on) tr td (off) tf Vgs=-5V, Id=-2A Vdd=-10V CONDITIONS MIN TYP 15 20 30 20 MAX Ta=25: UNITS ns ns ns ns
Thermal characteristics
PARAMETER Thermal Resistance (channel-surroundings) SYMBOL Rth (ch-a) CONDITIONS Implement on a glass epoxy resin PCB MIN TYP 62.5 MAX UNITS :/W
Electrical Characteristics
Drain Current Vs. Drain / Source Voltage Drain Current Vs. Gate / Source Voltage
Drain / Source On-State Resistance Vs. Gate / Source Voltage
Drain / Source On-State Resistance Vs. Drain Current
u
Drain / Source On-State Resistance Vs. Ambient Temp.
Gate / Source Cut Off Voltage Variance Vs. Ambient Temp.
Electrical Characteristics
Drain / Source Voltage Vs. Capacitance Switching Time Vs. Drain Current
Gate / Source Voltage Vs. Gate Charge
Reverse Drain Current Vs. Source / Drain Voltage
u
Standardized Transition Thermal Resistance Vs. Pulse Width


▲Up To Search▲   

 
Price & Availability of XP134A11A1SR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X