Part Number Hot Search : 
UNR31 D1010 TMBR6S05 12521 PT2275 T17C1 R1C10 HPS3KW
Product Description
Full Text Search
 

To Download XP132A1635SR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-Channel Power MOS FET DMOS Structure Low On-State Resistance : 0.033 (max) Ultra High-Speed Switching SOP - 8 Package
Applications Notebook PCs Cellular and portable phones On - board power supplies Li - ion battery systems
General Description
The XP132A1365SR is a P-Channel Power MOS FET with low on-state resistance and ultra high-speed switching characteristics. Because high-speed switching is possible, the IC can be efficiently set thereby saving energy. The small SOP-8 package makes high density mounting possible.
Features
Low on-state resistance : Rds (on) = 0.033 ( Vgs = -4.5V ) Rds (on) = 0.055 ( Vgs = -2.5V ) Ultra high-speed switching Operational Voltage : -2.5V High density mounting : SOP - 8
Pin Configuration
S S S G 1 2 3 4 8 7 6 5 D D D D
Pin Assignment
PIN NUMBER 1-3 4 5-8 PIN NAME S G D FUNCTION Source Gate Drain
u
SOP - 8 Top View
Equivalent Circuit
Absolute Maximum Ratings
Ta=25 OC PARAMETER SYMBOL Vdss Vgss Id Idp Idr Pd Tch Tstg RATINGS -20 + 12 -8 -32 -8 2.5 150 -55 to 150 UNITS V V A A A W
O
1 2 3 4
8 7 6 5
Drain - Source Voltage Gate - Source Voltage Drain Current (DC) Drain Current (Pulse) Reverse Drain Current Continuous Channel Power Dissipation (note) Channel Temperature Storage Temperature
C C
O
P - Channel MOS FET ( 1 device built-in )
( note ) : When implemented on a glass epoxy PCB
Electrical Characteristics
DC characteristics
PARAMETER Drain Cut-off Current Gate-Source Leakage Current Gate-Source Cut-off Voltage Drain-Source On-state Resistance ( note ) Forward Transfer Admittance ( note ) Body Drain Diode Forward Voltage ( note ) : Effective during pulse test. SYMBOL Idss Igss Vgs (off ) Rds ( on ) | Yfs | Vf CONDITIONS Vds = - 20 , Vgs = 0V Vgs = 12 , Vds = 0V Id = -1mA , Vds = - 10V Id = - 4A , Vgs = - 4.5V Id = - 4A , Vgs = - 2.5V Id = - 4A , Vds = - 10V If = - 8A , Vgs = 0V - 0.5 0.025 0.04 16 - 0.85 - 1.1 MIN TYP MAX - 10
1
Ta=25C UNITS A A V S V
- 1.2 0.033 0.055
Dynamic characteristics
PARAMETER SYMBOL Ciss Coss Crss Vds = - 10V , Vgs = 0V f = 1 MHz CONDITIONS MIN TYP 1700 1000 500 MAX Ta=25C UNITS pF pF pF
u
Input Capacitance Output Capacitance Feedback Capacitance
Switching characteristics
PARAMETER Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time SYMBOL td ( on ) tr td ( off ) tf Vgs = - 5V , Id = - 4A Vdd = - 10V CONDITIONS MIN TYP 15 45 70
65
MAX
Ta=25C UNITS ns ns ns ns
Thermal characteristics
PARAMETER Thermal Resistance ( channel - surroundings ) SYMBOL Rth ( ch - a ) CONDITIONS Implement on a glass epoxy resin PCB MIN TYP 50 MAX UNITS C / W
Electrical Characteristics
Drain Current vs. Drain/Source Voltage Drain Current vs. Gate/Source Voltage
Drain Current:Id (A)
Drain/Source Voltage:Vds (V)
Drain Current:Id (A)
Gate/Source Voltage:Vgs (V)
Drain/Source On-State Resistance vs. Gate/Source Voltage
Drain/Source On State Resistance:Rds (on)( ) Drain/Source On State Resistance:Rds (on)( )
Drain/Source On-State Resistance vs. Drain Current
u
Gate/Source Voltage:Vgs (V)
Drain Current:Id (A)
Drain / Source On-State Resistance vs. Ambient Temp.
Drain/Source On State Resistance:Rds (on)( ) Gate/Source Cut Off Voltage variance :Vgs(off) Variance (V)
Gate / Source Cut Off Voltage Variance vs. Ambient Temp.
Ambient Temp. :Topr ( )
Ambient Temp. :Topr ( )
Electrical Characteristics
Capacitance vs. Drain/Source Voltage Switching Time vs. Drain Current
Switching Time:t (ns)
Capacitance:C (pF)
Drain/Source Voltage:Vds (V)
Drain Current:Id (A)
Gate/Source Voltage vs. Gate Charge
Reverse Drain Current vs. Source/Drain Voltage
u
Gate Charge:Qg (nc)
Reverse Drain Current:Idr (A)
Gate/Source Voltage:Vgs (V)
Source/Drain Voltage:Vsd (V)
Standardized Transition Thermal Resistance vs. Pulse Width
Standardized Transition Thermal Resistance: s(t)
Pulse Width:PW (s)


▲Up To Search▲   

 
Price & Availability of XP132A1635SR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X