Part Number Hot Search : 
C152H STA335A BDT61A ATTINY85 C1648X NCP1205P UC3843 IN4731
Product Description
Full Text Search
 

To Download XLUY34D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.SunLED.com
Part Number:
XLUY34D
T-1 (3mm) SOLID STATE LAMP
Features
LOW POWER CONSUMPTION. POPULAR T-1 DIAMETER PACKAGE. GENERAL PURPOSE LEADS. RELIABLE AND RUGGED. LONG LIFE - SOLID STATE RELIABILITY. AVAILABLE ON TAPE AND REEL. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted.
Absolute maximum ratings (TA=25C) ) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] Lead Solder Temperature [5mm Below Package Base] VR IF iFS PT TA Tstg
UY (GaAsP/ GaP) 5 30 140 105 -40 ~ +85 -40 ~ +85
Unit V mA mA mW C
Operating Characteristics (TA=25C) ) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (VR=5V) Wavelength of Peak Emission (IF=10mA) Wavelength of Dominant Emission (IF=10mA) Spectral Line Full Width At Half-Maximum (IF=10mA) Capacitance (VF=0V, f=1MHz) VF VF IR
UY (GaAsP/ GaP) 1.95 2.5 10
Unit
V V uA
P
590
nm
260C For 3 Seconds 260C For 5 Seconds
D
588
nm
C
35
nm
20
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=10mA) mcd min. typ. 5
Wavelength nm P
Viewing Angle 2 1/2
XLUY34D
Yellow
GaAsP/GaP
Yellow Diffused
1.8
590
60
Published Date : MAY 22,2005
Drawing No :XDSA2355
V4
Checked : B.L.LIU
P.1/3
www.SunLED.com
Part Number:
XLUY34D
T-1 (3mm) SOLID STATE LAMP
UY
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAY 22,2005
Drawing No :XDSA2355
V4
Checked : B.L.LIU
P.2/3
www.SunLED.com
Part Number:
XLUY34D
T-1 (3mm) SOLID STATE LAMP
XLUY34D
Published Date : MAY 22,2005
Drawing No :XDSA2355
V4
Checked : B.L.LIU
P.3/3


▲Up To Search▲   

 
Price & Availability of XLUY34D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X