Part Number Hot Search : 
98266 KD40F40 ER801 A100MF SRF540 ATA5757 0US60 FOD410
Product Description
Full Text Search
 

To Download VQ2004J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VQ2004J
P-Channel Enhancement-Mode MOSFET Transistor
Product Summary
V(BR)DSS Min (V)
-60
rDS(on) Max (W)
5 @ VGS = -10 V
VGS(th) (V)
-2 to -4.5
ID (A)
-0.41
Features
D D D D D High-Side Switching Low On-Resistance: 2.5 W Moderate Threshold: -3.4 V Fast Switching Speed: 40 ns Low Input Capacitance: 75 pF
Benefits
D D D D D Ease in Driving Switches Low Offset (Error) Voltage Low-Voltage Operation High-Speed Switching Easily Driven Without Buffer0
Applications
D Drivers: Relays, Solenoids, Lamps, Hammers, Displays, Memories, Transistors, etc. D Battery Operated Systems D Power Supply, Converter Circuits D Motor Control
Dual-In-Line D1 P S1 G1 NC G2 P S2 D2 1 2 3 4 5 6 7 Top View Plastic: VQ2004J 14 13 12 11 10 9 8 D4 S4 G4 NC G3 S3 D3 P P
Absolute Maximum Ratings (TA = 25_C Unless Otherwise Noted)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C) Pulsed Drain Currenta TA= 25_C TA= 100_C TA= 25_C TA= 100_C
Symbol
VDS VGS ID IDM PD RthJA TJ, Tstg
Single
-60 "30 -0.41 -0.23 -3 1.3 0.52 96
Total Quad
Unit
V
A
2 0.8 62.5 -55 to 150 W _C/W _C
Power Dissipation Maximum Junction-to-Ambient Operating Junction and Storage Temperature Range Notes a. Pulse width limited by maximum junction temperature.
Updates to this data sheet may be obtained via facsimile by calling Siliconix FaxBack, 1-408-970-5600. Please request FaxBack document #70220.
Siliconix P-37655--Rev. B, 25-Jul-94
1
VQ2004J
Specificationsa
Limits Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate Body Leakage Gate-Body V(BR)DSS VGS(th) IGSS VGS = 0 V, ID = -10 mA VDS = VGS, ID = -1 mA VDS = 0 V, VGS = "30 V TJ = 125_C VDS = -60 V, VGS = 0 V VDS = -48 V, VGS = 0 V, TJ = 125_C VDS = -10 V, VGS = -10 V VGS = -10 V, ID = -1 A TJ = 125_C VDS = -10 V, ID = -0.5 A VDS = -7.5 V, ID = -0.1 A 200 -1 -2 2.5 4.4 325 0.45 mS 5 8 -60 -2 -110 -3.4 V -4.5 "100 "500 -10 -500 nA
Symbol
Test Conditions
Min
Typb
Max
Unit
Zero Gate Voltage Drain Current On-State Drain Currentc Drain Source On-Resistancec Drain-Source On Resistance Forward Transconductance c Common Source Output Conductancec
IDSS ID(on) rDS( ) DS(on) gfs gos
mA A W
Dynamic
Input Capacitance Output Capacitance Reverse Transfer Capacitance Ciss Coss Crss VDS = -25 V, VGS = 0 V 25 V f = 1 MHz 75 40 18 150 60 25 pF
Switchingd
Turn-On Turn On Time td(on) tr Turn-Off Time td(off) tf Notes a. TA = 25_C unless otherwise noted. b. For DESIGN AID ONLY, not subject to production testing. c. Pulse test: PW v300 ms duty cycle v2%. d. Switching time is essentially independent of operating temperature. VDD = -25 V, RL = 47 W ID ^ -0 5 A VGEN = -10 V -0.5 A, RG = 25 W 11 30 20 20 15 40 ns 30 30 VPDV10
2
Siliconix P-37655--Rev. B, 25-Jul-94
VQ2004J
Typical Characteristics (25_C Unless Otherwise Noted)
Ohmic Region Characteristics
-2.0 TJ = 25_C -1.6 I D - Drain Current (A) VGS = -10 V I D - Drain Current (mA) -9 V -8 V -7 V -0.8 -6 V -0.4 -5 V -4 V 0 0 -1 -2 -3 -4 -5 VDS - Drain-to-Source Voltage (V) -0.5 0 0 -0.4 -0.8 -1.2 -1.6 -2.0 VDS - Drain-to-Source Voltage (V) -16 -20 TJ = 25_C VGS = -4.0 V
Output Characteristics for Low Gate Drive
-1.2
-12
-3.8 V
-8 -3.6 V -3.4 V -3.2 V
-4
Transfer Characteristics
7 TJ = -55_C rDS(on) - On-Resistance ( W ) 6
On-Resistance vs. Gate-to-Source Voltage
TJ = 25_C
-0.4 I D - Drain Current (A) VDS = -10 V -0.3
25_C 125_C
I D = 0.1 A 5 4 3 2 1 0.5 A 1.0 A
-0.2
-0.1
0 0 -2 -4 -6 -8 -10 VGS - Gate-Source Voltage (V)
0 0 -4 -8 -12 -16 -20 VGS - Gate-Source Voltage (V)
10 rDS(on) - Drain-Source On-Resistance (W )
On-Resistance vs. Drain Current
rDS(on) - Drain-Source On-Resistance (Normalized)
2.00 1.75 1.50 1.25 1.00 0.75 0.50
Normalized On-Resistance vs. Junction Temperature
VGS = -10 V ID = 0.5 A
8
6
4
VGS = -10 V
2
0 0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 ID - Drain Current (A)
-50
-10
30
70
110
150
TJ - Junction Temperature (_C)
Siliconix P-37655--Rev. B, 25-Jul-94
3
VQ2004J
Typical Characteristics (25_C Unless Otherwise Noted) (Cont'd)
-10 VDS = -5 V I D - Drain Current (mA) 160 -1 TJ = 150_C 25_C 125_C -0.1 -55_C C - Capacitance (pF)
Threshold Region
200 VGS = 0 V f = 1 MHz
Capacitance
120 Ciss 80 Coss 40 Crss
-0.01 -1.0
0 -1.5 -2.0 -2.5 -3.0 -3.5 -4.0 -4.5 0 -10 -20 -30 -40 -50 VGS - Gate-to-Source Voltage (V) VDS - Drain-to-Source Voltage (V)
Gate Charge
-15.0 VGS - Gate-to-Source Voltage (V) -12.5 -10.0 VDS = -50 V -7.5 -5.0 -2.5 0 0 100 200 300 400 500 Qg - Total Gate Charge (pC) 1 -0.1 -80 V ID = -0.5 A t - Switching Time (ns) 100
Load Condition Effects on Switching
tr tf td(off) 10 td(on)
VDD = -25 V RL = 25 W VGS = 0 to -10 V (Pulse) -1.0 ID - Drain Current (A)
100
Drive Resistance Effects on Switching
g fs - Forward Transconductance (mS) tr
500
Transconductance
TJ = -55_C
t - Switching Time (ns)
tf td(off) 10 td(on)
400 25_C 300 125_C 200
VDD = -25 V RL = 50 W VGS = 0 to -10 V ID = -500 mA 1 10 RG - Gate Resistance (W) 100
100
0 0 -100 -200 -300 -400 -500 ID - Drain Current (A)
4
Siliconix P-37655--Rev. B, 25-Jul-94


▲Up To Search▲   

 
Price & Availability of VQ2004J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X