Part Number Hot Search : 
A105K SZ5234B A105K BP506 2N5911 SE336 LM7924 SZ5234B
Product Description
Full Text Search
 

To Download UPA1817 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
PA1817
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
DESCRIPTION
The PA1817 is a switching device which can be driven directly by a 2.5 V power source. This device features a low on-state resistance and excellent switching characteristics, and is suitable for applications such as power management of notebook computers and so on.
PACKAGE DRAWING (Unit: mm)
8 5 1, 2, 3 : Source 4 : Gate 5, 6, 7, 8: Drain
1.2 MAX. 1.00.05 0.25
FEATURES
* 2.5 V drive available * Low on-state resistance RDS(on)1 = 12 m MAX. (VGS = -4.5 V, ID = -6.0 A) RDS(on)2 = 12.5 m MAX. (VGS = -4.0 V, ID = -6.0 A) RDS(on)3 = 19.2 m MAX. (VGS = -2.5 V, ID = -6.0 A) * Built-in G-S protection diode against ESD
3 +5 -3 0.10.05 1 4 0.5 0.6 +0.15 -0.1
0.145 0.055
3.15 0.15 3.0 0.1
6.4 0.2 4.4 0.1 1.0 0.2
ORDERING INFORMATION
PART NUMBER PACKAGE Power TSSOP8
0.65 0.27 +0.03 -0.08 0.8 MAX.
PA1817GR-9JG
0.1
0.10 M
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
Drain to Source Voltage (VGS = 0 V) Gate to Source Voltage (VDS = 0 V) Drain Current (DC) (TA = 25C) Drain Current (pulse)
Note1 Note2
VDSS VGSS ID(DC) ID(pulse) PT Tch Tstg
-20
V V A A W C C
EQUIVALENT CIRCUIT
Drain
m 12 m 12 m 48
2.0 150 -55 to +150
Gate Gate Protection Diode
Body Diode
Total Power Dissipation Channel Temperature Storage Temperature
Source
Notes 1. PW 10 s, Duty Cycle 1% 2 2. Mounted on ceramic substrate of 5000 mm x 1.1 mm Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. G16253EJ1V0DS00 (1st edition) Date Published August 2002 NS CP(K) Printed in Japan
(c)
2002
PA1817
ELECTRICAL CHARACTERISTICS (TA = 25C)
CHARACTERISTICS Zero Gate Voltage Drain Current Gate Leakage Current Gate Cut-off Voltage Forward Transfer Admittance Drain to Source On-state Resistance SYMBOL IDSS IGSS VGS(off) | yfs | RDS(on)1 RDS(on)2 RDS(on)3 Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Body Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) trr Qrr VDD = -16 V VGS = -4.0 V ID = -12 A IF = 12 A, VGS = 0 V IF = 12 A, VGS = 0 V di/dt = 100 A/s TEST CONDITIONS VDS = -20 V, VGS = 0 V VGS = MIN. TYP. MAX. UNIT
-1.0
A A
V S
m 12 V, VDS = 0 V
-0.5
15
m 10
-1.1
30 9.6 10 14.5 3100 730 450 29 235 170 230 27 5.6 12 0.82 70 52 12 12.5 19.2
VDS = -10 V, ID = -1.0 mA VDS = -10 V, ID = -6.0 A VGS = -4.5 V, ID = -6.0 A VGS = -4.0 V, ID = -6.0 A VGS = -2.5 V, ID = -6.0 A VDS = -10 V VGS = 0 V f = 1.0 MHz VDD = -10 V, ID = -6.0 A VGS = -4.0 V RG = 10
-1.5
m m m pF pF pF ns ns ns ns nC nC nC V ns nC
TEST CIRCUIT 1 SWITCHING TIME
VGS(-) D.U.T. RL PG. RG VDD
VDS
TEST CIRCUIT 2 GATE CHARGE
D.U.T. IG = -2 mA 50 RL VDD
VGS
Wave Form
0
10 %
VGS
90 %
VDS(-)
90 % 90 % 10 % 10 %
PG.
VDS VGS (-) 0 = 1 s Duty Cycle 1%
Wave Form
0 td(on) ton
tr
td(off) toff
tf
2
Data Sheet G16253EJ1V0DS
PA1817
TYPICAL CHARACTERISTICS (TA = 25C)
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA
120
TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE
2.5 Mounted on ceramic substrate of 2 5000 mm x 1.1 mm Mounted on FR-4 board 2 of 2500 mm x 1.6 mm
dT - Percentage of Rated Power - %
PT - Total Power Dissipation - W
0 25 50 75 100 125 150 175
100
2
80
1.5
60
1
40
20
0.5
0
0 0 25 50 75 100 125 150 175
TA - Ambient Temperature - C FORWARD BIAS SAFE OPERATING AREA
- 100 ID(pulse) ID(DC) - 10 PW = 1 m s
TA - Ambient Temperature - C
ID - Drain Current - A
10 m s -1 R DS (on) Lim ited (VGS = -4.5 V) - 0.1
Single pulse Mounted on ceram ic substrate of 2 5000 m m x 1.1 m m
100 m s DC
- 0.01 - 0.1
-1
- 10
- 100
VDS - Drain to Source Voltage - V TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
1000
rth(ch-A) - Transient Thermal Resistance - C/W
Single pulse
Mounted on FR-4 board of 2500 mm2 x 1.6 mm 125 C/W
100
10 Mounted on ceramic substrate of 5000 mm2 x 1.1 mm 62.5C/W 1
0.1 1m
10 m
100 m
1
10
100
1000
PW - Pulse Width - s
Data Sheet G16253EJ1V0DS
3
PA1817
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE
- 50 Pulsed - 40 VGS = -4.5 V
- 10
FORWARD TRANSFER CHARACTERISTICS
- 100 VDS = -10 V P u ls e d
ID - Drain Current - A
ID - Drain Current - A
-4.0 V
-1 - 0 .1 - 0 .0 1 - 0 .0 0 1 - 0 .0 0 0 1 - 0 .5
- 30 -2.5 V - 20
T A = 1 2 5 C 7 5 C 2 5 C - 2 5 C
- 10
0 0 - 0.2 - 0.4 - 0.6 - 0.8
-1
- 1 .5
-2
- 2 .5
VDS - Drain to Source Voltage - V
VGS - Gate to Source Voltage - V
GATE CUT-OFF VOLTAGE vs. CHANNEL TEMPERATURE
- 1.4
FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT
100
- 1.2
| yfs | - Forward Transfer Admittance - S
VGS(off) - Gate Cut-off Voltage - V
VDS = -10 V ID = -1.0 m A
VDS = -10 V Pulsed
10
TA = 125C 75C 25C -25C
-1
- 0.8
1
- 0.6
- 0.4 -50 0 50 100 150
0.1 - 0.01
- 0.1
-1
- 10
- 100
Tch - Channel Temperature - C DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE RDS(on) - Drain to Source On-state Resistance - m RDS(on) - Drain to Source On-state Resistance - m
30 25 20 15 10 5 0 -50 0 50 100 150 ID = -6.0 A Pulsed
ID - Drain Current - A DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE
30 25 20 15 10 5 0 0 -2 -4 -6 -8 - 10 - 12 ID = -6.0 A Pulsed
VGS = -2.5 V
-4.0 V -4.5 V
Tch - Channel Temperature - C
VGS - Gate to Source Voltage - V
4
Data Sheet G16253EJ1V0DS
PA1817
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT RDS(on) - Drain to Source On-state Resistance - m RDS(on) - Drain to Source On-state Resistance - m
30 25 20 15 10 5 0 - 0.01
25C
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT
30 25 20 15 10 5 0 - 0.01
25C -25C
VGS = -4.5 V Pulsed
VGS = -4.0 V Pulsed
TA = 125C 75C
TA = 125C 75C
-25C
- 0.1
-1
- 10
- 100
- 0.1
-1
- 10
- 100
ID - Drain Current - A DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT
30
10000
ID - Drain Current - A CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
V GS = 0 V f = 1.0 M H z C iss
RDS(on) - Drain to Source On-state Resistance - m
25 20 15 10
TA = 125C 75C
Ciss, Coss, Crss - Capacitance - pF
VGS = -2.5 V Pulsed
1000 C oss C rss
25C
5 0 - 0.01
-25C
- 0.1
-1
- 10
- 100
100 - 0.1
-1
- 10
- 100
ID - Drain Current - A SWITCHING CHARACTERISTICS
1 00 00 100
VDS - Drain to Source Voltage - V SOURCE TO DRAIN DIODE FORWARD VOLTAGE
VGS = 0 V Pulsed
td(on), tr, td(off), tf - Switching Time - ns
IF - Diode Forward Current - A
VDD = -10 V V G S = - 4 .0 V R G = 10 tf
10
1 00 0
1
td(off) 1 00 td(on) tr 10 - 0 .01
0.1
0.01 - 0 .1 -1 - 10 - 1 00 0.4 0.6 0.8 1 1.2
ID - Drain Current - A
VF(S-D) - Source to Drain Voltage - V
Data Sheet G16253EJ1V0DS
5
PA1817
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
-5 ID = -12 A VDD = -4.0 V -10 V -16 V
VGS - Gate to Source Voltage - V
-4
-3
-2
-1
0 0 5 10 15 20 25 30 35
QG - Gate Charge - nC
6
Data Sheet G16253EJ1V0DS
PA1817
[MEMO]
Data Sheet G16253EJ1V0DS
7
PA1817
* The information in this document is current as of August, 2002. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC's data sheets or data books, etc., for the most up-to-date specifications of NEC semiconductor products. Not all products and/or types are available in every country. Please check with an NEC sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without prior written consent of NEC. NEC assumes no responsibility for any errors that may appear in this document. * NEC does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC semiconductor products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of customer. NEC assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC endeavours to enhance the quality, reliability and safety of NEC semiconductor products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. * NEC semiconductor products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. The recommended applications of a semiconductor product depend on its quality grade, as indicated below. Customers must check the quality grade of each semiconductor product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC semiconductor products is "Standard" unless otherwise expressly specified in NEC's data sheets or data books, etc. If customers wish to use NEC semiconductor products in applications not intended by NEC, they must contact an NEC sales representative in advance to determine NEC's willingness to support a given application. (Note) (1) "NEC" as used in this statement means NEC Corporation and also includes its majority-owned subsidiaries. (2) "NEC semiconductor products" means any semiconductor product developed or manufactured by or for NEC (as defined above).
M8E 00. 4


▲Up To Search▲   

 
Price & Availability of UPA1817

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X