Part Number Hot Search : 
1615S48 7805CD2 X55C11 P6KE600 2SC4132 5933B SPT7910 211NC
Product Description
Full Text Search
 

To Download UM7200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UM7000 / UM7100/UM7200
HIGH POWER PIN DIODES
DESCRIPTION The UM7000 and UM7100 series offer moderately high power handling in combination with reasonably low levels of both series resistance and capacitance. The UM7200 series offers the lowest series resistance, but the highest capacitance of the group. The differences in specified performance, for each of the series, results from different I-region thickness. The three series have broad applicability in many RF and microwave switch and attenuator circuits. Additionally, the UM7100 in leaded versions is usually the most cost-effective diode choice in high volume usage.
KEY FEATURES
WWW .Microsemi .C OM
Voltage ratings to 1000V (UM7000) Average power dissipation to 10 W Series resistance as low as 0.25 Carrier lifetime greater than 2.5 s Non cavity design Thermally matched configuration
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
Low capacitance at 0 V bias Low conductance at 0 V bias
ABSOLUTE MAXIMUM RATINGS AT 25 C (UNLESS OTHERWISE SPECIFIED)
Package
A B&E C D SM All
Condition
O 25 C Pin Temperature
PD
10 W 5.5 W 1.5 W 10 W 7.5 W 8W UM7000 UM7100 UM7200
15 OC/W 27.5 OC/W 15 OC/W 20 OC/W 17 OC/W 60 kW 35 kW 20 kW
Compatible with automatic insertion equipment
1/2 in. total length to 25 OC Contact Free Air O 25 C Stud Temperature
O 25 C Stud Temperature O 25 C End Cap Temperature
APPLICATIONS/BENEFITS Isolated stud package available Surface mount package available
1 us pulse (Single)
VOLTAGE RATINGS
Reverse Voltage @ 10 uA 100 200 400 600 800 1000 UM7001 UM7002 UM7006 UM7010 UM7101 UM7102 UM7104 UM7108 UM7201 UM7202 UM7204 -
UM7000 SERIES UM7000 SERIES
Style "B"
Style "SM"
Copyright 2005 Rev. 0, 2005-09-08
Microsemi
Page 1
UM7000 / UM7100/UM7200
HIGH POWER PIN DIODES
ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
WWW .Microsemi .C OM
Parameter
Reverse Current (Max) Series Resistance(Max) Capacitance (Max) Parallel Resistance(Min) Carrier Lifetime(Min) I-Region Width (Min)
Symbol
IR RS CT RP
Conditions
At rated voltage If = 100 mA, F= 100 MHz VR = 100 V, F = 1 MHZ VR = 100 V, F = 100 MHz IF = 10 mA -
UM7000
10 1.0 0.9 200k 2.5 150
UM7100
10 0.6 1.2 150k 2.0 80
UM7200
10 0.25 2.2 70k 1.5 40
Units
uA Ohm pF Ohms us um
W
UM7000 TYPICAL
3
CAPACITANCE (pF)
2 1 MHz
5 MHz 1 10 MHz => 100 MHz
ELECTRICALS ELECTRICALS
0 100 101 102 103
Vr (V)
Copyright 2005 Rev. 0, 2005-09-08
Microsemi
Page 2
UM7000 / UM7100/UM7200
HIGH POWER PIN DIODES
UM7100 TYPICAL
3 1 MHz
WWW .Microsemi .C OM
CAPACITANCE (pF)
5 MHz 2 10 MHz
1
=>100 MHz
0 100 101 102 103
Vr (V)
UM7200 TYPICAL
3 1 MHz 10 MHz 100 MHz 2 =>100 MHz
CAPACITANCE (pF)
1
ELECTRICALS ELECTRICALS
0 100 101 102 103
Vr (V)
Copyright 2005 Rev. 0, 2005-09-08
Microsemi
Page 3
UM7000 / UM7100/UM7200
HIGH POWER PIN DIODES
UM7000 TYPICAL
103 100 MHz
WWW .Microsemi .C OM
102
Rp (kOhms)
0.5 GHz 1.0 GHz 101
3.0 GHz
100 100 101 102 103
Vr (V)
UM7100 TYPICAL
3 10 100 MHz
102
0.5 GHz
Rp (kOhms)
1.0 GHz
ELECTRICALS ELECTRICALS
101
3.0 GHz 100 100 101 102 103
Vr (V)
Copyright 2005 Rev. 0, 2005-09-08
Microsemi
Page 4
UM7000 / UM7100/UM7200
HIGH POWER PIN DIODES
UM7200 TYPICAL
102 100 MHz 0.5 GHz
WWW .Microsemi .C OM
101
1.0 GHz
Rp (kOhms)
100
3.0 GHz
10-1 100 101 102 103
Vr (V)
Rs versus If TYPICAL
105
104 UM7000
10
3
Rs (Ohms)
UM7100 10 2 UM7200 10 1
ELECTRICALS ELECTRICALS
10
0
10
-1 10-3 10-2 10-1 100 101 102 103
If (mA)
Copyright 2005 Rev. 0, 2005-09-08
Microsemi
Page 5
UM7000 / UM7100/UM7200
HIGH POWER PIN DIODES
If versus Vf TYPICAL
10 0 UM7200 UM7100 UM7000
WWW .Microsemi .C OM
10-1
If (mA)
10
-2
10-3
10-4
10-5 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
Vf (V)
POWER RATING STUD MOUNTED DIODES TYPICAL
12
MAX POWER DISSIPATION (W)
10 "C" PACKAGE 8
6
ELECTRICALS ELECTRICALS
"D" PACKAGE 4
2
0 0 25 50 75 100 125 150 175
STUD TEMPERATURE (C)
Copyright 2005 Rev. 0, 2005-09-08
Microsemi
Page 6
UM7000 / UM7100/UM7200
HIGH POWER PIN DIODES
WWW .Microsemi .C OM
PULSE THERMAL IMPEDANCE VERSUS WIDTH TYPICAL
PULSE THERMAL IMPEDANCE (C/W)
102
THETA = 15 C/W MAX. 101
100
UM7200
---------UM7100
ELECTRICALS ELECTRICALS
UM7000
10-1
10-2 10-6 10-5 10-4 10-3 10-2 10-1 100
PULSE WIDTH (SEC)
Copyright 2005 Rev. 0, 2005-09-08
Microsemi
Page 7
UM7000 / UM7100/UM7200
HIGH POWER PIN DIODES
WWW .Microsemi .C OM
STYLE "A"
STYLE "B"
STYLE "C"
STYLE "CR"
MECHANICAL MECHANICAL MECHANICAL
Copyright 2005 Rev. 0, 2005-09-08
Microsemi
Page 8
UM7000 / UM7100/UM7200
HIGH POWER PIN DIODES
WWW .Microsemi .C OM
STYLE "D"
STYLE "DR"
STYLE "E"
STYLE "SM"
MECHANICAL MECHANICAL
Copyright 2005 Rev. 0, 2005-09-08
Microsemi
Page 9
UM7000 / UM7100/UM7200
HIGH POWER PIN DIODES
WWW .Microsemi .C OM
UM7000/UM7100/UM7200 STYLE "SM" FOOTPRINT
NOTES: 1. These dimensions will match the terminals and provide for additional solder fillets at the outboard ends at least as wide as the terminals themselves, assuming accuracy of placement within 0.005" 2. If the mounting method chosen requires use of an adhesive separate from the solder compound, a round (or square) spot of cement as shown should be centrally located.
MECHANICAL MECHANICAL
Copyright 2005 Rev. 0, 2005-09-08
Microsemi
Page 10
UM7000 / UM7100/UM7200
HIGH POWER PIN DIODES
NOTES:
WWW .Microsemi .C OM
NOTES NOTES
Copyright 2005 Rev. 0, 2005-09-08
Microsemi
Page 11


▲Up To Search▲   

 
Price & Availability of UM7200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X