Part Number Hot Search : 
10C60 SL900 IRFNG50 CPH3223 LMR67802 3S12HZ64 D1020 IRF7205
Product Description
Full Text Search
 

To Download ULQ2003A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ULQ2001A - ULQ2003A ULQ2002A - ULQ2004A
SEVEN DARLINGTON ARRAYS
.SEVEN .EXTENDED .OUTPUT .OUTPUT .I .OUTPUTS .TTL/ .I
DARLINGTONS PER PACKAGE TEMPERATURE RANGE (-40 to 105C) CURRENT 500 mA PER DRIVER (600 mA PEAK) VOLTAGE 50 V NTEGRAL SUPPRESSION DIODES FOR INDUCTIVE LOADS CAN BE PARALLELED FOR HIGHER CURRENT CMOS/PMOS/DTL COMPATIBLE INPUTS NPUTS PINNED OPPOSITE OUTPUTS TO SIMPLIFY LAYOUT
DIP16
SO16 ORDERING NUMBERS: ULQ2001A/2A/3A/4A (DIP16) ULQ2001D1/2D1/3D1/4D1 (SO16)
DESCRIPTION The ULQ2001A, ULQ2002A, ULQ2003 and ULQ2004A are high voltage, high current darlington arrays each containing seven open collector darlington pairs with common emitters. Each channel is rated at 500 mA and can withstand peak currents of 600 mA. Suppression diodes are included for inductive load driving and the inputs are pinned opposite the outputs to simplify board layout. The four versions interface to all common logic families :
ULQ2001A ULQ2002A ULQ2003A ULQ2004A General Purpose, DTL, TTL, PMOS, CMOS 14-25V PMOS 5V TTL, CMOS 6-15V CMOS, PMOS
PIN CONNECTION
These versatile devices are useful for driving a wide range of loads including solenoids, relays DC motors, LED displays filament lamps, thermal printheads and high power buffers. The ULQ2001A/2002A/2003A and 2004A are supplied in 16 pin plastic DIP packages with a copper leadframe to reduce thermal resistance. They are available also in small outline package (SO-16) as ULQ2001D1/2002D1/2003D1/2004D1.
February 2002 1/7
ULQ2001A - ULQ2002A - ULQ2003A - ULQ2004A
SCHEMATIC DIAGRAM
Series ULQ-2001A (each driver)
Series ULQ-2002A (each driver)
Series ULQ-2003A (each driver)
Series ULQ-2004A (each driver)
ABSOLUTE MAXIMUM RATINGS
Symbol Vo Vin Ic Ib
Tamb
Parameter Output Voltage Input Voltage (for ULQ2002A/D1 - 2003A/D1 - 2004A/D1) Continuous Colletor Current Continuous Base Current Operating Ambient Temperature Range Storage Temperature Range Junction Temperature
Value 50 30 500 25 -40 to 105 -55 to 150 150
Unit V V mA mA C C C
Tstg Tj
THERMAL DATA
Symbol Rth j-amb Parameter Thermal Resistance Junction-ambient Max. DIP16 70 SO16 120 Unit C/W
2/7
ULQ2001A - ULQ2002A - ULQ2003A - ULQ2004A
ELECTRICAL CHARACTERISTICS
Symbol ICEX Parameter Output Leakage Current
(TJ = -40 to 105oC for DIP16 unless otherwise specified) (TJ = 25 to 105oC for SO16 unless otherwise specified)
Test Conditions VCE = 50V TJ = 105C, VCE = 50V TJ = 105C for ULQ2002A VCE = 50V, Vi = 6V for ULQ2004A VCE = 50V, Vi = 1V IC = 100mA, IB = 250A IC = 200mA, IB = 350A IC = 350mA, IB = 500A for ULQ2002A for ULQ2003A for ULQ2004A Vi Vi Vi Vi = = = = 17V 3.85V 5V 12V 50 2V, 2V, 2V, 2V, 2V, 2V, 2V, 2V, IC = 300mA IC = 200mA IC = 250mA IC = 300mA IC = 125mA IC = 200mA IC = 275mA IC = 350mA 1000 15 0.5 Vi to 0.5 Vo 0.5 Vi to 0.5 Vo VR = 50V TJ = 105C, VR = 50V IF = 350mA 1.7 0.25 0.25 25 (*) 1 (*) 1 (*) 50 100 2 0.9 1.1 1.3 0.82 0.93 0.35 1 65 13 2.4 2.7 3 5 6 7 8 Min. Typ. Max. 50 100 500 500 1.1 1.3 1.6 1.25 1.35 0.5 1.45 Unit A A A A V V V mA mA mA mA A V V V V V V V V - pF s s A A V Fig. 1a 1a 1b 1b 2 2 2 3 3 3 3 4 5 5 5 5 5 5 5 5 2 - - - 6 6 7
VCE(sat)
Collector-emitter Saturation Voltage Input Current
Ii(on)
Ii(off) Vi(on)
Input Current Input Voltage
TJ = 105C, IC = 500A for ULQ2002A for ULQ2003A for ULQ2004A VCE = VCE = VCE = VCE = VCE = VCE = VCE = VCE =
hFE Ci tPLH tPHL IR VF
DC Forward Current Gain Input Capacitance Turn-on Delay Time Turn-off Delay Time Clamp Diode Leakage Current Clamp Diode Forward Voltage
for ULQ2001A
VCE = 2V, IC = 350mA
(*) Guaranteed by design
3/7
ULQ2001A - ULQ2002A - ULQ2003A - ULQ2004A
TEST CIRCUITS Figure 1a. Figure 1b.
Figure 2.
Figure 3.
Figure 4.
Figure 5.
Figure 6.
Figure 7.
4/7
ULQ2001A - ULQ2002A - ULQ2003A - ULQ2004A
mm MIN. A a1 a2 b b1 C c1 D (1) E e e3 F (1) G L M S 3.8 4.6 0.4 9.8 5.8 1.27 8.89 4 5.3 1.27 0.62 8(max.) 0.150 0.181 0.016 0.35 0.19 0.5 45 (typ.) 10 6.2 0.386 0.228 0.050 0.350 0.157 0.209 0.050 0.024 0.394 0.244 0.1 TYP. MAX. 1.75 0.25 1.6 0.46 0.25 0.014 0.007 0.020 0.004 MIN. inch TYP. MAX. 0.069 0.009 0.063 0.018 0.010
DIM.
OUTLINE AND MECHANICAL DATA
SO16 Narrow
(1) D and F do not include mold flash or protrusions. Mold flash or potrusions shall not exceed 0.15mm (.006inch).
5/7
ULQ2001A - ULQ2002A - ULQ2003A - ULQ2004A
DIM. MIN. a1 B b b1 D E e e3 F I L Z 0.51 0.77
mm TYP. MAX. MIN. 0.020 1.65 0.5 0.25 20 8.5 2.54 17.78 7.1 5.1 3.3 1.27 0.030
inch TYP. MAX.
OUTLINE AND MECHANICAL DATA
0.065 0.020 0.010 0.787 0.335 0.100 0.700 0.280 0.201 0.130
DIP16
0.050
6/7
ULQ2001A - ULQ2002A - ULQ2003A - ULQ2004A
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
7/7


▲Up To Search▲   

 
Price & Availability of ULQ2003A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X