|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
11 TQM7M5008 Preliminary Data Sheet Quad-Band GSM/EDGE Polar Power Amplifier Module Features Functional Block Diagram * * * * * * * * * * * GSM/EDGE Multi-Mode Capability Optimized for Operation with Qualcomm's Multi-mode MSM6280/RTR6275 chip sets - 87dBm typical Rx Noise - 38dB Typical ACPR (200KHz) - 66dB Typical ACPR (400 KHz) - 76dB Typical ACPR (600 KHz) 1% Typical EVM rms > 50dB Typical Dynamic Range GPRS Class 12 Internally Matched Input and Output RoHS, MSL260C pending Product Description The TQM7M5008 is a small (7x7mm), GSM/EDGE PAM for handset applications. This module has been optimized for excellent EDGE efficiency , ACPR and EVM in an open loop polar modulation environment at EDGE class E2+ operation while maintaining high GSM/GPRS efficiency. The TQM7M5008 was optimized for operation with the Qualcomm RTR6275 regarding input power range and Rx band performance. High reliability is assured by utilizing TriQuint's 3rd generation InGaP HBT technology and by TriQuint's proven module design techniques. Applications * * GSM/EDGE Handsets GSM/EDGE Wireless Cards and Data Links Package Style Package Size: LGA 7 x 7 x 1.1 mm Top View Electrical Specifications Parameter 850 Band Min 50 3 20 Typ 35.5 55 5.5 29 25 -58 3 5.5 8 3 5.5 20 8 Max Min 34.5 48 3 900 Band Typ 35.3 53 5.5 29 25 -58 8 3 5.5 20 8 Max DCS Band Min 43 3 Typ 50 5.5 28 25 -58 8 3 5.5 22 8 Max Min 32.3 44 3 32.5 33.9 PCS Band Typ 33.2 50 5.5 28 26 -58 8 8 Max GSM Pout 34.8 Efficiency Pin EDGE Pout Efficiency ACPR (400KHz) Pin For additional information and latest specifications, see our website: www.triquint.com Revision F - March 15, 2007 Data Sheet: Subject to change without notice 1 |
Price & Availability of TQM7M5008 |