Part Number Hot Search : 
005057 HA1V6 BZX84C15 TAR5S27U P6KE600C AK200B5 IR3510M TMEGA1
Product Description
Full Text Search
 

To Download TEN06-05S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * PACKAGE, 1.61 x 1.02 x 0.33 INCH * NO EXTERNAL INPUT AND OUTPUT CAPACITOR NEEDED * 2:1 WIDE INPUT VOLTAGE RANGE * LOW RIPPLE & NOISE * FIVE-SIDED SHIELD * OVER CURRENT PROTECTION * SHORT CIRCUIT PROTECTION * LONG LIFE WITHOUT ELECTROLYTIC CAPACITOR
The TEN06 series offer 6 watts of output power from a 1.61 x 1.02 x 0.33 inch package without derating to 50C and without external input/output capacitor. The TEN06 series with 2:1 wide input voltage of 4.5-9, 9-18, 18-36 and 36-75VDC and features 500VAC of isolation, short-circuit protection. The safety meets to EN60950 and UL1950. All models are particularly suited to telecommunications, industrial, mobile telecom and test equipment applications.
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Maximum output power Voltage accuracy Minimum load Line regulation Load regulation Ripple and noise Maximum temperature drift Transient response recovery time Short circuit protection Over current protection 25% load step change LL to HL at Full Load 10% to 100% FL 50MHz bandwidth Full load and nominal Vin
All specifications are typical at nominal input, full load and 25C otherwise noted
GENERAL SPECIFICATIONS
6 Watts 2% 0% 0.2% 0.5% 120mVp-p, max I0.02% / C 500uS, typ Isolation capacitance Safety standard pending Switching frequency Case material Base material Weight 4.5 - 9VDC 9 - 18VDC 18 - 36VDC 36 - 75VDC L-C filter 15VDC 36VDC 50VDC 100VDC See figure 1 Dimension MTBF (Note 4) Isolation resistance Efficiency Isolation voltage Input to Output Input to Case Output to Case Input to Output Input to Case Output to Case See table 500 Vac
DC500V
50M ohms 300 pF,max
IEC60950, J60950, UL60950, EN60950 100 to 1500 KHz Metal case None 20.0g (0.71oz) 1.61 x 1.02 x 0.33 Inch (41 x 25.8 x 8.5 mm) 650Fit (1500000hrs, 100% Load)
Full load to No load
Continuous, automatics recovery 150%, typ.
INPUT SPECIFICATIONS
Input voltage range 5V nominal input 12V nominal input 24V nominal input 48V nominal input 5V nominal input 12V nominal input 24V nominal input 48V nominal input
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range (with derating) Storage temperature range Cooling Thermal shock Vibration Shock -20C to +70C -40C to +85C Nature convection MIL-STD-810D At no operation, 10~55~10Hz (sweep for 15min.) amplitude 1. 5mm constant (maximum 9G X, Y, Z 2hrs each) 100G 20% to 95% RH 20% to 95% RH
Input filter Input surge voltage 100mS max Remote ON/OFF
OUTPUT VOLTAGE ADJUSTMENT TERMINAL(Vset ) (Note1)
Model number XXS33 XXS05 XXS12 XXD12 Model number XXS33 XXS05 XXS12 XXD12 Open 3.3V 5V 12V I12V Open 3.3V 5V 12V I12V -Vout shorted +Vout shorted 3.67V 2.84V 4.3V 6V 15V I15V -Vout connected +Vout connected with resistance (2) with resistance (2) 3.3 to 3.67V (3-1) 3.3 to 2.84V (3-2) 5 to 6V (3-3) 5 to 4.3V (3-4) 12 to 15V (3-5) I12 to I15V (3-6) -
Operating humidity range Storage humidity range
EMC CHARACTERISTICS
Meet EN55022 classes A recommend circuit with external capacitor filter at input ( Note 5 ) EMC external circuit 5V 12V 24V 48V input 220uF/16V input 220uF/25V input 100uF/50V input 100uF/100V
+
Input
DC-DC Converter
+
Output
-
-
Model Number
TEN06-05S33 TEN06-05S05 TEN06-05S12 TEN06-05D12 TEN06-12S33 TEN06-12S05 TEN06-12S12 TEN06-12D12 TEN06-24S33 TEN06-24S05 TEN06-24S12 TEN06-24D12 TEN06-48S33 TEN06-48S05 TEN06-48S12 TEN06-48D12
Input Range
4.5 - 9 VDC 4.5 - 9 VDC 4.5 - 9 VDC 4.5 - 9 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC
Output Voltage
3.3 VDC 5 VDC 12 VDC I12 VDC 3.3 VDC 5 VDC 12 VDC I12 VDC 3.3 VDC 5 VDC 12 VDC I12 VDC 3.3 VDC 5 VDC 12 VDC I12 VDC
Output Voltage Range
2.84 - 3.67 VDC 4.3 - 6 VDC 12 - 15 VDC I12 - I15 VDC 2.84 - 3.67 VDC 4.3 - 6 VDC 12 - 15 VDC I12 - I15 VDC 2.84 - 3.67 VDC 4.3 - 6 VDC 12 - 15 VDC I12 - I15 VDC 2.84 - 3.67 VDC 4.3 - 6 VDC 12 - 15 VDC I12 - I15 VDC
Output Current
1200 mA 1000 mA 500 mA I250 mA 1500 mA 1200 mA 500 mA I250 mA 1500 mA 1200 mA 500 mA I250 mA 1500 mA 1200mA 500 mA I250 mA
Input Current (6)
1212 mA 1429 mA 1622 mA 1667 mA 604 mA 658 mA 617 mA 617 mA 286 mA 321 mA 309 mA 309 mA 143 mA 165 mA 155 mA 155 mA
Eff (%)
70 74 78 76 73 80 85 85 77 82 85 85 77 80 85 85
(7)
Capacitor(8) Load max
6600 uF 3000 uF 1400 uF I510 uF 6600 uF 3000 uF 1400 uF I510 uF 6600 uF 3000 uF 1400 uF I510 uF 6600 uF 3000 uF 1400 uF I510 uF
Note
1. The follow output voltage can be outputted by connecting this terminal to an output + or - terminal. Unless the output voltage is adjusted, this terminal should be open. 2. In addition, the voltage can be adjusted not by shorting these terminals, but by connecting them to resistances as shown below. 3. Arithmetic expression connected resistance: R ( K ) 3-1 Vo=(3.3*R+36.7)/(R+10) 3-2 Vo=(3.3*R+36.7)/(R+12.92) 3-3 Vo=2.5*[2+2.7/(R+6.8)] 3-4 Vo=2.5*[2-2.7/(R+9.5)] 3-5 Vo=2.5+9.5(R+10.9)/(R+.2) 3-6 Vo=2.5+22*(R+12.7)/(R+10)(Between two outputs) 4. Bellcore TR-NWT-000332. Case1:50% Stress, temperature at 40C. (Ground fixed and controlled environment) 5. The filter capacitor recommended use " CHEMICON " KMF series or equivalent impedance at 0.16 ~ 0.33 ( 100KHz 20 ) 6. Maximum value at nominal input voltage and full load. 7. Typical value at nominal input voltage and full load. 8. Test by minimum Vin and constant resistor load.
BOTTOM VIEW
ALL DIMENSIONS IN INCHES (mm)
Figure 1 Derating Curve EXTERNAL OUTPUT TRIMMING OUTPUT POWER (%) Output can be externally trimmed by using the method shown below. ( ) for dual output trim
TRIM UP TRIM DOWN 100 75 50 25 0 -20 -10 0
PIN PITCH TOLERANCE I0.014(0.35)
PIN CONNECTION
PIN 1 2 3 4 5 6 7 SINGLE + Vi Ctrl - Vi NC - Vo Vset + Vo DUAL + Vi Ctrl - Vi - Vo COM Vset + Vo
Nature convection
5(4)
6(6)
RU
6(6) 7(7)
RD
30 40 50 60 70 80
AMBIENT TEMPERATURE (C)


▲Up To Search▲   

 
Price & Availability of TEN06-05S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X