Part Number Hot Search : 
DU1113 AP3125A LM3440 4805S D4UB40 LTC4096 P1011 G8912BE
Product Description
Full Text Search
 

To Download STS25NH3LL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-CHANNEL 30V - 0.0032 - 25A SO-8 STripFETTM III MOSFET FOR DC-DC CONVERSION
TYPE STS25NH3LL
s s s s
STS25NH3LL
VDSS 30 V
RDS(on) <0.0035
ID 25 A
TYPICAL RDS(on) = 0.0032 @ 10V OPTIMAL RDS(on) x Qg TRADE-OFF @ 4.5V CONDUCTION LOSSES REDUCED SWITCHING LOSSES REDUCED
DESCRIPTION
The STS25NH3LL utilizes the latest advanced design rules of ST's propetary STripFETTM technology. This novel 0.6 process coupled to unique metalization techniques re alizes the most advanced low voltage MOSFET in SO-8 ever produced. It is therefore suit able for the most demanding DC-DC converter applications where high efficiency is to be achived at high output current.
SO-8
INTERNAL SCHEMATIC DIAGRAM APPLICATIONS s DC-DC CONVERTERS FOR TELECOM AND NOTEBOOK CPU CORE s SYNCHRONOUS RECTIFIER
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VDGR VGS ID ID IDM(*) EAS (1) Ptot April 2003
.
Parameter Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Single Pulse Avalanche Energy Total Dissipation at TC = 25C
Value 30 30 18 25 18 100 200 3.2
(1) Starting Tj = 25 oC
Unit V V V A A A mJ W
VDD = 30V
(*) Pulse width limited by safe operating area.
ID = 12.5A
1/8
STS25NH3LL
THERMAL DATA
Rthj-amb Rthj-lead Tj Tstg
(*)Thermal
Resistance Junction-ambient Thermal Resistance Junction-leads Maximum Operating Junction Temperature Storage Temperature
[
Max Max
47 16 -55 to 175 -55 to 175
C/W C/W C C
(*) When Mounted on 1 inch2 FR-4 board, 2 oz of Cu and t
10 sec.
ELECTRICAL CHARACTERISTICS (Tcase = 25 C unless otherwise specified) OFF
Symbol V(BR)DSS IDSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating TC = 125C VGS = 18 V Min. 30 1 10 100 Typ. Max. Unit V A A nA
IGSS
ON (*)
Symbol VGS(th) RDS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance Test Conditions VDS = VGS VGS = 10 V VGS = 4.5 V ID = 250 A ID = 12.5 A ID = 12.5 A Min. 1 0.0032 0.004 0.0035 0.005 Typ. Max. Unit V
DYNAMIC
Symbol gfs (*) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VDS = 10 V ID = 12.5 A Min. Typ. 30 4450 655 50 Max. Unit S pF pF pF
VDS = 25V, f = 1 MHz, VGS = 0
2/8
STS25NH3LL
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions ID = 12.5 A VDD = 15 V RG = 4.7 VGS = 10 V (Resistive Load, Figure 1) VDD=15V ID=25A VGS=4.5 V (see test circuit, Figure 2) Min. Typ. 18 50 30 12.5 10 40 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbol td(off) tf Parameter Turn-off Delay Time Fall Time Test Conditions ID = 12.5 A VDD = 15 V RG = 4.7, VGS = 10 V (Resistive Load, Figure 3) Min. Typ. 75 8 Max. Unit ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (*) VSD (*) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 25 A VGS = 0 32 34 2.1 Test Conditions Min. Typ. Max. 25 100 1.2 Unit A A V ns nC A
di/dt = 100A/s ISD = 25 A VDD = 25 V Tj = 150C (see test circuit, Figure 3)
(*)Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. (*)Pulse width limited by safe operating area.
Safe Operating Area
Thermal Impedance
3/8
STS25NH3LL
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/8
STS25NH3LL
Normalized Gate Threshold Voltage vs Temperature Normalized on Resistance vs Temperature
Source-drain Diode Forward Characteristics
Normalized Breakdown Voltage vs Temperature.
.
.
5/8
STS25NH3LL
Fig. 1: Switching Times Test Circuits For Resistive Load Fig. 2: Gate Charge test Circuit
Fig. 3: Test Circuit For Diode Recovery Behaviour
6/8
STS25NH3LL
SO-8 MECHANICAL DATA
DIM. MIN. A a1 a2 a3 b b1 C c1 D E e e3 F L M S 3.8 0.4 4.8 5.8 1.27 3.81 4.0 1.27 0.6 8 (max.) 0.14 0.015 5.0 6.2 0.65 0.35 0.19 0.25 0.1 mm TYP. MAX. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 0.188 0.228 0.050 0.150 0.157 0.050 0.023 0.196 0.244 0.025 0.013 0.007 0.010 0.003 MIN. inch TYP. MAX. 0.068 0.009 0.064 0.033 0.018 0.010 0.019
0016023
7/8
STS25NH3LL
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is registered trademark of STMicroelectronics (R) 2003 STMicroelectronics - All Rights Reserved All other names are the property of their respective owners. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of STS25NH3LL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X