Part Number Hot Search : 
UF100 SAA570 SB260 CYT9174 2N4449 EB623R50 MB2400 2N4449
Product Description
Full Text Search
 

To Download SRF20100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOSPEC
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
Using the Schottky Barrier principle with a Molybdenum barrier metal. These state-of-the-art geometry features epitaxial construction with oxide passivation and metal overlay contact. Ideally suited for low voltage, high frequency rectification, or as free wheeling and polarity protection diodes. * Low Forward Voltage. * Low Switching noise. * High Current Capacity * Guarantee Reverse Avalanche. * Guard-Ring for Stress Protection. * Low Power Loss & High efficiency. * 125J Operating Junction Temperature * Low Stored Charge Majority Carrier Conduction. * Plastic Material used Carries Underwriters Laboratory
SRF2070 Thru SRF20100
SCHOTTKY BARRIER RECTIFIERS 20 AMPERES 70-100 VOLTS
ITO-220
MAXIMUM RATINGS
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Forward Current Total Device (Rated VR),TC=100J Peak Repetitive Forward Current (Rate VR, Square Wave, 20kHz) Non-Repetitive Peak Surge Current (Surge applied at rate load conditions halfware, single phase, 60Hz) Operating and Storage Junction Temperature Range Symbol 70 VRRM VRWM VR VR(RMS) IF(AV) 70 80 80 SRF20 90 90 100 100 V Unit
49
56 10 20 20
63
70
V
DIM
A
IFM
A
IFSM
200
A
TJ , TSTG
-65 to +125
J
A B C D E F G H I J K L M N P O Q
MILLIMETERS MIN MAX 15.05 15.15 13.35 13.45 10.00 10.10 6.55 6.65 2.65 2.75 1.55 1.65 1.15 1.25 0.55 0.65 2.50 2.60 3.00 3.20 1.10 1.20 0.55 0.65 4.40 4.60 1.15 1.25 2.65 2.75 3.35 3.45 3.15 3.25
ELECTRIAL CHARACTERISTICS
Characteristic Maximum Instantaneous Forward Voltage ( IF =10 Amp TC = 25J ) ( IF =10 Amp TC = 125J ) Maximum Instantaneous Reverse Current ( Rated DC Voltage, TC = 25J ) ( Rated DC Voltage, TC = 125J ) Symbol 70 VF 0.75 0.68 80 SRF20 90 0.80 0.70 100
Common Anode Suffix " A "
Unit
Common Cathode Suffix " C "
V
Double Suffix " D "
IR
1.0 30
mA
SRF2070 Thru SRF20100
FIG-1 FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD RECTIFIED CURRENT (Amp.) NSTANTANEOUS FORWARD CURRENT (Amp.)
FIG-2 TYPICAL FORWARD CHARACTERISITICS
SRF2070,SRF2080
SRF2090,SRF20100
CASE TEMPERATURE (J )
FORWARD VOLTAGE (Volts)
FIG-3 TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT (Amp.)
FIG-4 TYPICAL JUNCTION CAPACITANCE
SRF2070,SRF2080
SRF2090,SRF20100
JUNCTION CAPACITANCE (PF)
SRF2070,SRF2080 SRF2090,SRF20100
PERCENT OF RATED REVERSE VOLTAGE (M )
REVERSE VOLTAGE (Volts)
FIG-5 PEAK FORWARD SURGE CURRENT
CURRENT (Amp.) PEAK FORWARD SURGE
NUMBER OF CYCLES AT 60 Hz


▲Up To Search▲   

 
Price & Availability of SRF20100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X