Part Number Hot Search : 
MBRB1035 10700447 SVC222 SVC222 FR202 FR202 TDA1552Q 45DCB
Product Description
Full Text Search
 

To Download PM35L-048 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Mine be a- Mat s us hi t a Mot or Cor porat ion eMINEBEA.COM
PM35L-048
Reference Characteristics
PM35L-048 Motor Size 48(7.5/Step) Number of Steps per Rotation 2-2 PHASE Drive Method Drive Circuit UNIPOLAR CONST. VOLT. BIPOLAR CHOPPER Drive Voltage 24[V] 24[V] Current/Phase 500[mA] Coil Resistance/Phase 30[] 5.5[] Drive IC 2SC3346 UDN2916B-V Ferrite plastic magnet (MSPL) Magnet Material
Polar anisotropy ferrite sintered magnet (MS50)
Insulation Resistance Dielectric Strength Class of Insulation Operating Temp. Storage Temp. Operating Hum.
Nd-Fe-B bonded magnet (MS70) 100M[] MIN AC 500[V] 1[min] CLASS E -10[C] ~ 50[C] -30[C] ~ 80[C] 20[%] RH ~ 90[%] RH
Applications
OA Equipment : Printers / Scanners
PM Motor PM Type
Automotive : Meters / Optic axis control device Industrial equipment : Flow control valves Home automation appliances : Sewing machines
Torque Characteristics PM35L-048 UNI-CONST. V (at 24[V],30[])
700 600
Torque [X10 -4 N.m]
PM35L-048 BI-CHOPPER (at 24[V],5.5[],500[mA])
600 MSPL Pull-out MSPL Pull-in MS50 Pull-out MS50 Pull-in MS70 Pull-out MS70 Pull-in
Torque [ X10 -4 N.m]
500 400 300 200 100 0 0 200 400
Frequency [PPS]
MSPL Pull-out MSPL Pull-in MS50 Pull-out MS50 Pull-in MS70 Pull-out MS70 Pull-in
500 400 300 200 100 0
600
800
1000
0
500
1000
Frequency [PPS]
1500
2000
These torque values are reference only. Heat radiation conditions and temperature rise effect by duty are different on each equipment, therefore please select motors after considering the heat conditions in the actual equipment.
Dimensions
W 10 15
2R3 .5
S0.5 12.7
3.2
10 -0.1
D -0.01
2-
0
0
1.5
0.8 1MAX
420.2
If you would like to know this Dimensions(D,S,W,
22.2MAX
),Please
see Standerd Dimensions in our Home Page. Copyright 2004, Minebea Co., Ltd.
35
.8 5M 5. AX
3


▲Up To Search▲   

 
Price & Availability of PM35L-048

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X