Part Number Hot Search : 
21EBZ TNP50U DTQS3 ICX25 TW2864 E70IE 74F646B PCA9541
Product Description
Full Text Search
 

To Download PFC500-1028 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PerFormanCe POWER PFC500
The PFC500 products of the PerFormanCe Power series combine high performance midrange power with high power density (4.4 watts/in3), active Power Factor Correction (PFC) and high reliability to meet the requirements of commercial and industrial systems. Providing tightly regulated DC power, the PFC500 is delivers full output performance with only 300 Linear Feet per Minute (LFM) forced air cooling (factory installed fan optional). Other features FEATURES * Power Factor Correction (PFC) Meets EN61000-3-2 * Fully Regulated Outputs * Remote Sense * Current Share, Power Fail, and Power Good Signals * Overtemperature, Overvoltage, and Overcurrent Protected * Available with Metric or SAE Mountings * Input Transient & ESD Compliance to EN61000-4-2/-3/-4/-5 * Fan Output Voltage and Optional Fan * Optional Isolation Diodes for Parallel or Redundant Operation include remote sense, power fail, logic level inhibit, DC power good. Main channel current sharing is provided for redundant applications. The PFC500 is available with SAE mountings or optional metric mountings. The PFC500 product line is approved to the latest international regulatory standards, and displays the CE Mark.
SINGLE OUTPUT MODEL SELECTION CHART
MODEL OUTPUT VOLTAGE ADJUSTMENT RANGE MAXIMUM OUTPUT CURRENT (NOTE 1) LINE REGULATION LOAD REGULATION (NOTE 3) RIPPLE & NOISE %p-p (NOTE 2) INITIAL SETTING ACCURACY
PFC500-1024 PFC500-1028 PFC500-1048
NOTES:
24V 28V 48V
21.6V to 26.4V 25.2V to 30.8V 46.0V to 56.0V
21A 17.9A 10.4A
0.5% 0.5% 0.5%
0.2% 0.2% 0.5%
1% 1% 1%
23.88V to 24.12V 27.86V to 28.14V 47.52V to 48.48V
1) Output currents ratings are expressed with 300 LFM forced air. 2) Maximum peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth. 3) Remote sense connected.
INPUT SPECIFICATIONS
PARAMETER CONDITIONS/DESCRIPTION MIN NOM MAX UNITS
Input Voltage - AC Input Frequency Brown Out Protection Hold-Up Time Input Current Input Protection Inrush Surge Current Power Factor Operating Frequency
Continuous input range. AC Input. Lowest AC input voltage that regulation is maintained with full rated loads. Over full AC input voltage range at full rated load. 85 VAC at full rated load. Non-user serviceable internally located AC input line fuse, F10A, 250V. Internally limited by thermistor, one cycle, 25C. 110 VAC
220 VAC
85 47 85 20
264 63
7.8 35 65 0.98 100
VAC Hz VAC mS ARMS APK W/VA kHz
Per EN61000-3-2. Switching frequency of main transformer.
Rev. 04/2000
1
PerFormanCe POWER PFC500
OUTPUT SPECIFICATIONS
PARAMETER CONDITIONS/DESCRIPTION MIN NOM MAX UNITS
Efficiency Minimum loads
Ripple and Noise Output Power Overshoot / Undershoot Regulation
Transient Response Turn-on Delay Turn-on Rise Time
Full rated load, 110 VAC. Varies with distribution of loads among outputs. PFC500-1024 PFC500-1028 PFC500-1048 Full load, 20MHz bandwidth. 300 LFM forced air cooling required for operation. See optional fan. Continuous power, multiple output models. Output voltage overshoot/undershoot at turn-on. Without connection of remote sense. PFC500-1024 PFC500-1028 PFC500-1048 Recovery time, to within 1% of initial set point due to a 50-100% load change, 3% max. deviation. (Main output of multi-output units). Time required for initial output voltage stabilization. Time required for output voltage to rise from 10% to 90%.
75 0.6 0.6 1.2 See Model Selection Charts 500 0 0.8 0.7 1.0 1 1 10
% Amps
Watts V % mS Sec mS
INTERFACE SIGNALS AND INTERNAL PROTECTION
PARAMETER CONDITIONS/DESCRIPTION MIN NOM MAX UNITS
Overvoltage Protection
Overload Protection Overtemperature Protection Remote Sense Current Share Inhibit Input Power Fail Warning Power Good
Fan Voltage
PFC500-1024 27.0 30.7 PFC500-1028 32.0 35.0 PFC500-1048 60.0 70.0 Fully protected against output overload and short circuit. Automatic recovery upon removal of overload condition. System shutdown due to excessive internal temperature, automatic reset. Total voltage compensation for cable losses with respect to the main output. 250 Accuracy of shared current with up to 6 parallel units. 10 TTL compatible logic signal will inhibit outputs by the application of a logic low signal. An open circuit or external TTL high signal allows normal operation. TTL compatible logic signal. Time before regulation dropout due to 4 loss of input power at 110 VAC. TTL compatible signal. Signal is low if main output is greater PFC500-1024 22.08 27.36 or less than 10% of nominal. PFC500-1028 25.20 30.80 PFC500-1048 44.20 54.72 Provides 170mA current to user supplied fan if fan option is not selected. 12
V
mV %
mS V V
SAFETY, REGULATORY, AND EMI SPECIFICATIONS
PARAMETER CONDITIONS/DESCRIPTION MIN NOM MAX UNITS
Agency Approvals
Dielectric Withstand Voltage Electromagnetic Interference ESD Susceptibility Radiated Susceptibility EFT/Burst Input Transient Protection Insulation Resistance Leakage Current
UL1950. CSA 22.2 NO. 234/950. EN60950 (TUV). Input to output. FCC CFR title 47 Part 15 Sub-Part B - Conducted. EN55022 / CISPR 22 Conducted. Per EN61000-4-2, level 4. Per EN61000-4-3, level 3. Per EN61000-4-4, level 4. Per EN61000-4-5 class 3. Input to output. Per EN60950, 264 VAC.
Approved 2600 B B 8 10 4 1 2 10 2.0 VDC Class kV V/M kV kV M mA
Line to Line Line to Ground
2
PerFormanCe POWER PFC500
ENVIRONMENTAL SPECIFICATIONS
PARAMETER CONDITIONS/DESCRIPTION MIN NOM MAX UNITS
Altitude Operating Temperature
Operating. Non-Operating. Derate linearly above 50C by 2.5% per C. At 100% load At 50% load 0 0 -55
Storage Temperature Forced Air Cooling
10k 40k 50 70 85
ASL Ft. ASL Ft. C C C
Temperature Coefficient Relative Humidity Shock Vibration
Forced air cooling of 300 LFM is required if the internal fan is not specified. Cooling air velocity is measured 1/4" above, at the middle of the chassis. Airflow direction is from the input section to the output section. 0C to 70C (after 15 minute warm-up). Non-Condensing. Operating: 103mSec, 3 axis, Half Sine. Non-operating: 103mSec, 3 axis, Half Sine. Operating: 5-32Hz 32-2000Hz Sinusoidal Non-operating:
0.02 5
0.05 95 20 40 0.02 1 6.15
%/C %RH G in (DA) GPK GRMS
OPTIONS
DESCRIPTION NOTES SIZE IMPACT
Isolation Diodes Fan Metric Mounting
Add "D" as a suffix to the model number to order factory installed isolation diodes for parallel or redundant operation. Add "F" as a suffix to the model number to order integral fan. (provides required 300 LFM of forced air cooling). Add "M" as a suffix to the model number to order chassis with M4 x 0.7 mounting inserts.
N/A 10.50" x 5.00" x 2.50" (266.7mm x 127.0mm x 63.5mm) N/A
For the Most Up-To-Date Information
www.power-one.com
24 Hours/Day--7 Days/Week
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc. TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. Specifications are subject to change without notice.
3
PerFormanCe POWER PFC500
OVERALL SIZE: 9.00" x 5.00" x 2.50" (228.6mm x 127.0mm x 63.5mm) OVERALL LENGTH WITH FAN: 10.50" (266.7mm) WEIGHT: 4.3 LBS (1.95 kg)
8-32 FLUSH NUT 8 PLACES BOTH SIDES TYP. WITH METRIC MOUNTING OPTION: M4 X 0.7, 8 PLACES 2.50" (63.5mm)
FAN OPTION
1.20" (30.4mm)
9.00" (228.6mm) 1.50" (38.1mm) 1. 25" (31.8mm) 6.50" (165.1mm) 0.70" (17.8mm)
5.00" (127.0mm)
SUGGESTED AIR FLOW
3.12" (79.2mm) (BOTTOM VIEW)
3.900" (99.1mm)
PIN 1 SIG GND PIN 2 PF PIN 3 PWR GOOD PIN 4 N/C
PIN 1 +SENSE PIN 2 --SENSE
PIN 3 INHIBIT
PIN 4 +FAN
+SHARE
FAN OPTION
(TOP VIEW)
1
TB2
1 2 3
J4 +V1
J3
J5
TB1
AC-L AC-N CHASSIS GND
3 1
V1 ADJ
4 5 6
J4, J3, J5 Molex Series 5048, 0.46mm Square pins on 2.50mm centers. Customer connection: P4,P3,P5 Mating Housing: Molex 5051, 5102, or Equiv. P4,P3,P5 Mating Terminals: Molex 4809 or 40445, or Equiv.
-V1/RTN
INPUT & OUTPUT CONNECTIONS: 6-32 SCREW TERMINAL ON 0.375" (9.5mm) CENTERS CHASSIS: 0.090" (2.3mm) ALUMINUM ALLOY, WITH CLEAR FINISH
4
N/C


▲Up To Search▲   

 
Price & Availability of PFC500-1028

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X