Part Number Hot Search : 
BDX20 C1302 B0938 80C34X2 GROUP TPC8123 AD8322 4558D
Product Description
Full Text Search
 

To Download PDZ15B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
book, halfpage
M3D049
PDZ-B series Voltage regulator diodes
Product specification Supersedes data of 1998 Jan 09 1998 Apr 23
Philips Semiconductors
Product specification
Voltage regulator diodes
FEATURES * Total power dissipation: max. 400 mW * Small plastic package suitable for surface mounted design * Wide variety of voltage ranges: nom. 2.4 to 36 V (E24 range). APPLICATIONS * General voltage regulation.
handbook, halfpage
PDZ-B series
PINNING
DESCRIPTION Low-power general purpose voltage regulator diodes in a small plastic SMD SOD323 package.
1
Top view
Fig.1 Simplified outline (SOD323) and symbol.
MARKING TYPE NUMBER PDZ2.4B PDZ2.7B PDZ3.0B PDZ3.3B PDZ3.6B PDZ3.9B PDZ4.3B PDZ4.7B MARKING CODE Z0 Z1 Z2 Z3 Z4 Z5 Z6 Z7 TYPE NUMBER PDZ5.1B PDZ5.6B PDZ6.2B PDZ6.8B PDZ7.5B PDZ8.2B PDZ9.1B PDZ10B MARKING CODE Z8 Z9 ZA ZB ZC ZD ZE ZF
TYPE NUMBER PDZ11B PDZ12B PDZ13B PDZ15B PDZ16B PDZ18B PDZ20B PDZ22B
,
PIN 1 2
DESCRIPTION cathode anode
2
MAM387
MARKING CODE ZG ZH ZJ ZK ZL ZM ZN ZP
TYPE NUMBER PDZ24B PDZ27B PDZ30B PDZ33B PDZ36B
MARKING CODE ZQ ZR ZS ZT ZU
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL IF IZSM Ptot Tstg Tj Note 1. Device mounted on a printed-circuit board measuring 11 x 25 x 1.6 mm. PARAMETER continuous forward current non-repetitive peak reverse current total power dissipation storage temperature junction temperature tp = 100 s; square wave; Tamb = 25 C prior to surge Tamb = 25 C; note 1; see Fig.2 CONDITIONS MIN. - MAX. 200 UNIT mA
see Table 2 - -65 - 400 +150 150 mW C C
1998 Apr 23
2
Philips Semiconductors
Product specification
Voltage regulator diodes
THERMAL CHARACTERISTICS SYMBOL Rth j-s Rth j-a Note 1. Device mounted on a printed-circuit board measuring 11 x 25 x 1.6 mm. ELECTRICAL CHARACTERISTICS Table 1 Total series Tj = 25 C unless otherwise specified. SYMBOL VF IR PARAMETER forward voltage reverse current PDZ2.4B PDZ2.7B PDZ3.0B PDZ3.3B PDZ3.6B PDZ3.9B PDZ4.3B PDZ4.7B PDZ5.1B PDZ5.6B PDZ6.2B PDZ6.8B PDZ7.5B PDZ8.2B PDZ9.1B PDZ10B PDZ11B PDZ12B PDZ13B PDZ15B PDZ16B PDZ18B PDZ20B PDZ22B PDZ24B PDZ27B PDZ30B PDZ33B PDZ36B CONDITIONS IF = 10 mA; see Fig.3 IF = 100 mA; see Fig.3 VR = 1 V VR = 1 V VR = 1 V VR = 1 V VR = 1 V VR = 1 V VR = 1 V VR = 1 V VR = 1.5 V VR = 2.5 V VR = 3 V VR = 3.5 V VR = 4 V VR = 5 V VR = 6 V VR = 7 V VR = 8 V VR = 9 V VR = 10 V VR = 11 V VR = 12 V VR = 13 V VR = 15 V VR = 17 V VR = 19 V VR = 21 V VR = 23 V VR = 25 V VR = 27 V 3 PARAMETER thermal resistance from junction to soldering point thermal resistance from junction to ambient note 1 CONDITIONS
PDZ-B series
VALUE 130 340
UNIT K/W K/W
MAX. 0.9 1.1 50 20 10 5 5 3 3 2 2 1 500 500 500 500 500 100 100 100 100 50 50 50 50 50 50 50 50 50 50
UNIT V V A A A A A A A A A A nA nA nA nA nA nA nA nA nA nA nA nA nA nA nA nA nA nA nA
1998 Apr 23
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... 1998 Apr 23 4 Philips Semiconductors Table 2 Per type Tj = 25 C unless otherwise specified. WORKING VOLTAGE VZ (V) at IZ = 5 mA DIFFERENTIAL RESISTANCE rdif () TEMP. COEFF. SZ (mV/K) at IZ = 5 mA (see Figs 4 and 5) TYP. -1.6 -2.0 -2.1 -2.4 -2.4 -2.5 -2.5 -1.4 0.3 1.9 2.7 3.4 4.0 4.6 5.5 6.4 7.4 8.4 9.4 11.4 12.4 14.4 16.4 18.4 20.4 23.4 26.6 29.7 33.0 DIODE CAP. Cd (pF) at f = 1 MHz; VR = 0 MAX. 450 440 425 410 390 370 350 325 300 275 250 215 170 150 120 110 108 105 103 99 97 93 88 84 80 73 66 60 59 NON-REPETITIVE PEAK REVERSE CURRENT IZSM (A) at tp = 100 s; Tamb = 25 C MAX. 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 5.5 5.5 5.5 5.5 3.5 3.5 3.5 3.5 3.0 3.0 2.5 2.0 1.5 1.5 1.5 1.3 1.3 1.0 1.0 0.9 0.8
Voltage regulator diodes
TYPE NUMBER
MIN. PDZ2.4B PDZ2.7B PDZ3.0B PDZ3.3B PDZ3.6B PDZ3.9B PDZ4.3B PDZ4.7B PDZ5.1B PDZ5.6B PDZ6.2B PDZ6.8B PDZ7.5B PDZ8.2B PDZ9.1B PDZ10B PDZ11B PDZ12B PDZ13B PDZ15B PDZ16B PDZ18B PDZ20B PDZ22B PDZ24B PDZ27B PDZ30B PDZ33B PDZ36B 2.43 2.69 2.85 3.32 3.60 3.89 4.17 4.55 4.96 5.48 6.06 6.65 7.28 8.02 8.85 9.77 10.78 11.74 12.91 14.34 15.85 17.56 19.52 21.54 23.72 26.19 29.19 32.15 35.07
MAX. 2.63 2.91 3.07 3.53 3.85 4.16 4.48 4.75 5.20 5.73 6.33 6.93 7.60 8.36 9.23 10.21 11.22 12.24 13.49 14.98 16.51 18.35 20.39 22.47 24.78 27.53 30.69 33.79 36.87
MAX. 1000 1000 1000 1000 500 500 600 600 250 100 80 60 60 60 60 60 60 80 80 80 80 80 100 100 120 150 200 250 300
at IZ (mA) 0.5 0.5 0.5 0.5 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
MAX. 100 100 95 95 90 90 90 90 60 50 50 40 10 10 10 10 10 10 10 15 20 20 20 25 30 40 40 40 60
at IZ (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
PDZ-B series
Product specification
Philips Semiconductors
Product specification
Voltage regulator diodes
GRAPHICAL DATA
PDZ-B series
handbook, halfpage
500
MBK245
MBG781
handbook, halfpage
300
Ptot (mW) 400
IF (mA) 200
300
200
100
100
0 0 50 100 150 200 Tamb (C)
0 0.6
0.8
VF (V)
1.0
Tj = 25 C.
Fig.3 Fig.2 Power derating curve.
Forward current as a function of forward voltage; typical values.
MGL273
MGL274
handbook, halfpage
0
handbook, halfpage
10
12 SZ (mV/K) -1 4.3 SZ (mV/K) 5 11 10 9.1 8.2 7.5 6.8 3.9 3.6
6.2 5.6 5.1 4.7
-2
3.3 3.0 2.4 2.7
0
-3
-5 0 20 40 IZ (mA) 60
0
4
8
12
16
IZ (mA)
20
PDZ2.4B to PDZ4.3B. Tj = 25 C to 150 C.
PDZ4.7B to PDZ12B. Tj = 25 C to 150 C.
Fig.4
Temperature coefficient as a function of working current; typical values.
Fig.5
Temperature coefficient as a function of working current; typical values.
1998 Apr 23
5
Philips Semiconductors
Product specification
Voltage regulator diodes
PACKAGE OUTLINE Plastic surface mounted package; 2 leads
PDZ-B series
SOD323
A A1
E
bp
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max. + 0.05 - 0.05 bp 0.40 0.25 c D
0.25 0.10
Note 1. The marking bar indicates the cathode. OUTLINE VERSION SOD323
,
Lp HE D 1 2
(1)
Q
c
vMA
A
0
1
2 mm
scale
E
HE
Lp
Q
v 0.2
1.8 1.6
1.35 1.15
2.7 2.3
0.45 0.15
0.25 0.15
REFERENCES
IEC
JEDEC
EIAJ
EUROPEAN PROJECTION
ISSUE DATE 98-09-14
1998 Apr 23
6
Philips Semiconductors
Product specification
Voltage regulator diodes
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
PDZ-B series
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
7
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 632 2000, Fax. +46 8 632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2686, Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1998
Internet: http://www.semiconductors.philips.com
SCA57
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
115104/00/03/pp8
Date of release: 1998 Apr 23
Document order number:
9397 750 03729


▲Up To Search▲   

 
Price & Availability of PDZ15B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X