Part Number Hot Search : 
UPD43256 G208M 25TTS16S LTC4418 UL5100 40128 1452A 045STRL
Product Description
Full Text Search
 

To Download NTE2348 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2348 Silicon NPN Transistor High Voltage, High Speed Switch
Features: D High Breakdown Voltage, High Reliability D Fast Switching Speed D Wide Safe Operating Area Absolute Maximum ratings: (TA = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1100V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12A Peak (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30A Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6A Collector Dissipation (TC = +25C), PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Note 1. Pulse Width 300s, Duty Cycle 10%. Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain Bandwidth Product Output Capacitance Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Symbol ICBO IEBO hFE (1) hFE (2) fT Cob VBE(sat) Test Conditions VCB = 800V, IE = 0 VEB = 5V, IC = 0 VCE = 5V, IC = 800mA VCE = 5V, IC = 4A VCE = 10V, IC 800mA VCB = 10V, f = 1MHz IC = 6A, IB = 1.2mA Min - - 10 8 - - - - Typ - - - - 15 215 - - Max 10 10 - - - - 2.0 1.5 MHz pF V V Unit A A
VCE(sat) IC = 6A, IB = 1.2mA
Electrical Characteristics (Cont'd): (TA = +25C unless otherwise specified)
Parameter Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Symbol Test Conditions Min 1100 800 7 800 - - - Typ - - - - - - - Max - - - - 0.5 3.0 0.3 Unit V V V V s s s V(BR)CBO IC = 1mA, IE = 0 V(BR)EBO IE = 1mA, IC = 0
Collector-Emitter Breakdown Voltage V(BR)CEO IC = 5mA, RBE = Collector-Emitter Sustaining Voltage VCEX(sus) IC = 6A, IB1 = IB2 = 1.2mA, L = 2mH, Clamped Turn-On Time Storage Time Fall Time ton tstg tf VCC = 400V, IB1 = -2.5A, IB2 =IC = 8A, RL = 50
.190 (4.82)
.615 (15.62)
C
.787 (20.0) .591 (15.02) .126 (3.22) Dia
.787 (20.0)
B
C
E
.215 (5.47)


▲Up To Search▲   

 
Price & Availability of NTE2348

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X