Part Number Hot Search : 
ICS85 AEXXXXXX NSM025 SF25I ORP12 LM863 DLQ5258B GMS82512
Product Description
Full Text Search
 

To Download NTE1820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1820 Integrated Circuit Module, Dual AF PO, 30W/Ch, Dual Power Supply
Features: D Contains Emitter Follower Circuit for Upgrading D Case Temperature +125C is Guaranteed, Thereby Enabling Great Reduction of Heat Sink D By Attaching Muting Circuit Externally, Pop Noise at Power ON/OFF can be Rejected Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Maximum Supply Voltage, VCCmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43V Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.2C/W Maximum Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Operating Case Temperature, TC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +125C Available Time for Load Shorted (VCC = 27.5V, RL = 8, PO = 30W, f = 50Hz), ts . . . . . . . . . 2sec Recommended Operating Conditions: (TA = +25C unless othrwise specified) Recommended Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27.5V Load Resistance, RL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Operating Characteristics: (TA = +25C, VCC = 27.5V, RL = 8, Rg = 600, VG = 40dB unless otherwise specified)
Parameter Quiescent Current Output Power Total Harmonic Distortion Frequency Response Input Resistance Output Noise Voltage Midpoint Voltage Symbol ICCO PO(1) PO(2) THD fL, fH ri VNO VN VCC = 34V THD = 0.02%, f = 20Hz to 20kHz VCC = 23V, THD = 0.08%, RL = 4, f = 1kHz PO = 1W, f = 20Hz to 20kHz PO = 1W PO = 1W VCC = 34V VCC = 34V Test Conditions Min 35 30 30 -
Typ
Max 120 - - 0.02 - - 1.2 +70
Unit mA W W % Hz mVrms mV
70 - - -
10 to 100k - - -70 90k - -
10
5
12
9
R2 TR1 TR2 TR7 TR6 3 C1 R6 R7 TR10 14 TR9
1 2
TR3
TR4
R4
TR8 D2
16 15
R5 TR5 R3 R8 TR11 TR12
R1 D1
SUB 4 7 6 8 11 13
3.071 (90.7) 2.756 (70.0) .315 (8.0)
1.733 (44.0)
.866 (22.0) 1 .135 (3.45) Dia (2 Holes) 16
.492 (12.5)
.100 (2.54) 1.500 (38.1)
.200 (5.08) Min


▲Up To Search▲   

 
Price & Availability of NTE1820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X